Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM-1011 Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # EM-1011
Description  EM-1011 is ultra-small Hall effect ICs of a single silicon chip composed of Hall element and a signal processing IC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

EM-1011 Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  EM-1011 Datasheet HTML 1Page - Asahi Kasei Microsystems EM-1011 Datasheet HTML 2Page - Asahi Kasei Microsystems EM-1011 Datasheet HTML 3Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EM-1011
●Temparature Dependence of Bop. Brp
●Output during start-up period
●(For reference only)Land Pattern(Unit:mm)
●Package(Unit:mm)
Ambient Temperature[℃]
●Application Circuit
●Supply Voltage
Ambient Temperature[℃]
•Please be aware that our products are not intended for use in life support equipment, devices, or systems. Use of our products in such applications requires the
advance written approval of our sales staff.
Certain applications using semiconductor devices may involve potential risks of personal injury, property damage, or loss of life. In order to minimize these risks,
adequate design and operating safeguards should be provided by the customer to minimize inherent or procedural hazards. Inclusion of our products in such
applications is understood to be fully at the risk of the customer using our devices or systems.
Note1) The sensor center is located
    within the φ0.3mm circle.
Note2) The tolerances of dimensions
    with no mentions is ±0.1mm.
Note3) Coplanarity:The differnces between
    standoff of terminals are max.0.1mm.
Note4) The sensor part is located 0.4mm(typ.)
    far from marking surface.
c
j
20
15
0
5
10
–40
–20
0
20
40
60
80
100
120
140
–40
–20
0
20
40
60
80
100
120
140
0
−2
−4
2
4
6
Bop
Brp
−6
VDD=12V
Bypass Capacitor(0.1μF)
1:TEST
3:VDD
4:VSS
Pull-up
Resister
EM-1011
VDD
GND
VOUT
2:OUT
0.1
0∼0.1
0.3
2.1±0.1
1.3
1
4
3
2
φ0.3
Sensor center
Pin No.
1
2
3
4
Pin Name
TEST
OUT
VDD
VSS
Function
TEST
Output Voltage
Supply Voltage
GND
Comment
N.C
1.30
0.50
0
[mT]
[V]
[V]
0
VDD>3.5V
B>Bop
S-pole
0
0
[mT]
[V]
[V]
0
VDD>3.5V
B>Bop
N-pole
0
B
VDD
OUT
f
p
q
36


Similar Part No. - EM-1011

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
EM-1661 AKM-EM-1661 Datasheet
137Kb / 3P
   Shipped in packet-tape reel(5000pcs/Reel)
EM-1711 AKM-EM-1711 Datasheet
138Kb / 3P
   EM-1711 is ultra-small Hall effect ICs of a single silicon chip composed of Hall element and a signal processing IC
EM-1712 AKM-EM-1712 Datasheet
134Kb / 3P
   EM-1712 is ultra-small Hall effect ICs of a single silicon chip composed of Hall element and a signal processing IC
EM-1771 AKM-EM-1771 Datasheet
131Kb / 3P
   EM-1771 is ultra-small Hall effect ICs of a single silicon chip composed of Hall element and a signal processing IC
EM-1781 AKM-EM-1781 Datasheet
132Kb / 3P
   EM-1781 is ultra-small Hall effect ICs of a single silicon chip composed of Hall element and a signal processing IC
More results

Similar Description - EM-1011

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
EM-1771 AKM-EM-1771 Datasheet
131Kb / 3P
   EM-1771 is ultra-small Hall effect ICs of a single silicon chip composed of Hall element and a signal processing IC
EM-1791 AKM-EM-1791 Datasheet
133Kb / 3P
   EM-1791 is ultra-small Hall effect ICs of a single silicon chip composed of Hall element and a signal processing IC
EM-1711 AKM-EM-1711 Datasheet
138Kb / 3P
   EM-1711 is ultra-small Hall effect ICs of a single silicon chip composed of Hall element and a signal processing IC
EM-1712 AKM-EM-1712 Datasheet
134Kb / 3P
   EM-1712 is ultra-small Hall effect ICs of a single silicon chip composed of Hall element and a signal processing IC
EM-0712 AKM-EM-0712 Datasheet
123Kb / 3P
   EM-0712 is ultra-small Hall effect ICs of a single silicon chip composed of Hall element and a signal processing IC.
EM-1781 AKM-EM-1781 Datasheet
132Kb / 3P
   EM-1781 is ultra-small Hall effect ICs of a single silicon chip composed of Hall element and a signal processing IC
EM-6781 AKM-EM-6781 Datasheet
133Kb / 3P
   EM-6781 is ultra-small Hall effect ICs of a single silicon chip composed of Hall element and a signal processing IC
EM-0711 AKM-EM-0711 Datasheet
120Kb / 3P
   EM-0711 is ultra-small Hall effect ICs of a single silicon chip composed of Hall element and a signal processing IC
AK8772 AKM-AK8772 Datasheet
150Kb / 5P
   AK8772 is ultra-small Hall effect IC of a single silicon chip composed of Hall element and a signal processing IC
AK8788 AKM-AK8788 Datasheet
146Kb / 5P
   AK8788 is ultra-small Hall effect IC of a single silicon chip composed of Hall element and a signal processing IC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com