Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT34TS02 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT34TS02
Description  Digital Output Temperature Sensor with On-board SPD EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT34TS02 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT34TS02_13 Datasheet HTML 1Page - ON Semiconductor CAT34TS02_13 Datasheet HTML 2Page - ON Semiconductor CAT34TS02_13 Datasheet HTML 3Page - ON Semiconductor CAT34TS02_13 Datasheet HTML 4Page - ON Semiconductor CAT34TS02_13 Datasheet HTML 5Page - ON Semiconductor CAT34TS02_13 Datasheet HTML 6Page - ON Semiconductor CAT34TS02_13 Datasheet HTML 7Page - ON Semiconductor CAT34TS02_13 Datasheet HTML 8Page - ON Semiconductor CAT34TS02_13 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
CAT34TS02
http://onsemi.com
3
Table 5. A.C. CHARACTERISTICS (VCC = 3.3 V ± 10%, TA = −20°C to +125°C) (Note 4)
Symbol
Parameter
Min
Max
Units
FSCL (Note 5)
Clock Frequency
10
400
kHz
tHIGH
High Period of SCL Clock
600
ns
tLOW
Low Period of SCL Clock
1300
ns
tTIMEOUT (Note 5)
SMBus SCL Clock Low Timeout
25
35
ms
tR (Note 6)
SDA and SCL Rise Time
300
ns
tF (Note 6)
SDA and SCL Fall Time
300
ns
tSU:DAT (Note 7)
Data Setup Time
100
ns
tSU:STA
START Condition Setup Time
600
ns
tHD:STA
START Condition Hold Time
600
ns
tSU:STO
STOP Condition Setup Time
600
ns
tBUF
Bus Free Time Between STOP and START
1300
ns
tHD:DAT
Input Data Hold Time
0
ns
tDH (Note 6)
Output Data Hold Time
200
900
ns
Ti
Noise Pulse Filtered at SCL and SDA Inputs
100
ns
tWR
Write Cycle Time
5
ms
tPU (Note 8)
Power−up Delay to Valid Temperature Recording
100
ms
4. Timing reference points are set at 30%, respectively 70% of VCC, as illustrated in Figure 23. Bus loading must be such as to allow meeting
the VIL, VOL as well as the various timing limits.
5. For the CAT34TS02 Rev. B, the TS interface will reset itself and will release the SDA line if the SCL line stays low beyond the tTIMEOUT limit.
The time−out count is started (and then re−started) on every negative transition of SCL in the time interval between START and STOP. The
minimum clock frequency of 10 kHz is an SMBus recommendation; the minimum operating clock frequency for the CAT34TS02’s SPD
component is DC, while the minimum operating frequency for the TS component is limited only by the SMBus time−out. For the CAT34TS02
Rev. C, both the TS and the SPD implement the time−out feature.
6. In a “Wired−OR” system (such as I2C or SMBus), SDA rise time is determined by bus loading. Since each bus pull−down device must be
able to sink the (external) bus pull−up current (in order to meet the VIL and/or VOL limits), it follows that SDA fall time is inherently faster than
SDA rise time. SDA rise time can exceed the standard recommended tR limit, as long as it does not exceed tLOW − tDH − tSU:DAT, where tLOW
and tDH are actual values (rather than spec limits). A shorter tDH leaves more room for a longer SDA tR, allowing for a more capacitive bus
or a larger bus pull−up resistor. At the minimum tLOW spec limit of 1300 ns, the maximum tDHof 900 ns demands a maximum SDA tR of 300 ns.
The CAT34TS02’s maximum tDH is <700 ns, thus allowing for an SDA tR of up to 500 ns at minimum tLOW.
7. The minimum tSU:DAT of 100 ns is a limit recommended by standards. The CAT34TS02 will accept a tSU:DAT of 0 ns.
8. The first valid temperature recording can be expected after tPU at nominal supply voltage.
Table 6. PIN CAPACITANCE (TA = 25°C, VCC = 3.3 V, f = 1 MHz)
Symbol
Parameter
Test Conditions/Comments
Min
Max
Unit
CIN
SDA, EVENT Pin Capacitance
VIN = 0
8
pF
Input Capacitance (other pins)
VIN = 0
6
pF


Similar Part No. - CAT34TS02_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT34TS02 ONSEMI-CAT34TS02_14 Datasheet
138Kb / 21P
   Digital Output Temperature Sensor
June, 2014 ??Rev. 12
More results

Similar Description - CAT34TS02_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT34TS02 ONSEMI-CAT34TS02 Datasheet
204Kb / 22P
   Digital Output Temperature Sensor with On-board SPD EEPROM
Doc. No. MD-1129 Rev. G
CAT34TS04VP2GT4A ONSEMI-CAT34TS04VP2GT4A Datasheet
194Kb / 18P
   Digital Output Temperature Sensor with On-board SPD EEPROM
October, 2013 ??Rev. 6
logo
Microchip Technology
MCP98244 MICROCHIP-MCP98244 Datasheet
972Kb / 52P
   DDR4 DIMM Temperature Sensor with EEPROM for SPD
11/29/12 2012-2013
MCP98244 MICROCHIP-MCP98244_V01 Datasheet
1Mb / 52P
   DDR4 DIMM Temperature Sensor with EEPROM for SPD
Revision D March 2022
logo
STMicroelectronics
STTS424E02 STMICROELECTRONICS-STTS424E02 Datasheet
75Kb / 7P
   Memory module temperature sensor with a 2Kb SPD EEPROM
STTS424E02 STMICROELECTRONICS-STTS424E02_08 Datasheet
438Kb / 51P
   Memory module temperature sensor with a 2 Kb SPD EEPROM
logo
Microchip Technology
MCP98242 MICROCHIP-MCP98242_09 Datasheet
1Mb / 52P
   Memory Module Temperature Sensor w/EEPROM for SPD
2009
MCP98242 MICROCHIP-MCP98242 Datasheet
1Mb / 46P
   Memory Module Temperature Sensor w/ EEPROM for SPD
2006
MCP98243 MICROCHIP-MCP98243 Datasheet
1Mb / 62P
   Memory Module Temperature Sensor w/ EEPROM for SPD
2009
MCP9843 MICROCHIP-MCP9843 Datasheet
1Mb / 62P
   Memory Module Temperature Sensor w/ EEPROM for SPD
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com