Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2200 Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AP2200
Description  Step-up DC/DC converter IC supporting 1 or 2 solar cells
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP2200 Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AP2200 Datasheet HTML 2Page - Asahi Kasei Microsystems AP2200 Datasheet HTML 3Page - Asahi Kasei Microsystems AP2200 Datasheet HTML 4Page - Asahi Kasei Microsystems AP2200 Datasheet HTML 5Page - Asahi Kasei Microsystems AP2200 Datasheet HTML 6Page - Asahi Kasei Microsystems AP2200 Datasheet HTML 7Page - Asahi Kasei Microsystems AP2200 Datasheet HTML 8Page - Asahi Kasei Microsystems AP2200 Datasheet HTML 9Page - Asahi Kasei Microsystems AP2200 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
[ AP2200]
MS1462-E-00
6
1.
Operation overview
When the output voltage is entered into VIN from the solar cell(s), the low voltage startup circuit
starts to step up the output voltage (VOUT). When VOUT reaches the voltage required for operation of
the step-up converter, the low voltage startup circuit stops and the step-up converter starts. After that,
the step-up converter increases VOUT to the target voltage (VTGT) and controls VOUT so that it will be
stabilized at VTGT. Also, when VOUT reaches VTGT, the step-up converter decreases the LC pin to a low
level. For the application where an external PMOS load switch is connected to the LC pin, when the
LC pin becomes a low level, the external switch is turned ON to start the power supply to the
equipment. However, if one of the conditions below is met, the external load switch is turned OFF to
stop the power supply:
 The STBY pin is set to a high level:
The AP2200 has a standby function. When the STBY pin is set to a high level (VIHSTB) by
applying voltage, the external load switch is turned OFF to stop the power supply. The step-up
converter is still running even in a standby state. When the STBY pin is set to a low level
(VILSTB) by applying voltage, the standby mode is released to start the power supply.
 The VB pin voltage is less than or equal to V
BLOW:
The AP2200 has a battery monitoring function. When the VB pin voltage deceases to VBLOW or
lower, a battery is assumed to be removed and the external load switch is turned OFF to stop
the power supply. When the VB pin voltage increases to VBLOW or higher, a battery is assumed
to be reinserted and the external load switch in turned ON to start the power supply.
To disable this function, connect the VB pin to the VOUT pin.
 The VOUT pin voltage is less than or equal to V
OL:
When the VOUT pin voltage decreases to VOL and lower, the external load switch is turned OFF
to stop the power supply. The step-up converter is still running. When VOUT reaches VTGT again,
the power supply is restarted.
 When sampling the open circuit voltage (V
OC) of the solar cell(s) per the cycle tSH,
The AP2200 turns OFF the external load switch as well as pausing the voltage step-up
operation. When the sampling of the open circuit voltage comes to an end, the voltage step-up
operation resumes. Unless VOUT reaches VTGT again, the external load switch is not turned ON.
This prevents back flow from the battery to VOUT to minimize the battery consumption when the
power supply from the solar cell(s) decreases, and the step-up converter cannot increase the
voltage sufficiently.
OPERATION DETAILS


Similar Part No. - AP2200

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AP2200B HUAXINAN-AP2200B Datasheet
1Mb / 16P
   Step-Up DC-DC Converter IC Supporting Dye-sensitized Solar Cell
logo
Asahi Kasei Microsystem...
AP2200B AKM-AP2200B Datasheet
1Mb / 16P
   Step-Up DC-DC Converter IC Supporting Dye-sensitized Solar Cell
More results

Similar Description - AP2200

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AP2200B HUAXINAN-AP2200B Datasheet
1Mb / 16P
   Step-Up DC-DC Converter IC Supporting Dye-sensitized Solar Cell
logo
Asahi Kasei Microsystem...
AP2200B AKM-AP2200B Datasheet
1Mb / 16P
   Step-Up DC-DC Converter IC Supporting Dye-sensitized Solar Cell
logo
Panasonic Semiconductor
AN8014S PANASONIC-AN8014S Datasheet
151Kb / 18P
   Step-down, step-up, or inverting DC-DC converter control IC
logo
TOKO, Inc
TK11855F-G TOKO-TK11855F-G Datasheet
182Kb / 2P
   Step-up DC-DC converter IC
logo
SHENZHEN FUMAN ELECTRON...
SC1301 FUMAN-SC1301 Datasheet
1Mb / 7P
   Step-up DC/DC Converter IC
logo
Mitsumi Electronics, Co...
MM3333XN MITSUMI-MM3333XN Datasheet
76Kb / 9P
   Step-up DC-DC Converter IC
logo
Panasonic Semiconductor
AN8011S PANASONIC-AN8011S Datasheet
161Kb / 16P
   2-channel step-down, step-up, or inverting use DC-DC converter control IC
AN8013SH PANASONIC-AN8013SH Datasheet
125Kb / 15P
   Single-channel step-up or step-down DC-DC converter control IC
AN8018SA PANASONIC-AN8018SA Datasheet
268Kb / 26P
   1.8-volt 2-channel step-up, step-down, or inverting DC-DC converter control IC
logo
ams AG
AS1343 AMSCO-AS1343 Datasheet
1Mb / 17P
   42V, 1-2 Cells, Micropower, DC-DC Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com