Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L14C2 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # L14C2
Description  HERMETIC SILICON PHOTOTRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

L14C2 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  L14C2 Datasheet HTML 1Page - Fairchild Semiconductor L14C2 Datasheet HTML 2Page - Fairchild Semiconductor L14C2 Datasheet HTML 3Page - Fairchild Semiconductor L14C2 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Figure 1. Light Current vs. Collector to Emitter Voltage
0.1
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
.01
0.1
1.0
10
1.0
10
100
Figure 3. Dark Current vs. Temperature
.001
0
50
10
1.0
0.1
.01
100
1000
25
100
150
125
75
Figure 2. Normalized Light Current vs. Radiation
.01
.01
Ee - TOTAL IRRADIANCE IN mW/cm2
0.1
1.0
10
1.0
100
10
T, TEMPERATURE (
°C)
NORMALIZED TO:
VCE = 5 V
Ee = 10 mW/cm2
VCE = 20 V
Ee = 0 mW/cm2
Figure 4. Switching Speed vs. Output Current
.01
1.0
10
1
10
100
1.0
IC, OUTPUT CURRENT (mA)
Figure 6. Angular Response Curve
10
20
30
40
50
60
70
80
90
100
110
120
130
-60
-40
-20
20
40
60
0
θ, ANGULAR DISPLACEMENT FROM OPTICAL AXIS (DEGREES)
Ee = 20 mW/cm2
Ee = 10 mW/cm2
Ee = 5 mW/cm2
Ee = 2 mW/cm2
NORMALIZED TO:
VCE = 5 V
Ee = 10 mW/cm2
Figure 5. Spectral Response
0.4
500
700
0.8
0.7
0.6
0.5
0
0.3
0.2
0.1
0.9
1.0
600
900
1100
1000
800
λ, WAVE LENGTH (NANOMETERS)
RL = 1KΩ
RL = 100Ω
RL = 10Ω
VCE = 10 V
RL = 100
I C = 2 mA
NORMALIZED TO:
ton = toff = 5 µsec
HERMETIC SILICON PHOTOTRANSISTOR
L14C1
L14C2
DS300305
6/01/01
3 OF 4
www.fairchildsemi.com


Similar Part No. - L14C2

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
L14C2 QT-L14C2 Datasheet
242Kb / 3P
   HERMETIC SILICON PHOTOTRANSISTOR
logo
Fairchild Semiconductor
L14C2 FAIRCHILD-L14C2 Datasheet
264Kb / 4P
   MERMETIC SILICON PHOTOTRANSISTOR
More results

Similar Description - L14C2

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
L14P1 QT-L14P1 Datasheet
257Kb / 3P
   HERMETIC SILICON PHOTOTRANSISTOR
logo
Fairchild Semiconductor
L14P1 FAIRCHILD-L14P1 Datasheet
137Kb / 4P
   HERMETIC SILICON PHOTOTRANSISTOR
logo
QT Optoelectronics
BPW36 QT-BPW36 Datasheet
243Kb / 3P
   HERMETIC SILICON PHOTOTRANSISTOR
logo
Fairchild Semiconductor
L14N1 FAIRCHILD-L14N1 Datasheet
178Kb / 4P
   HERMETIC SILICON PHOTOTRANSISTOR
L14G1 FAIRCHILD-L14G1 Datasheet
130Kb / 4P
   HERMETIC SILICON PHOTOTRANSISTOR
logo
QT Optoelectronics
L14G1 QT-L14G1 Datasheet
241Kb / 3P
   HERMETIC SILICON PHOTOTRANSISTOR
L14C1 QT-L14C1 Datasheet
242Kb / 3P
   HERMETIC SILICON PHOTOTRANSISTOR
logo
Fairchild Semiconductor
BPW36 FAIRCHILD-BPW36 Datasheet
155Kb / 4P
   HERMETIC SILICON PHOTOTRANSISTOR
logo
QT Optoelectronics
L14N QT-L14N Datasheet
249Kb / 3P
   HERMETIC SILICON PHOTOTRANSISTOR
logo
Skyworks Solutions Inc.
OLH1047 SKYWORKS-OLH1047 Datasheet
303Kb / 6P
   Phototransistor Hermetic Optocouplers
June 19, 2017
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com