Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MRFIC1804 Datasheet(PDF) 3 Page - Motorola, Inc

Part No. MRFIC1804
Description  1.8 GHz LOW NOISE AMPLIFIER AND DOWNMIXER GaAs MONOLITHIC INTEGRATED CIRCUIT
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRFIC1804 Datasheet(HTML) 3 Page - Motorola, Inc

  MRFIC1804 Datasheet HTML 1Page - Motorola, Inc MRFIC1804 Datasheet HTML 2Page - Motorola, Inc MRFIC1804 Datasheet HTML 3Page - Motorola, Inc MRFIC1804 Datasheet HTML 4Page - Motorola, Inc MRFIC1804 Datasheet HTML 5Page - Motorola, Inc MRFIC1804 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
MRFIC1804
MOTOROLA RF DEVICE DATA
S11
S21
S12
S22
Freq (GHz)
Mag
Angle
Mag
Angle
Mag
Angle
Mag
Angle
1.5
0.801
–64.71
5.65
–63.77
0.025
139.08
0.685
–62.55
1.6
0.741
–70.03
6.07
–80.96
0.033
128.21
0.622
–74.44
1.7
0.641
–73.54
6.63
–98.00
0.038
123.07
0.622
–83.36
1.8
0.559
–72.72
6.70
–113.87
0.047
113.17
0.560
–92.40
1.82
0.533
–71.10
6.58
–117.42
0.046
111.66
0.543
–93.20
1.84
0.512
–71.20
6.32
–120.25
0.046
109.36
0.530
–94.40
1.86
0.494
–69.93
5.92
–123.27
0.049
107.72
0.513
–95.19
1.88
0.478
–68.86
5.79
–126.51
0.052
106.52
0.498
–95.56
1.9
0.467
–67.50
5.88
–129.49
0.054
104.49
0.486
–96.35
1.92
0.452
–66.18
5.98
–132.33
0.055
103.55
0.476
–97.14
2.0
0.383
–57.10
5.57
–143.54
0.055
97.41
0.412
–96.10
2.1
0.326
–47.69
5.06
–155.69
0.058
92.26
0.344
–90.55
2.2
0.271
–35.10
4.61
–167.78
0.063
86.81
0.276
–83.89
2.3
0.205
–15.07
4.12
175.72
0.072
83.78
0.192
–63.78
2.4
0.708
–12.53
1.84
–155.83
0.073
45.03
0.406
–48.22
2.5
0.462
–34.07
3.18
–178.63
0.055
58.37
0.292
–66.60
Table 1. LNA S–Parameters
500
W
15 pF
1.0 nH
IF OUT
Figure 2. Equivalent IF Output Circuit


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn