Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MRFIC1804 Datasheet(PDF) 1 Page - Motorola, Inc

Part No. MRFIC1804
Description  1.8 GHz LOW NOISE AMPLIFIER AND DOWNMIXER GaAs MONOLITHIC INTEGRATED CIRCUIT
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

   
 1 page
background image
1
MRFIC1804
MOTOROLA RF DEVICE DATA
The MRFIC Line
1.8 GHz LNA/Downmixer
Designed primarily for use in DECT, Japan Personal Handy Phone (JPHP),
and other wireless Personal Communication Systems (PCS) applications. The
MRFIC1804 includes a low noise amplifier and downmixer in a low-cost
SOIC-16 package. The integrated circuit requires minimal off-chip matching
while allowing for the maximum in flexibility and efficiency. The mixer is
optimized for low side injection and offers reasonable intercept point as well as
high efficiency and 4 dB of conversion gain. Image filtering is implemented
off-chip to allow maximum flexibility. With both TX and RX enable pins low, the
device is in standby mode and draws less than 0.5 mA.
Together with the rest of the MRFIC180X series, this GaAs IC family offers
the complete transmit and receive functions, less LO and filters, needed for a
typical 1.8 GHz cordless telephone.
• Usable Frequency Range = 1.5 to 2.2 GHz
• 14 dB Gain, 2.3 dB Noise Figure LNA
• 4 dB Gain, 13 dB Noise Figure Mixer
• 0.9 dB Mixer Input Intercept Point
• Simple LO/IF Off-Chip Matching for Maximum Flexibility
• Low Power Consumption = 24 mW (Typ)
• Single Bias Supply = 2.7 to 3.3 V
• Low LO Power Requirement = – 5 dBm (Typ)
• Low Cost Surface Mount Plastic Package
• Available in Tape and Reel by Adding R2 Suffix to Part Number.
R2 Suffix = 2,500 Units per 16 mm, 13 inch Reel.
• Device Marking = M1804
Pin Connections and Functional Block Diagram
VDD
GND
RF IN
GND
GND
LNA OUT
GND
RX EN
IF OUT/VDD
GND
LO IN
GND
GND
LNA IN
GND
VDD
LNA
MIXER
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Order this document
by MRFIC1804/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MRFIC1804
CASE 751B-05
(SO–16)
1.8 GHz LOW NOISE
AMPLIFIER AND
DOWNMIXER
GaAs MONOLITHIC
INTEGRATED CIRCUIT
© Motorola, Inc. 1995
REV 2




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MRFIC18061.8 GHz DRIVER AMPLIFIER AND RAMP CIRCUIT GaAs MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
MRFIC18071.8 GHz POWER AMPLIFIER AND TRANSMIT/RECEIVE SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
UPC2714T1.8 GHz LOW POWER CONSUMPTION WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreNEC
UPC2713T1.2 GHz LOW NOISE WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 NEC
MRFIC18031.8 GHz UPMIXER EXCITER AND LO AMP GaAs MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
MRFIC18141.8 GHz LOW NOISE AMPLIFIER AND DOWNMIXER 1 2 3 4 Motorola, Inc
MRFIC24032.4 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
MRFIC24042.4 GHz EXCITER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
BFP520NPN Silicon RF Transistor For highest gain low noise amplifier at 1.8 GHz and 2 mA / 2 V 1 2 3 4 5 MoreSiemens Semiconductor Group
MRFIC18011.8 GHz TRANSMIT/RECEIVE ANTENNA SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 Motorola, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl