Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP3155ADR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP3155ADR2G
Description  3 A Synchronous Buck Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3155ADR2G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP3155ADR2G Datasheet HTML 1Page - ON Semiconductor NCP3155ADR2G Datasheet HTML 2Page - ON Semiconductor NCP3155ADR2G Datasheet HTML 3Page - ON Semiconductor NCP3155ADR2G Datasheet HTML 4Page - ON Semiconductor NCP3155ADR2G Datasheet HTML 5Page - ON Semiconductor NCP3155ADR2G Datasheet HTML 6Page - ON Semiconductor NCP3155ADR2G Datasheet HTML 7Page - ON Semiconductor NCP3155ADR2G Datasheet HTML 8Page - ON Semiconductor NCP3155ADR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
NCP3155A, NCP3155B
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (−40°C < TJ < +125°C, VCC = 12 V, for min/max values unless otherwise noted)
Characteristic
Conditions
Min
Typ
Max
Unit
Input Voltage Range
4.7
24
V
SUPPLY CURRENT
VCC Supply Current
NCP3155A
VFB = 0.8 V, Switching, VCC = 4.7 V
11.1
mA
VFB = 0.8 V, Switching, VCC = 24 V
31.5
mA
VCC Supply Current
NCP3155B
VFB = 0.8 V, Switching, VCC = 4.7 V
16.5
mA
VFB = 0.8 V, Switching, VCC = 24 V
54.7
mA
UNDER VOLTAGE LOCKOUT
UVLO Rising Threshold
VCC Rising Edge
4.0
4.3
4.7
V
UVLO Falling Threshold
VCC Falling Edge
3.5
3.9
4.3
V
OSCILLATOR
Oscillator Frequency
NCP3155A
TJ = +25°C, 4.7 V v VCC v 24 V
415
500
585
kHz
TJ = −40°C to +125°C, 4.7 V v VCC v 24 V
400
500
600
kHz
Oscillator Frequency
NCP3155B
TJ = +25°C, 4.7 V v VCC v 24 V
830
1000
1170
kHz
TJ = −40°C to +125°C, 4.7 V v VCC v 24 V
820
1000
1180
kHz
Ramp−Amplitude Voltage
Vpeak − Valley
1.5
V
Ramp Valley Voltage
0.46
0.71
0.85
V
PWM
Minimum Duty Cycle
(Note 4)
7.0
%
Maximum Duty Cycle
80
84
%
Soft Start Ramp Time
NCP3155A
NCP3155B
VFB = VCOMP
2.4
1.2
ms
ERROR AMPLIFIER (GM)
Transconductance
0.9
1.3
1.9
mS
Open Loop dc Gain
(Notes 4 and 6)
70
dB
Output Source Current
VFB = 750 mV
45
70
100
mA
Output Sink Current
VFB = 850 mV
45
70
100
mA
FB Input Bias Current
0.5
500
nA
Feedback Voltage
TJ = 25 C
4.7 V < VIN < 24 V, −40°C < TJ < +125°C
0.792
0.784
0.8
0.8
0.808
0.816
V
V
COMP High Voltage
VFB = 750 mV
4.0
4.4
5.0
V
COMP Low Voltage
VFB = 850 mV
72
250
mV
OUTPUT VOLTAGE FAULTS
Feedback OOV Threshold
0.91
1.00
1.09
V
Feedback OUV Threshold
0.56
0.60
0.64
V
PWM OUTPUT STAGE
High−Side Switch On Resistance
VIN = 12 V
VIN = 4.7 V
48
65
63
85
mW
Low−Side Switch On Resistance
VIN = 12 V
VIN = 4.7 V
18
21
35
50
mW
OVERCURRENT
ISET Source Current
7
13.5
18
mA
Current Limit Set Voltage (Note 5)
RSET = 22.1 kW
298
mV
THERMAL SHUTDOWN
Thermal Shutdown
(Notes 4 and 7)
175
°C
Hysteresis
(Notes 4 and 7)
20
°C
4. Guaranteed by design.
5. The voltage sensed across the high side MOSFET during conduction.
6. This assumes 100 pF capacitance to ground on the COMP Pin and a typical internal Ro of > 10 MW.
7. This is not a protection feature.


Similar Part No. - NCP3155ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3155A ONSEMI-NCP3155A Datasheet
391Kb / 24P
   3 A Synchronous Buck Regulator
February, 2011 ??Rev. 1
More results

Similar Description - NCP3155ADR2G

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
USR1051 UTC-USR1051 Datasheet
179Kb / 4P
   3 A SYNCHRONOUS BUCK REGULATOR
USR1051 UTC-USR1051_15 Datasheet
179Kb / 4P
   3 A SYNCHRONOUS BUCK REGULATOR
logo
ON Semiconductor
NCP3155A ONSEMI-NCP3155A Datasheet
391Kb / 24P
   3 A Synchronous Buck Regulator
February, 2011 ??Rev. 1
FAN5354 ONSEMI-FAN5354 Datasheet
1Mb / 16P
   3 MHz, 3 A Synchronous Buck Regulator
Rev. 1.0.7
FAN5353 ONSEMI-FAN5353 Datasheet
1Mb / 15P
   3 MHz, 3 A Synchronous Buck Regulator
December 2013 Rev. 1.0.3
logo
Alpha & Omega Semicondu...
AOZ3015PI AOSMD-AOZ3015PI Datasheet
567Kb / 13P
   EZBuck??3 A Synchronous Buck Regulator
AOZ1051PI AOSMD-AOZ1051PI Datasheet
635Kb / 14P
   EZBuck??3 A Synchronous Buck Regulator
AOZ3011PI AOSMD-AOZ3011PI Datasheet
815Kb / 14P
   EZBuck??3 A Synchronous Buck Regulator
AOZ3024PI AOSMD-AOZ3024PI Datasheet
550Kb / 14P
   EZBuck??3 A Synchronous Buck Regulator
AOZ3015AI AOSMD-AOZ3015AI Datasheet
1Mb / 14P
   EZBuck??3 A Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com