Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP3155BDR2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP3155BDR2G
Description  3 A Synchronous Buck Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3155BDR2G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP3155BDR2G Datasheet HTML 4Page - ON Semiconductor NCP3155BDR2G Datasheet HTML 5Page - ON Semiconductor NCP3155BDR2G Datasheet HTML 6Page - ON Semiconductor NCP3155BDR2G Datasheet HTML 7Page - ON Semiconductor NCP3155BDR2G Datasheet HTML 8Page - ON Semiconductor NCP3155BDR2G Datasheet HTML 9Page - ON Semiconductor NCP3155BDR2G Datasheet HTML 10Page - ON Semiconductor NCP3155BDR2G Datasheet HTML 11Page - ON Semiconductor NCP3155BDR2G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
NCP3155A, NCP3155B
http://onsemi.com
8
TYPICAL PERFORMANCE CHARACTERISTICS
Input = 12 V
(CH2) Green = VOUT, CH1 (Yellow) = VSW
CH2: 0.5 V/div; CH1: 5.0 V/div
Time Scale: 2.0 ms/div; Figure 46
Figure 21. Current Limit Waveforms (NCP3155B)
0
10
20
30
40
50
60
70
80
90
100
110
40
25
10
5
20
35
50
65
80
95 110 125
TEMPERATURE (°C)
Figure 22. High−Side MOSFET RDS(on) vs
Temperature
Vin = 10 V − 24 V
Vin = 5.0 V
0
5
10
15
20
25
30
−40 −25 −10
5
20
35
50
65
80
95 110 125
TEMPERATURE (°C)
Figure 23. Low−Side MOSFET RDS(on) vs
Temperature
Vin = 10 V − 24 V
Vin = 5.0 V
0
0.5
1
1.5
2
2.5
3
3.5
25 30 35 40 45 50 55 60 65 70 75 80 85
1.0 V < Vout < 1.8 V
3.3 V
2.5 V
TA, AMBIENT TEMPERATURE (°C)
Figure 24. Derating Curve, 12 V Input
0
0.5
1
1.5
2
2.5
3
3.5
25 30 35 40 45 50 55 60 65 70 75 80 85
TA, AMBIENT TEMPERATURE (°C)
Figure 25. Derating Curve, 18 V Input
Vout = 5.0 V
1.8 V
3.3 V
2.5 V
0
0.5
1
1.5
2
2.5
3
3.5
25 30 35 40 45 50 55 60 65 70 75 80 85
TA, AMBIENT TEMPERATURE (°C)
Figure 26. Derating Curve, 24 V Input
3.3 V
Vout = 5.0 V
12 V
2.5 V
Vout = 5.0 V
NCP3155A
NCP3155A
NCP3155A


Similar Part No. - NCP3155BDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3155B ONSEMI-NCP3155B Datasheet
391Kb / 24P
   3 A Synchronous Buck Regulator
February, 2011 ??Rev. 1
More results

Similar Description - NCP3155BDR2G

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
USR1051 UTC-USR1051 Datasheet
179Kb / 4P
   3 A SYNCHRONOUS BUCK REGULATOR
USR1051 UTC-USR1051_15 Datasheet
179Kb / 4P
   3 A SYNCHRONOUS BUCK REGULATOR
logo
ON Semiconductor
NCP3155A ONSEMI-NCP3155A Datasheet
391Kb / 24P
   3 A Synchronous Buck Regulator
February, 2011 ??Rev. 1
FAN5354 ONSEMI-FAN5354 Datasheet
1Mb / 16P
   3 MHz, 3 A Synchronous Buck Regulator
Rev. 1.0.7
FAN5353 ONSEMI-FAN5353 Datasheet
1Mb / 15P
   3 MHz, 3 A Synchronous Buck Regulator
December 2013 Rev. 1.0.3
logo
Alpha & Omega Semicondu...
AOZ3015PI AOSMD-AOZ3015PI Datasheet
567Kb / 13P
   EZBuck??3 A Synchronous Buck Regulator
AOZ1051PI AOSMD-AOZ1051PI Datasheet
635Kb / 14P
   EZBuck??3 A Synchronous Buck Regulator
AOZ3011PI AOSMD-AOZ3011PI Datasheet
815Kb / 14P
   EZBuck??3 A Synchronous Buck Regulator
AOZ3024PI AOSMD-AOZ3024PI Datasheet
550Kb / 14P
   EZBuck??3 A Synchronous Buck Regulator
AOZ3015AI AOSMD-AOZ3015AI Datasheet
1Mb / 14P
   EZBuck??3 A Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com