Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NIS5132MN1TXG Datasheet(PDF) 7 Page - ON Semiconductor

Part # NIS5132MN1TXG
Description  12 Volt Electronic Fuse
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NIS5132MN1TXG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NIS5132MN1TXG Datasheet HTML 3Page - ON Semiconductor NIS5132MN1TXG Datasheet HTML 4Page - ON Semiconductor NIS5132MN1TXG Datasheet HTML 5Page - ON Semiconductor NIS5132MN1TXG Datasheet HTML 6Page - ON Semiconductor NIS5132MN1TXG Datasheet HTML 7Page - ON Semiconductor NIS5132MN1TXG Datasheet HTML 8Page - ON Semiconductor NIS5132MN1TXG Datasheet HTML 9Page - ON Semiconductor NIS5132MN1TXG Datasheet HTML 10Page - ON Semiconductor NIS5132MN1TXG Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
NIS5132 Series
http://onsemi.com
7
4
5
6
7
8
9
0
0.5
1
1.5
2
Figure 12. Thermal Limit vs. Copper Area and
Ambient Temperature
COPPER AREA (in2)
−40°C
0°C
25°C
50°C
85°C
0.1
1
10
10
100
1000
Rlimit (W)
Figure 13. Current Limit vs. Rsense for Direct
Current Sensing
OL
SC
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
−50
0
50
100
150
OL
SC
TEMPERATURE (°C)
Figure 14. Direct Current Sensing Levels vs.
Temperature for 27 W Sense Resistor
0.1
1
10
1
10
100
Rsense (W)
OL
SC
Figure 15. Current Limit vs. Rsense for Kelvin
Current Sensing
3
3.5
4
4.5
5
5.5
6
−40
−20
0
20
40
60
80
100
TEMPERATURE (°C)
OL
SC
Figure 16. Kelvin Current Sensing Levels vs.
Temperature for 15 W Sense Resistor
1
1.5
2
2.5
3
3.5
4
−40
−20
0
20
40
60
80
100
TEMPERATURE (°C)
OL
SC
Figure 17. Kelvin Current Sensing Levels vs.
Temperature for 33 W Sense Resistor


Similar Part No. - NIS5132MN1TXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NIS5132MN1TXG ONSEMI-NIS5132MN1TXG Datasheet
297Kb / 12P
   12 Volt Electronic Fuse
September, 2009 ??Rev. 3
NIS5132MN1TXG ONSEMI-NIS5132MN1TXG Datasheet
272Kb / 11P
   12 Volt Electronic Fuse
July, 2014 ??Rev. 10
More results

Similar Description - NIS5132MN1TXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NIS5132 ONSEMI-NIS5132_14 Datasheet
272Kb / 11P
   12 Volt Electronic Fuse
July, 2014 ??Rev. 10
NIS5020 ONSEMI-NIS5020 Datasheet
651Kb / 14P
   12 Volt Electronic Fuse
July, 2019 ??Rev. 3
NIS5132 ONSEMI-NIS5132 Datasheet
297Kb / 12P
   12 Volt Electronic Fuse
September, 2009 ??Rev. 3
NIS5420 ONSEMI-NIS5420 Datasheet
285Kb / 12P
   12 Volt Electronic Fuse
May, 2020 ??Rev. P2
NIS5452 ONSEMI-NIS5452 Datasheet
80Kb / 8P
   Volt Electronic Fuse
June, 2015 ??Rev. 0
NIS5232 ONSEMI-NIS5232 Datasheet
271Kb / 11P
   Volt Electronic Fuse
July, 2014 ??Rev. 2
NIS5452 ONSEMI-NIS5452_16 Datasheet
88Kb / 9P
   5 Volt Electronic Fuse
June, 2016 ??Rev. 3
NIS5431MT1TXG ONSEMI-NIS5431MT1TXG Datasheet
80Kb / 7P
   3.3 Volt Electronic Fuse
November, 2015 ??Rev. 1
NIS5431 ONSEMI-NIS5431 Datasheet
81Kb / 8P
   3.3 Volt Electronic Fuse
July, 2016 ??Rev. 5
NIS5135 ONSEMI-NIS5135 Datasheet
318Kb / 12P
   5 Volt Electronic Fuse
September, 2009 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com