Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMS-2804 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMS-2804
Description  Surface Mount RF Schottky Barrier Diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMS-2804 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HSMS-2804 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMS-2804 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMS-2804 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMS-2804 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMS-2804 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMS-2804 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMS-2804 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMS-2804 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMS-2804 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Quad Capacitance
Capacitance of Schottky diode quads is measured using
an HP4271 LCR meter. This instrument effectively isolates
individual diode branches from the others, allowing
accurate capacitance measurement of each branch or
each diode. The conditions are: 20 mV R.M.S. voltage at 1
MHz. Avago defines this measurement as “CM”, and it is
equivalent to the capacitance of the diode by itself. The
equivalent diagonal and adjacent capacitances can then
be calculated by the formulas given below.
In a quad, the diagonal capacitance is the capacitance
between points A and B as shown in the figure below.
The diagonal capacitance is calculated using the follow-
ing formula
C1 x C2
C3 x C4
CDIAGONAL = _______ + _______
C1 + C2
C3 + C4
C1
C2
C4
C3
A
B
C
The equivalent adjacent capacitance is the capacitance
between points A and C in the figure below. This capaci-
tance is calculated using the following formula
1
CADJACENT = C1 + ____________
1
1
1
–– + –– + ––
C2
C3
C4
This information does not apply to cross-over quad
diodes.
SPICE Parameters
Parameter
Units
HSMS-280x
BV
V75
CJ0
pF
1.6
EG
eV
0.69
IBV
A
E-5
IS
A
3.00E-08
N
1.08
RS
Ω30
PB
V
0.65
PT
2
M
0.5
Cj
Rj
RS
Rj =
8.33 X 10
-5 nT
Ib + Is
where
Ib = externally applied bias current in amps
Is = saturation current (see table of SPICE parameters)
T = temperature, K
n = ideality factor (see table of SPICE parameters)
Note:
To effectively model the packaged HSMS-280x product,
please refer to Application Note AN1124.
RS = series resistance (see Table of SPICE parameters)
C j = junction capacitance (see Table of SPICE parameters)
Linear Equivalent Circuit, Diode Chip


Similar Part No. - HSMS-2804

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMS-2804 HP-HSMS-2804 Datasheet
139Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2804 AVAGO-HSMS-2804 Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes High Breakdown Voltage
HSMS-2804 AVAGO-HSMS-2804 Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2804 AVAGO-HSMS-2804 Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2804 AVAGO-HSMS-2804 Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
More results

Similar Description - HSMS-2804

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-281C-TR1G AVAGO-HSMS-281C-TR1G Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2813-BLKG AVAGO-HSMS-2813-BLKG Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
logo
Broadcom Corporation.
HSMS-282K BOARDCOM-HSMS-282K Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-282N BOARDCOM-HSMS-282N Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2812 BOARDCOM-HSMS-2812 Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2822 BOARDCOM-HSMS-2822 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2825 BOARDCOM-HSMS-2825 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-282E BOARDCOM-HSMS-282E Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-280B BOARDCOM-HSMS-280B Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-280F BOARDCOM-HSMS-280F Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2824 BOARDCOM-HSMS-2824 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com