Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-1401 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-1401
Description  T-1 3mm Diffused LED Lamps
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-1401 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-1401 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-1401 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-1401 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-1401 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-1401 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-1401 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-1401 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-1401 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-1401 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
Absolute Maximum Ratings at TA = 25 °C
Parameter
HER/Orange
Yellow
Green
Units
Peak Forward Current
90
60
90
mA
Average Forward Current[1]
25
20
25
mA
DC Current[2]
30
20
30
mA
Reverse Voltage (IR = 100 μA)
5
5
5
V
Transient Forward Current[4] (10 μsec Pulse)
500
500
500
mA
LED Junction Temperature
110
110
110
°C
Operating Temperature Range
-40 to +100
-40 to +100
-20 to +100
°C
Storage Temperature Range
-40 to +100
-40 to +100
-40 to +100
°C
Notes:
1. See Figure 5 (HER/Orange), 10 (Yellow), or 15 (Green/Emerald Green) to establish pulsed operating conditions.
2. For Red, Orange, and Green series derate linearly from 50°C at 0.5 mA/°C. For Yellow series derate linearly from 50°C at 0.2 mA/°C.
3. For Red, Orange, and Green series derate power linearly from 25°C at 1.8 mW/°C. For Yellow series derate power linearly from 50°C at 1.6 mW/°C.
4. The transient peak current is the maximum non-recurring peak current that can be applied to the device without damaging the LED die and
wirebond. It is not recommended that the device be operated at peak currents beyond the peak forward current listed in the Absolute Maximum
Ratings.


Similar Part No. - HLMP-1401

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-1401 HP-HLMP-1401 Datasheet
179Kb / 6P
   T-1 (3 mm) Diffused LED Lamps
HLMP-1401 HP-HLMP-1401 Datasheet
208Kb / 12P
   T-1 (3 mm) Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-1401 BOARDCOM-HLMP-1401 Datasheet
1Mb / 12P
   T-1 (3-mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-1401-D0000 HP-HLMP-1401-D0000 Datasheet
208Kb / 12P
   T-1 (3 mm) Diffused LED Lamps
HLMP-1401-D0001 HP-HLMP-1401-D0001 Datasheet
208Kb / 12P
   T-1 (3 mm) Diffused LED Lamps
More results

Similar Description - HLMP-1401

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-NS31 AVAGO-HLMP-NS31 Datasheet
219Kb / 6P
   T-1 (3mm) InGaN LED Lamps
logo
Kingbright Corporation
L-424 KINGBRIGHT-L-424 Datasheet
186Kb / 6P
   T-1(3mm) CYLINDRICAL LED LAMPS
L-483 KINGBRIGHT-L-483 Datasheet
793Kb / 5P
   T-1 (3mm) CYLINDRICAL LED LAMPS
L-1334 KINGBRIGHT-L-1334 Datasheet
220Kb / 7P
   T-1 (3mm) CYLINDRICAL LED LAMPS
logo
AVAGO TECHNOLOGIES LIMI...
HLMPY601 AVAGO-HLMPY601 Datasheet
70Kb / 3P
   T-1 (3mm) AlInGaP LED Lamps
logo
Chicago Miniature Lamp,...
CMD50640 CML-CMD50640 Datasheet
70Kb / 1P
   T-100 (T-1) Diffused Lens LED Lamps
logo
Kingbright Corporation
L934LID KINGBRIGHT-L934LID Datasheet
149Kb / 5P
   T-1(3MM) SUPER BRIGHT LED LAMPS
L-934L KINGBRIGHT-L-934L Datasheet
143Kb / 5P
   T-1 (3mm) LOW CURRENT LED LAMPS
L934SGC KINGBRIGHT-L934SGC Datasheet
109Kb / 4P
   T-1(3MM) SUPER BRIGHT LED LAMPS
logo
Lite-On Technology Corp...
LTL-4201 LITEON-LTL-4201 Datasheet
625Kb / 6P
   T-1 (3mm) Solid State LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com