Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIA483DJ Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SIA483DJ
Description  P-Channel 30 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIA483DJ Datasheet(HTML) 8 Page - Vishay Siliconix

  SIA483DJ Datasheet HTML 1Page - Vishay Siliconix SIA483DJ Datasheet HTML 2Page - Vishay Siliconix SIA483DJ Datasheet HTML 3Page - Vishay Siliconix SIA483DJ Datasheet HTML 4Page - Vishay Siliconix SIA483DJ Datasheet HTML 5Page - Vishay Siliconix SIA483DJ Datasheet HTML 6Page - Vishay Siliconix SIA483DJ Datasheet HTML 7Page - Vishay Siliconix SIA483DJ Datasheet HTML 8Page - Vishay Siliconix SIA483DJ Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Application Note 826
Vishay Siliconix
Document Number: 70486
www.vishay.com
Revision: 21-Jan-08
11
RECOMMENDED PAD LAYOUT FOR PowerPAK® SC70-6L Single
1
0.300 (0.012)
0.350 (0.014)
2.200 (0.087)
1.500
(0.059)
0.650 (0.026)
0.950 (0.037)
0.300 (0.012)
0.355 (0.014)
0.235 (0.009)
0.475 (0.019)
0.870 (0.034)
0.275 (0.011)
0.350 (0.014)
0.550 (0.022)
0.650 (0.026)
Dimensions in mm/(Inches)
Return to Index


Similar Part No. - SIA483DJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIA483DJ VISHAY-SIA483DJ Datasheet
238Kb / 9P
   P-Channel 30 V (D-S) MOSFET
01-Jan-2022
SIA483DJ-T1-GE3 VISHAY-SIA483DJ-T1-GE3 Datasheet
238Kb / 9P
   P-Channel 30 V (D-S) MOSFET
01-Jan-2022
SIA483DJ VISHAY-SIA483DJ_V01 Datasheet
238Kb / 9P
   P-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIA483DJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
logo
Anachip Corp
AF4407 ANACHIP-AF4407 Datasheet
263Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7423DN VISHAY-SI7423DN Datasheet
173Kb / 3P
   P-Channel 30-V (D-S) MOSFET
24-May-04
SI2303ADS VISHAY-SI2303ADS Datasheet
39Kb / 4P
   P-Channel, 30-V (D-S) MOSFET
Rev. B, 29-Apr-02
SI3481DV VISHAY-SI3481DV Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415 Datasheet
286Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 23-Jun-08
SI4825DDY-T1 VISHAY-SI4825DDY-T1 Datasheet
242Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 13-Oct-08
SI7129DN VISHAY-SI7129DN Datasheet
566Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com