Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRFIC1803 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MRFIC1803
Description  1.8 GHz UPMIXER, EXCITER AND LO AMP GaAs MONOLITHIC INTEGRATED CIRCUIT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRFIC1803 Datasheet(HTML) 2 Page - Motorola, Inc

  MRFIC1803 Datasheet HTML 1Page - Motorola, Inc MRFIC1803 Datasheet HTML 2Page - Motorola, Inc MRFIC1803 Datasheet HTML 3Page - Motorola, Inc MRFIC1803 Datasheet HTML 4Page - Motorola, Inc MRFIC1803 Datasheet HTML 5Page - Motorola, Inc MRFIC1803 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MRFIC1803
2
MOTOROLA RF DEVICE DATA
RECOMMENDED OPERATING RANGES
Parameter
Symbol
Value
Unit
LO Input Frequency
fLO
1.5 to 2.4
GHz
LO Input Power
PLO
–10
dBm
IF Input Frequency
fIF
70 to 350
MHz
RF Output Frequency
fRF
1.7 to 2.5
GHz
Transmit and Receive Enable Voltage
TX EN, RX EN
2.7 to VDD
Vdc
Supply Voltage
VDD
2.7 to 5
Vdc
ELECTRICAL CHARACTERISTICS (VDD = 3 V, TA = 25°C, LO = 1790 MHz @ –10 dBm, IF = 110 MHz @ –15 dBm,
TX EN = 3.0 V, RX EN = 0 V, unless otherwise noted)
Characteristic
Min
Typ
Max
Unit
IF to RF Conversion Gain
8
10
dB
RF Output 1 dB Compression
–2
dBm
RF Output 3rd Order Intercept
9
dBm
LO Feed Through to RF Port
–19
dBm
Auxiliary LO Output Power (TX EN = 0 V, RX EN = 3 Vdc)
–4
dBm
Supply Current, TX Mode
28
50
mA
Supply Current, RX Mode (TX EN = 0 V, RX EN = 3 Vdc)
3
mA
Standby Mode Current (TX EN = 0 V, RX EN = 0 Vdc)
0.1
0.3
mA
1
2
34
5678
10
9
11
12
13
14
16
RX EN
LO IN
IF IN
TX EN
C1
C2
C3
LO OUT
RF OUT
VDD
C1
470 pF
C2
100 pF
C3
0.1
µF (optional)
15
Figure 1. Applications Circuit Configuration


Similar Part No. - MRFIC1803

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC1801 MOTOROLA-MRFIC1801 Datasheet
68Kb / 4P
   1.8 GHz TRANSMIT/RECEIVE ANTENNA SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1804 MOTOROLA-MRFIC1804 Datasheet
82Kb / 6P
   1.8 GHz LOW NOISE AMPLIFIER AND DOWNMIXER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1805 MOTOROLA-MRFIC1805 Datasheet
220Kb / 10P
   1.9 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1806 MOTOROLA-MRFIC1806 Datasheet
278Kb / 12P
   1.8 GHz DRIVER AMPLIFIER AND RAMP CIRCUIT GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1807 MOTOROLA-MRFIC1807 Datasheet
226Kb / 8P
   1.8 GHz POWER AMPLIFIER AND TRANSMIT/RECEIVE SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
More results

Similar Description - MRFIC1803

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC2406 MOTOROLA-MRFIC2406 Datasheet
66Kb / 4P
   2.4 GHz INTEGRATED UPMIXER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC2404 MOTOROLA-MRFIC2404 Datasheet
79Kb / 6P
   2.4 GHz EXCITER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1813 MOTOROLA-MRFIC1813 Datasheet
157Kb / 8P
   1.9 GHz UPMIXER AND EXCITER AMPLIFIER
MRFIC1806 MOTOROLA-MRFIC1806 Datasheet
278Kb / 12P
   1.8 GHz DRIVER AMPLIFIER AND RAMP CIRCUIT GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1804 MOTOROLA-MRFIC1804 Datasheet
82Kb / 6P
   1.8 GHz LOW NOISE AMPLIFIER AND DOWNMIXER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1807 MOTOROLA-MRFIC1807 Datasheet
226Kb / 8P
   1.8 GHz POWER AMPLIFIER AND TRANSMIT/RECEIVE SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1801 MOTOROLA-MRFIC1801 Datasheet
68Kb / 4P
   1.8 GHz TRANSMIT/RECEIVE ANTENNA SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
logo
Hittite Microwave Corpo...
HMC622LP4 HITTITE-HMC622LP4 Datasheet
327Kb / 10P
   GaAs MMIC MIXER w/ INTEGRATED IF & LO AMPLIFIER, 1.8 - 3.9 GHz
logo
Motorola, Inc
MRFIC2401 MOTOROLA-MRFIC2401 Datasheet
138Kb / 8P
   2.4 GHz DOWNCONVERTER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1805 MOTOROLA-MRFIC1805 Datasheet
220Kb / 10P
   1.9 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com