Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C3225JB2A105KT Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # C3225JB2A105KT
Description  RF Power LDMOS Transistors High Ruggedness N--Channel Enhancement--Mode Lateral MOSFETs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C3225JB2A105KT Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button C3225JB2A105KT Datasheet HTML 5Page - Freescale Semiconductor, Inc C3225JB2A105KT Datasheet HTML 6Page - Freescale Semiconductor, Inc C3225JB2A105KT Datasheet HTML 7Page - Freescale Semiconductor, Inc C3225JB2A105KT Datasheet HTML 8Page - Freescale Semiconductor, Inc C3225JB2A105KT Datasheet HTML 9Page - Freescale Semiconductor, Inc C3225JB2A105KT Datasheet HTML 10Page - Freescale Semiconductor, Inc C3225JB2A105KT Datasheet HTML 11Page - Freescale Semiconductor, Inc C3225JB2A105KT Datasheet HTML 12Page - Freescale Semiconductor, Inc C3225JB2A105KT Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
MRFE6VP61K25HR6 MRFE6VP61K25HSR5 MRFE6VP61K25GSR5
9
RF Device Data
Freescale Semiconductor, Inc.
87.5--108 MHz FM
BROADCAST REFERENCE CIRCUIT
Figure 13. MRFE6VP61K25HR6(HSR6) 87.5--108 MHz FM Broadcast Reference Circuit Component Layout
+
+
+
+
L2
L3
C3
R1
B1
C1
L1
C2
T1
COAX1
COAX2
C22
C23
C24
C21
C20
C19
C18
C15
C16
C17
L4
L5
C7
C8
C9
C10
C12
C11
C5
C4
COAX3
MRFE6VP61K25H Rev. 1
Note: Component numbers C6, C13 and
C14 are not used.
Q1
Table 8. MRFE6VP61K25HR6(HSR6) 87.5--108 MHz FM Broadcast Reference Circuit Component Designations
and Values
Part
Description
Part Number
Manufacturer
B1
Long Ferrite Bead
2743021447
Fair--Rite
C1
6.8 F, 50 V Chip Capacitor
C4532X7R1H685K
TDK
C2
27 pF Chip Capacitor
ATC100B270JT500XT
ATC
C3, C7, C8, C9, C10,
C11, C12
1000 pF Chip Capacitors
ATC100B102JT50XT
ATC
C4
39 pF Mica Capacitor
MIN02--002DC390J--F
Cornell Dubilier
C5
3 pF Chip Capacitor
ATC100B3R0CT500XT
ATC
C15, C22
10K pF Chip Capacitors
ATC200B103KT50XT
ATC
C16, C23
1 F, 100 V Chip Capacitors
C3225JB2A105KT
TDK
C17, C24
10 F, 100 V Chip Capacitors
C5750X7S2A106MT
TDK
C18, C19, C20, C21
470 F, 63 V Electrolytic Capacitors
MCGPR63V477M13X26--RH
Multicomp
L1
39 nH Inductor
1812SMS--39NJLC
Coilcraft
L2, L3
2.5 nH Inductors
A01TKLC
Coilcraft
L4, L5
7 Turn, #16 AWG, ID = 0.3 Inductors
Copper Wire
Q1
RF Power LDMOS Transistor
MRFE6VP61K25HR6
Freescale
R1
11 , 1/4 W Chip Resistor
CRCW120611R0FKEA
Vishay
T1
Balun
TUI--9
Comm Concepts
Coax1, Coax2
Flex Cables (12 )5.9
TC--12
Comm Concepts
Coax3
Coax Cable, Quickform 50 ,8.7
SUCOFORM 250--01
Huber+Suhner
PCB
0.030, r =3.5
TC--350
Arlon
Heatsink
NI--1230 Copper Heatsink
C193X280T970
Machine Shop


Similar Part No. - C3225JB2A105KT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
C3225JB2A105KT FREESCALE-C3225JB2A105KT Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
More results

Similar Description - C3225JB2A105KT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRFE6VP8600H FREESCALE-MRFE6VP8600H Datasheet
1Mb / 20P
   RF Power LDMOS Transistors High Ruggedness N--Channel Enhancement--Mode Lateral MOSFETs
AFT21S230SR3 FREESCALE-AFT21S230SR3 Datasheet
559Kb / 15P
   RF Power LDMOS Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF6VP3091N FREESCALE-MRF6VP3091N Datasheet
1Mb / 20P
   RF Power LDMOS Transistors Enhancement--Mode Lateral MOSFETs
logo
NXP Semiconductors
MMRF1050H NXP-MMRF1050H Datasheet
424Kb / 12P
   RF Power LDMOS Transistor High Ruggedness N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 02/2021
AFT09MP055N NXP-AFT09MP055N Datasheet
965Kb / 21P
   High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
Rev. 0, 7/2013
AFM906N NXP-AFM906N Datasheet
701Kb / 16P
   High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
Rev. 1, 8/2016
MRF1K50N NXP-MRF1K50N Datasheet
827Kb / 21P
   High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
Rev. 0, 11/2016
AFM907N NXP-AFM907N Datasheet
766Kb / 16P
   High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
Rev. 0, 04/2017
AFT05MP075N NXP-AFT05MP075N Datasheet
1Mb / 21P
   High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
Rev. 1, 8/2014
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com