Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C22F Datasheet(PDF) 3 Page - Schurter Inc.

Part # C22F
Description  Panel Mount Screw-on from front side
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

C22F Datasheet(HTML) 3 Page - Schurter Inc.

  C22F Datasheet HTML 1Page - Schurter Inc. C22F Datasheet HTML 2Page - Schurter Inc. C22F Datasheet HTML 3Page - Schurter Inc. C22F Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image

Power Entry Modules with Line Filter
C22F
www.schurter.com/PG06
Connectors
Diagrams
Standard or medical version (M80)
1)
2)
L
N
PE
L’
N’
PE’
L1
L 2
R
Cx
Cy
Cy
1) Line
2) Load
Medical version
1)
2)
L
N
PE
L’
N’
PE’
L1
L 2
R
Cx
1) Line
2) Load
Attenuation Loss
----differentialmode_____commonmode
Standardversion
16 A
20 A
Medicalversion(M5)
16 A
20 A
Medicalversion(M80)
16 A
20 A
Variants
Rated Current
IEC [A]
Rated Current
UL [A]
Filter-Type
Panel mounting
Mounting side
Terminal
Capacitor
Order Number
16
16
Standard Version
Screw
Front-Side
Quick connect terminals 6.3 x 0.8
X2 330nF
C22F.1107
16
20
Standard Version
Screw
Front-Side
Quick connect terminals 6.3 x 0.8
X2 100nF
C22F.0101
16
16
Standard Version
Screw
Front-Side
Quick connect terminals 6.3 x 0.8
X2 100nF
C22F.1101
16
20
Standard Version
Screw
Front-Side
Quick connect terminals 6.3 x 0.8
X1 100nF
C22F.0103
16
20
Standard Version
Screw
Front-Side
Solder terminal
X2 330nF
C22F.0007
16
20
Standard Version
Screw
Front-Side
Solder terminal
X2 100nF
C22F.0001
16
16
Standard Version
Screw
Front-Side
Solder terminal
X2 100nF
C22F.1001
16
20
Standard Version
Screw
Front-Side
Solder terminal
X1 100nF
C22F.0003
16
20
Medical Version (M5)
Screw
Front-Side
Quick connect terminals 6.3 x 0.8
X2 100nF
C22F.0102
16
16
Medical Version (M5)
Screw
Front-Side
Quick connect terminals 6.3 x 0.8
X2 100nF
C22F.1102
16
20
Medical Version (M5)
Screw
Front-Side
Solder terminal
X2 330nF
C22F.0008
16
20
Medical Version (M5)
Screw
Front-Side
Solder terminal
X2 100nF
C22F.0002
16
16
Medical Version (M5)
Screw
Front-Side
Solder terminal
X2 100nF
C22F.1002
Technical Data of Filter-Components
Rated Current
[A]
Filter-Type
Inductances L [mH]
Capacitance
CX [nF]
Capacitance
CY [nF]
R [M
Ω]
16
Standard Version
2 x 0.6
100
2.2
1
16
Standard Version
2 x 0.6
330
2.2
1
20
Standard Version
2 x 0.3
100
2.2
1
20
Standard Version
2 x 0.3
330
2.2
1
16
Medical Version (M5)
2 x 0.6
100
-
1
20
Medical Version (M5)
2 x 0.3
100
-
1
20
Medical Version (M5)
2 x 0.3
330
-
1
16
Medical Version (M80)
2 x 0.6
100
0.47
1
20
Medical Version (M80)
2 x 0.3
100
0.47
1


Similar Part No. - C22F

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
C22F SCHURTER-C22F Datasheet
250Kb / 2P
   IEC Connector C21, for very hot conditions, Rewireable, Straight
C22F SCHURTER-C22F Datasheet
537Kb / 5P
   IEC Appliance Inlet C22 for hot Conditions, with Filter for high Temperatures, front side Mounting
C22F SCHURTER-C22F Datasheet
574Kb / 6P
   IEC Appliance Inlet C22 for hot Conditions, with Filter for high Temperatures, front side Mounting
04.01.2022
C22F SCHURTER-C22F_18 Datasheet
537Kb / 5P
   IEC Appliance Inlet C22 for hot Conditions, with Filter for high Temperatures, front side Mounting
C22F SCHURTER-C22F_V01 Datasheet
574Kb / 6P
   IEC Appliance Inlet C22 for hot Conditions, with Filter for high Temperatures, front side Mounting
04.01.2022
More results

Similar Description - C22F

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
6100.3200 SCHURTER-6100.3200 Datasheet
449Kb / 3P
   Screw-on mounting from front or rear-side
5707.0101.112 SCHURTER-5707.0101.112 Datasheet
846Kb / 7P
   Screw-on version from front or rear side, Screws with sealing are included
0164 SCHURTER-0164 Datasheet
297Kb / 2P
   IEC Appliance Inlet C16, Screw-on Mounting, Front Side, Screw-on Terminal
0164 SCHURTER-0164_V01 Datasheet
156Kb / 2P
   IEC Appliance Inlet C16, Screw-on Mounting, Front Side, Screw-on Terminal
17.05.2016
0181 SCHURTER-0181 Datasheet
294Kb / 2P
   IEC Appliance Inlet C16A, Screw-on Mounting, Front Side, Quick-connect or Screw-on Terminal
8843.FLR SCHURTER-8843.FLR_V01 Datasheet
184Kb / 2P
   IEC Appliance Inlet C14, Screw-on Mounting, Front Side, Quick-connect or Screw-on Terminal
0181-A SCHURTER-0181-A Datasheet
299Kb / 2P
   IEC Appliance Inlet C16A, Screw-on Mounting, Front Side, Quick-connect or Screw-on Terminal
8843.FLR SCHURTER-8843.FLR Datasheet
368Kb / 2P
   IEC Appliance Inlet C14, Screw-on Mounting, Front Side, Quick-connect or Screw-on Terminal
0161 SCHURTER-0161 Datasheet
367Kb / 3P
   IEC Appliance Inlet C16, Screw-on Mounting, Front Side, Quick-connect or Screw-on Terminal
0161-Y SCHURTER-0161-Y Datasheet
364Kb / 3P
   IEC Appliance Inlet C16, Screw-on Mounting, Front Side, Quick-connect or Screw-on Terminal
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com