Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMA8453QR1 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # MMA8453QR1
Description  Xtrinsic MMA8453Q 3-Axis, 10-bit/8-bit Digital Accelerometer
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8453QR1 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button MMA8453QR1 Datasheet HTML 32Page - Freescale Semiconductor, Inc MMA8453QR1 Datasheet HTML 33Page - Freescale Semiconductor, Inc MMA8453QR1 Datasheet HTML 34Page - Freescale Semiconductor, Inc MMA8453QR1 Datasheet HTML 35Page - Freescale Semiconductor, Inc MMA8453QR1 Datasheet HTML 36Page - Freescale Semiconductor, Inc MMA8453QR1 Datasheet HTML 37Page - Freescale Semiconductor, Inc MMA8453QR1 Datasheet HTML 38Page - Freescale Semiconductor, Inc MMA8453QR1 Datasheet HTML 39Page - Freescale Semiconductor, Inc MMA8453QR1 Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 47 page
background image
MMA8453Q
Sensors
36
Freescale Semiconductor, Inc.
6.6
Auto-WAKE/SLEEP Detection
The ASLP_COUNT register sets the minimum time period of inactivity required to change current ODR value from the value
specified in the DR[2:0] register to ASLP_RATE register value, provided the SLPE bit is set to a logic ‘1’ in the CTRL_REG2
register. See Table 46 for functional blocks that may be monitored for inactivity in order to trigger the “return to SLEEP” event.
D7-D0 defines the minimum duration time to change current ODR value from DR to ASLP_RATE. Time step and maximum
value depend on the ODR chosen as shown in Table 52.
In order to wake the device, the desired function or functions must be enabled in CTRL_REG4 and set to WAKE to SLEEP in
CTRL_REG3. All enabled functions will still function in SLEEP mode at the SLEEP ODR. Only the functions that have been
selected for WAKE from SLEEP will WAKE the device.
MMA8453Q has four functions that can be used to keep the sensor from falling asleep; Transient, Orientation, Tap, and
Motion/FF. One or more of these functions can be enabled. In order to WAKE the device, four functions are provided; Transient,
Orientation, Tap, and the Motion/Freefall. The Auto-WAKE/SLEEP interrupt does not affect the WAKE/SLEEP, nor does the data
ready interrupt. See Register 0x2C for the WAKE from SLEEP bits.
If the Auto-SLEEP bit is disabled, then the device can only toggle between STANDBY and WAKE mode. If Auto-SLEEP
interrupt is enabled, transitioning from ACTIVE mode to Auto-SLEEP mode and vice versa generates an interrupt.
0x29 ASLP_COUNT Register (Read/Write)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
D7
D6
D5
D4
D3
D2
D1
D0
Table 51. ASLP_COUNT Description
D[7:0]
Duration value. Default value: 0000_0000.
Table 52. ASLP_COUNT Relationship with ODR
Output Data Rate
(ODR)
Duration
ODR Time Step
ASLP_COUNT Step
800 Hz
0 to 81s
1.25 ms
320 ms
400 Hz
0 to 81s
2.5 ms
320 ms
200 Hz
0 to 81s
5 ms
320 ms
100 Hz
0 to 81s
10 ms
320 ms
50 Hz
0 to 81s
20 ms
320 ms
12.5 Hz
0 to 81s
80 ms
320 ms
6.25 Hz
0 to 81s
160 ms
320 ms
1.56 Hz
0 to 162s
640 ms
640 ms
Table 53. SLEEP/WAKE Mode Gates and Triggers
Interrupt Source
Event Restarts Timer and
Delays Return to SLEEP
Event will WAKE from SLEEP
SRC_TRANS
Yes
Yes
SRC_LNDPRT
Yes
Yes
SRC_PULSE
Yes
Yes
SRC_FF_MT
Yes
Yes
SRC_ASLP
No*
No*
SRC_DRDY
No
No


Similar Part No. - MMA8453QR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA8453QT FREESCALE-MMA8453QT Datasheet
1Mb / 47P
   1.95V to 3.6V supply voltage, 1.6V to 3.6V interface voltage
More results

Similar Description - MMA8453QR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA8653FC FREESCALE-MMA8653FC Datasheet
1Mb / 56P
   Xtrinsic MMA8653FC 3-Axis, 10-bit Digital Accelerometer
MMA8652FC FREESCALE-MMA8652FC Datasheet
2Mb / 77P
   Xtrinsic MMA8652FC 3-Axis, 12-bit Digital Accelerometer
MMA8450Q FREESCALE-MMA8450Q_12 Datasheet
399Kb / 57P
   3-Axis, 8-bit/12-bit Digital Accelerometer
MMA8451Q FREESCALE-MMA8451Q Datasheet
654Kb / 53P
   3-Axis, 14-bit/8-bit Digital Accelerometer
MMA8451Q FREESCALE-MMA8451Q_12 Datasheet
447Kb / 52P
   3-Axis, 14-bit 8-bit Digital Accelerometer
MMA8450Q FREESCALE-MMA8450Q Datasheet
628Kb / 57P
   3-Axis, 8-bit/12-bit Digital Accelerometer
MMA8452Q FREESCALE-MMA8452Q Datasheet
494Kb / 47P
   3-Axis, 12-bit/8-bit Digital Accelerometer
logo
NXP Semiconductors
MMA8450Q NXP-MMA8450Q Datasheet
670Kb / 57P
   3-Axis, 8-bit/12-bit Digital Accelerometer
Rev. 9.1, 04/2012
logo
Freescale Semiconductor...
MMA8491Q FREESCALE-MMA8491Q Datasheet
435Kb / 26P
   Xtrinsic MMA8491Q 3-Axis Multifunction Digital Accelerometer
logo
NXP Semiconductors
MMA8652FC NXP-MMA8652FC Datasheet
787Kb / 65P
   MMA8652FC, 3-Axis, 12-bit, Digital Accelerometer
Rev. 3.3, 10/2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com