Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMA8453QR1 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MMA8453QR1
Description  Xtrinsic MMA8453Q 3-Axis, 10-bit/8-bit Digital Accelerometer
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8453QR1 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MMA8453QR1 Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA8453QR1 Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA8453QR1 Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA8453QR1 Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA8453QR1 Datasheet HTML 22Page - Freescale Semiconductor, Inc MMA8453QR1 Datasheet HTML 23Page - Freescale Semiconductor, Inc MMA8453QR1 Datasheet HTML 24Page - Freescale Semiconductor, Inc MMA8453QR1 Datasheet HTML 25Page - Freescale Semiconductor, Inc MMA8453QR1 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
MMA8453Q
Sensors
22
Freescale Semiconductor, Inc.
0x0D: WHO_AM_I Device ID Register
The device identification register identifies the part. The default value is 0x3A. This value is factory programmed. Consult the
factory for custom alternate values.
0x0E: XYZ_DATA_CFG Register
The XYZ_DATA_CFG register sets the dynamic range.
The default full scale value range is 2g and the high pass filter is disabled.
0x0F: HP_FILTER_CUTOFF High Pass Filter Register
This register sets the high-pass filter cut-off frequency for removal of the offset and slower changing acceleration data. The
filter cut-off options change based on the data rate selected as shown in Table 19. For details of implementation on the high pass
filter, refer to Freescale application note, AN4071.
0x0D: WHO_AM_I Device ID Register (Read Only)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
011
1
0
1
0
0x0E: XYZ_DATA_CFG (Read/Write)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
000
0
0
FS1
FS0
Table 16. XYZ Data Configuration Descriptions
FS[1:0]
Output buffer data format full scale. Default value: 00 (2g).
Table 17. Full Scale Range
FS1
FS0
Full Scale Range
00
2
01
4
10
8
11
Reserved
0x0F HP_FILTER_CUTOFF: High Pass Filter Register (Read/Write)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
Pulse_HPF_BYP Pulse_LPF_EN
0
0
SEL1
SEL0
Table 18. High Pass Filter Cut-off Register Descriptions
Pulse_HPF_BYP
Bypass High Pass Filter for Pulse Processing Function.
0: HPF enabled for Pulse Processing, 1: HPF Bypassed for Pulse Processing
Default value: 0.
Pulse_LPF_EN
Enable Low Pass Filter for Pulse Processing Function.
0: LPF disabled for Pulse Processing, 1: LPF Enabled for Pulse Processing
Default value: 0.
SEL[1:0]
HPF Cut-off frequency selection.
Default value: 00 (see Table 19
).


Similar Part No. - MMA8453QR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA8453QT FREESCALE-MMA8453QT Datasheet
1Mb / 47P
   1.95V to 3.6V supply voltage, 1.6V to 3.6V interface voltage
More results

Similar Description - MMA8453QR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA8653FC FREESCALE-MMA8653FC Datasheet
1Mb / 56P
   Xtrinsic MMA8653FC 3-Axis, 10-bit Digital Accelerometer
MMA8652FC FREESCALE-MMA8652FC Datasheet
2Mb / 77P
   Xtrinsic MMA8652FC 3-Axis, 12-bit Digital Accelerometer
MMA8450Q FREESCALE-MMA8450Q_12 Datasheet
399Kb / 57P
   3-Axis, 8-bit/12-bit Digital Accelerometer
MMA8451Q FREESCALE-MMA8451Q Datasheet
654Kb / 53P
   3-Axis, 14-bit/8-bit Digital Accelerometer
MMA8451Q FREESCALE-MMA8451Q_12 Datasheet
447Kb / 52P
   3-Axis, 14-bit 8-bit Digital Accelerometer
MMA8450Q FREESCALE-MMA8450Q Datasheet
628Kb / 57P
   3-Axis, 8-bit/12-bit Digital Accelerometer
MMA8452Q FREESCALE-MMA8452Q Datasheet
494Kb / 47P
   3-Axis, 12-bit/8-bit Digital Accelerometer
logo
NXP Semiconductors
MMA8450Q NXP-MMA8450Q Datasheet
670Kb / 57P
   3-Axis, 8-bit/12-bit Digital Accelerometer
Rev. 9.1, 04/2012
logo
Freescale Semiconductor...
MMA8491Q FREESCALE-MMA8491Q Datasheet
435Kb / 26P
   Xtrinsic MMA8491Q 3-Axis Multifunction Digital Accelerometer
logo
NXP Semiconductors
MMA8652FC NXP-MMA8652FC Datasheet
787Kb / 65P
   MMA8652FC, 3-Axis, 12-bit, Digital Accelerometer
Rev. 3.3, 10/2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com