Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCZ33730EK Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MCZ33730EK
Description  Switch Mode Power Supply with Multiple Linear Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33730EK Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MCZ33730EK Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33730EK Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33730EK Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33730EK Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33730EK Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33730EK Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33730EK Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ33730EK Datasheet HTML 12Page - Freescale Semiconductor, Inc MCZ33730EK Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
33730
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
VDD3 STANDBY LINEAR REGULATOR
VDD3 Standby Output Voltage (Includes Line and Load Regulation)
IVDD3_SBY = 0 to -15 mA, See Table 2 for VDD3_SBY Output Setting
VDD3_SBY
-15
15
%
VDD3 Dropout Voltage (KA_VBAT - VDD3) Standby Mode
(VDD3 set at 3.3 V via P1, P2, P3) IVDD3 = -10 mA
VDD3_DO
1.4
V
VDD3 Standby Current Limit, VDD3 = 0 V
KA_VBAT = 14 V, VBAT = 14 V
KA_VBAT = 5.0 V, VBAT = 5.0 V
IVDD3SBY_LIM
-20
-20
-50
-50
mA
Thermal Shutdown Junction Temperature(8)
TSH
TSL
150
190
°C
Thermal Shutdown Hysteresis(8)
TSHYS
5.0
20
°C
VDDL LINEAR REGULATOR
VDDL Output Voltage (Includes Line and Load Regulation)
IVDDL = 0 to -500 mA, See Table 1 for VDDL Output Setting
VDDL
-3.0
3.0
%
VDDL_B Dropout Voltage (VDDH - VDDL)
(VDDL set at 3.3 V via P1, P2, P3) IVDDL = -800 mA
VDDL_DO
280
mV
VDDL_B Current Limit, VDDL = 0 V
KA_VBAT = 14 V, VBAT = 14 V
KA_VBAT = 5.0 V, VBAT = 5.0 V
IVDDL_LIM
-18
-18
-50
-50
mA
VKAM STANDBY LINEAR REGULATOR
VKAM Output Voltage (Includes Line and Load Regulation)
IVKAM = 0 to -15 mA, See Table 1 for VKAM Output Setting
VKAM
-15
15
%
VKAM Dropout Voltage (KA_VBAT - VKAM)
IVKAM = -10 mA, VKAM set to 5.0 V (P1 = L, P2 = H, P3 = L)
VKAM_DO
1.4
V
VKAM STANDBY LINEAR REGULATOR (CONTINUED)
VKAM Current Limit, VKAM = 0 V
KA_VBAT = 14 V, VBAT = 14 V
KA_VBAT = 5.0 V, VBAT = 5.0 V
IVKAM_LIM
-20
-20
-50
-50
mA
Thermal Shutdown Junction Temperature(8)
TSH
TSL
150
190
°C
Thermal Shutdown Hysteresis(8)
TSHYS
5.0
20
°C
Notes
8.
Guaranteed By Design.
Table 5. Static Electrical Characteristic(continued)
Characteristics noted under conditions 6.0 V
≤ KA_V
BAT = V
BAT ≤ 26.5 V, -40°C ≤ TA ≤ 125°C using the typical application circuit,
unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Similar Part No. - MCZ33730EK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCZ33730EK/R2 FREESCALE-MCZ33730EK/R2 Datasheet
854Kb / 26P
   Switch Mode Power Supply with Multiple Linear Regulators
More results

Similar Description - MCZ33730EK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33730 FREESCALE-33730_12 Datasheet
687Kb / 28P
   Switch Mode Power Supply with Multiple Linear Regulators
33730 FREESCALE-33730_10 Datasheet
854Kb / 26P
   Switch Mode Power Supply with Multiple Linear Regulators
logo
NXP Semiconductors
33394 NXP-33394 Datasheet
803Kb / 44P
   Switch Mode Power Supply with Multiple Linear Regulators and High Speed CAN Transceiver
Rev. 2.5, 11/2002
logo
Motorola, Inc
MC33394 MOTOROLA-MC33394 Datasheet
408Kb / 44P
   Switch Mode Power Supply with Multiple Linear Regulators and High Speed CAN Transceiver
logo
Freescale Semiconductor...
33394 FREESCALE-33394 Datasheet
639Kb / 44P
   Switch Mode Power Supply with Multiple Linear Regulators and High Speed CAN Transcelver
33997 FREESCALE-33997 Datasheet
455Kb / 20P
   Switching Power Supply with Linear Regulators
MC33998 FREESCALE-MC33998 Datasheet
442Kb / 20P
   Switching Power Supply with Linear Regulators
logo
Motorola, Inc
MC33997 MOTOROLA-MC33997 Datasheet
454Kb / 20P
   Switching Power Supply with Linear Regulators
logo
Freescale Semiconductor...
MC33998 FREESCALE-MC33998_06 Datasheet
623Kb / 20P
   Switching Power Supply with Linear Regulators
MC34702 FREESCALE-MC34702 Datasheet
773Kb / 39P
   3.0A Switch-Mode Power Supply with Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com