Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-4000E Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-4000E
Description  Intelligent Power Module and Gate Drive Interface Optocouplers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-4000E Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-4000E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-4000E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-4000E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-4000E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-4000E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-4000E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-4000E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-4000E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-4000E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7
HCNW4506 Gull Wing Surface Mount Option 300 Outline Drawing
1.00 ± 0.15
(0.039 ± 0.006)
7° NOM.
12.30 ± 0.30
(0.484 ± 0.012)
0.75 ± 0.25
(0.030 ± 0.010)
11.00
(0.433)
5
6
7
8
4
3
2
1
11.15 ± 0.15
(0.442 ± 0.006)
9.00 ± 0.15
(0.354 ± 0.006)
1.3
(0.051)
13.56
(0.534)
2.29
(0.09)
LAND PATTERN RECOMMENDATION
1.78 ± 0.15
(0.070 ± 0.006)
4.00
(0.158)
MAX.
1.55
(0.061)
MAX.
2.54
(0.100)
BSC
DIMENSIONS IN MILLIMETERS (INCHES).
LEAD COPLANARITY = 0.10 mm (0.004 INCHES).
NOTE: FLOATING LEAD PROTRUSION IS 0.25 mm (10 mils) MAX.
0.254
+ 0.076
- 0.0051
(0.010
+ 0.003)
- 0.002)
MAX.


Similar Part No. - HCPL-4000E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-4100 HP-HCPL-4100 Datasheet
220Kb / 12P
   Optically Coupled 20 mA Optically Coupled 20 mA
HCPL-4100 HP-HCPL-4100 Datasheet
230Kb / 12P
   Optically Coupled 20 mA Current Loop Transmitter
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4100 AVAGO-HCPL-4100 Datasheet
477Kb / 12P
   Optically Coupled 20 mA Current Loop Transmitter
HCPL-4100-000E AVAGO-HCPL-4100-000E Datasheet
477Kb / 12P
   Optically Coupled 20 mA Current Loop Transmitter
HCPL-4100-300E AVAGO-HCPL-4100-300E Datasheet
477Kb / 12P
   Optically Coupled 20 mA Current Loop Transmitter
More results

Similar Description - HCPL-4000E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4506-500E AVAGO-HCPL-4506-500E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-4506 HP-HCPL-4506 Datasheet
267Kb / 14P
   Intelligent Power Module and Gate Drive Interface Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0466-500E AVAGO-HCPL-0466-500E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-0466-560E AVAGO-HCPL-0466-560E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-4506 AVAGO-HCPL-4506 Datasheet
359Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-J456-000E AVAGO-HCPL-J456-000E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-4506-000E AVAGO-HCPL-4506-000E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-5300 HP-HCPL-5300 Datasheet
261Kb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
Broadcom Corporation.
HCPL-5300 BOARDCOM-HCPL-5300 Datasheet
1Mb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5300 AVAGO-HCPL-5300_12 Datasheet
137Kb / 15P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com