Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC846AW-AU_S2_10001 Datasheet(PDF) 5 Page - Pan Jit International Inc.

Part # BC846AW-AU_S2_10001
Description  NPN GENERAL PURPOSE TRANSISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC846AW-AU_S2_10001 Datasheet(HTML) 5 Page - Pan Jit International Inc.

  BC846AW-AU_S2_10001 Datasheet HTML 1Page - Pan Jit International Inc. BC846AW-AU_S2_10001 Datasheet HTML 2Page - Pan Jit International Inc. BC846AW-AU_S2_10001 Datasheet HTML 3Page - Pan Jit International Inc. BC846AW-AU_S2_10001 Datasheet HTML 4Page - Pan Jit International Inc. BC846AW-AU_S2_10001 Datasheet HTML 5Page - Pan Jit International Inc. BC846AW-AU_S2_10001 Datasheet HTML 6Page - Pan Jit International Inc. BC846AW-AU_S2_10001 Datasheet HTML 7Page - Pan Jit International Inc. BC846AW-AU_S2_10001 Datasheet HTML 8Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PAGE . 5
April 23,2013-REV.02
BC846AW-AU ~ BC850CW-AU
ELECTRICAL CHARACTERISTICS CURVE BAC
CW-AU BC
CW-AU BC
CW-AU BC
CW-AU
(
847
,
848
,
849
,
850
)
o
o
o
o
o
o
o
o
o
o
o
o
o
Fig.1 Typical I
vs. Junction Temperature
CBO
Fig.2 Typical h vs. Collector Current
FE
Fig.3 Typical V
vs. Collector Current
BE(ON)
Fig.4 Typical V
vs. Collector Current
CE(SAT)
Fig.5 Typical V
vs. Collector Current
BE(SAT)
Fig.6 Typical Capacitances vs.Reverse Voltage


Similar Part No. - BC846AW-AU_S2_10001

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC846AW-7-F DIODES-BC846AW-7-F Datasheet
367Kb / 3P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30250 Rev. 8 - 2
BC846AW-7-F DIODES-BC846AW-7-F Datasheet
340Kb / 6P
   NPN SMALL SIGNAL TRANSISTOR
logo
Comchip Technology
BC846AW-G COMCHIP-BC846AW-G Datasheet
135Kb / 5P
   Small Signal Transistor
BC846AW-G COMCHIP-BC846AW-G Datasheet
129Kb / 6P
   Small Signal Transistor
logo
Nexperia B.V. All right...
BC846AW-Q NEXPERIA-BC846AW-Q Datasheet
220Kb / 11P
   65 V, 100 mA NPN general-purpose transistors
Rev. 2 - 29 March 2023
More results

Similar Description - BC846AW-AU_S2_10001

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
D882 AITSEMI-D882 Datasheet
554Kb / 5P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
   NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
   NPN general purpose transistors
2003 Jul 15
PMSTA05 PHILIPS-PMSTA05 Datasheet
56Kb / 8P
   NPN general purpose transistors
1999 Apr 29
JC546 PHILIPS-JC546 Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 27
BCX70 PHILIPS-BCX70 Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 15
BC546 PHILIPS-BC546 Datasheet
47Kb / 8P
   NPN general purpose transistors
2004 Nov 25
logo
Weitron Technology
S8050 WEITRON-S8050 Datasheet
2Mb / 4P
   NPN General Purpose Transistors
logo
NXP Semiconductors
2PC4617M NXP-2PC4617M Datasheet
222Kb / 6P
   NPN general purpose transistors
2003 Jul 15
BCV72.215 PHILIPS-BCV72.215 Datasheet
220Kb / 6P
   NPN general purpose transistors
1999 Apr 08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com