Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR2A-AU_L2_00001 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # FR2A-AU_L2_00001
Description  SURFACE MOUNT FAST RECOVERY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

FR2A-AU_L2_00001 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  FR2A-AU_L2_00001 Datasheet HTML 1Page - Pan Jit International Inc. FR2A-AU_L2_00001 Datasheet HTML 2Page - Pan Jit International Inc. FR2A-AU_L2_00001 Datasheet HTML 3Page - Pan Jit International Inc. FR2A-AU_L2_00001 Datasheet HTML 4Page - Pan Jit International Inc. FR2A-AU_L2_00001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
STAD-MAR.03.2009
1
FR2A-AU~FR2J-AU
NOTES:1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, Irr=0.25A
2. Measured at 1 MHz and applied Vr = 4.0 volts.
3. 8.0 mm2 ( .013mm thick ) land areas.
FEATURES
• For surface mounted applications
• Low profile package
• Built-in strain relief
• Easy pick and place
• Fast Recovery times for high efficiency
• Plastic package has Underwriters Laboratory Flammability
Classification 94V-O
• Glass passivated junction
• Acqire quality system certificate : TS16949
• AEC-Q101 qualified
• Lead free in comply with EU RoHS 2002/95/EC directives
MECHANICAL DATA
• Case: JEDEC DO-214AA molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750,Method 2026
• Polarity: Indicated by cathode band
• Standard packaging: 12mm tape (EIA-481)
• Weight: 0.0032 ounce, 0.092 gram
SURFACE MOUNT FAST RECOVERY RECTIFIER
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
VOLTAGE
50 to 600 Volts
CURRENT
2 Ampere
PA RA ME TE R
S YMB OL F R2A -AU F R2B -AU F R2D -A U FR2G-AU FR2J-AU UNITS
Maxi mum Recurrent Peak Reverse Voltage
V
RRM
50
100
200
400
600
V
Maxi mum RMS Voltage
V
RMS
35
70
140
280
420
V
Maxi mum D C Blocki ng Vo ltage
V
DC
50
100
200
400
600
V
Maxi mum A verage Recti fied C urrent at T
L= 90
O
CI
F(AV)
2A
P eak Forward S urge C urrent : 8.3ms si ngle half si ne-wave
superi mposed on rated load (JE D EC method)
I
FSM
50
A
Maxi mum F orward Voltage at 2A
V
F
1.3
V
Maxi mum DC Reverse Current T
J=2 5
O
C
at Rated D C Blocki ng Voltage T
J=1 2 5
O
C
I
R
1
150
μ
A
Maxi mum Reverse Recovery Time (Note 1)
t
rr
150
250
ns
Maxi mum Junction C apaci tance (Note 2)
C
J
40
pF
Typi cal Juncti on Resi stance (Note 3)
R
θ
JL
20
O
C / W
Operati ng Juncti on and S torage Temperature Range
T
J,TSTG
-50 to +150
O
C
0.185(4.70)
0.160(4.06)
0.050(1.27)
0.030(0.76)
0.220(5.59)
0.200(5.08)
0.012(0.305)
0.006(0.152)


Similar Part No. - FR2A-AU_L2_00001

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
FR2A-K SMC-FR2A-K Datasheet
170Kb / 4P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Micro Commercial Compon...
FR2A-L MCC-FR2A-L Datasheet
392Kb / 4P
   2.0 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR2A-L MCC-FR2A-L Datasheet
434Kb / 4P
   2.0 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR2A-L MCC-FR2A-L_13 Datasheet
425Kb / 4P
   2.0 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR2A-L_1308 MCC-FR2A-L_1308 Datasheet
434Kb / 4P
   2.0 Amp Fast Recovery Rectifier 50 to 1000 Volts
More results

Similar Description - FR2A-AU_L2_00001

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
FR1A SY-FR1A Datasheet
234Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
SRTA EIC-SRTA_05 Datasheet
56Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
PACELEADER INDUSTRIAL
RS2A PACELEADER-RS2A Datasheet
323Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Pan Jit International I...
RS1AF PANJIT-RS1AF Datasheet
268Kb / 4P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shenzhen Taychipst Elec...
FFM101 TAYCHIPST-FFM101 Datasheet
3Mb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
FR1AF ETC2-FR1AF Datasheet
575Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
FR3AF ETC2-FR3AF Datasheet
580Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Pan Jit International I...
RS1A PANJIT-RS1A_05 Datasheet
41Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
MIC GROUP RECTIFIERS
RS3A MIC-RS3A Datasheet
66Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shanghai Shunye Electro...
RS1A SHUNYE-RS1A Datasheet
233Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
FR1A SHUNYE-FR1A Datasheet
233Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com