Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MRFIC1801 Datasheet(PDF) 3 Page - Motorola, Inc

Part No. MRFIC1801
Description  1.8 GHz TRANSMIT/RECEIVE ANTENNA SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRFIC1801 Datasheet(HTML) 3 Page - Motorola, Inc

  MRFIC1801 Datasheet HTML 1Page - Motorola, Inc MRFIC1801 Datasheet HTML 2Page - Motorola, Inc MRFIC1801 Datasheet HTML 3Page - Motorola, Inc MRFIC1801 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
MRFIC1801
MOTOROLA RF DEVICE DATA
TYPICAL CHARACTERISTICS
(VDD – VSS = 5.5 V)
19
f, FREQUENCY (GHz)
f, FREQUENCY (GHz)
f, FREQUENCY (GHz)
f, FREQUENCY (GHz)
30
0
1.5
2.0
2.2
2.5
25
15
5
1.7
1.4
1.0
0
Pin, INPUT POWER (dBm)
1.8
0.6
28
29.5
30
31
28.5
1.5
0
f, FREQUENCY (GHz)
Figure 1. Antenna to Receive Insertion Loss
Figure 2. Transmit to Antenna Insertion Loss
(Small Signal)
Figure 3. Antenna to Transmit Isolation
in RX Mode
Figure 4. Transmit to Receive Isolation in TX Mode
Figure 5. Antenna Switch Insertion Loss versus
Input Power (Large Signal)
Figure 6. Return Loss
1.2
1.8
2.1
2.5
0
1.0
1.6
21
1.5
26
22
17
21
1.8
1.8
2.2
2.5
18.5
19.5
0.6
1.5
2.2
2.5
1.8
0.6
1.5
1.8
2.1
2.5
24
85
°C
T = – 35
°C
25
°C
85
°C
T = – 35
°C
25
°C
85
°C
Receive Port
in RX Mode
0.2
0.4
1.2
0.2
0.4
0.8
1.0
1.4
1.6
20.5
20
19
18
17.5
1.6
1.2
0.8
0.2
1.4
0.8
25
23
20
20
10
2.4
2.3
2.0
1.9
1.6
1.7
2.4
2.3
1.9
2.0
1.7
1.6
1.6
1.7
1.9
2.0
2.3
2.4
2.1
1.6
1.7
1.9
2.0
2.2
2.3
2.4
2.4
2.3
2.1
1.9
1.8
1.6
30.5
29
2.2
2.1
–35
°C
0.4
25
°C
55
°C
Transmit Port
in TX Mode
VC = VDD
PIN = 0dBm
VC = VDD
PIN = 0dBm
VC = VDD
f = 1.9GHz
T = – 35
°C
25
°C
85
°C
55
°C
VC = VSS
PIN = 0dBm
VC = VSS
PIN = 0dBm
Antenna Port
in RX Mode


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn