Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRFIC1801 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MRFIC1801
Description  1.8 GHz TRANSMIT/RECEIVE ANTENNA SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRFIC1801 Datasheet(HTML) 2 Page - Motorola, Inc

  MRFIC1801 Datasheet HTML 1Page - Motorola, Inc MRFIC1801 Datasheet HTML 2Page - Motorola, Inc MRFIC1801 Datasheet HTML 3Page - Motorola, Inc MRFIC1801 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MRFIC1801
2
MOTOROLA RF DEVICE DATA
MAXIMUM RATINGS (TA= 25°C unless otherwise noted)
Ratings
Symbol
Value
Unit
Supply Voltage
VDD
10
Vdc
Supply Voltage Difference
VDD – VSS
8
Vdc
RF Input Power
Pin
33
dBm
Switch Control Voltage
VC
VDD +1, VSS –1
Vdc
Storage Temperature Range
Tstg
– 65 to +150
°C
Operating Ambient Temperature
TA
– 30 to + 85
°C
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Value
Unit
Supply Voltage
VDD
2.7 to 5.5
Vdc
Supply Voltage Difference
VDD – VSS
5.5
Vdc
Switch Control Voltage
VC
VDD to VSS
Vdc
Operating Frequency
f
1.5 to 2.5
GHz
ELECTRICAL CHARACTERISTICS (VDD – VSS = 5.5 V, TA = 25°C, f = 1.9 GHz)
Characteristic
Min
Typ
Max
Unit
Antenna to Receive Insertion Loss (RX Mode, PIN = 0 dBm)
0.8
1
dB
Transmit to Antenna Insertion Loss (TX Mode, PIN = +27 dBm)
0.6
1
dB
Transmit to Receive Isolation in TX Mode (PIN = +27 dBm)
22
dB
Antenna to Transmit Isolation in RX Mode (PIN = 0 dBm)
18
dB
Input Return Loss, all ports
15
dB
Transmit to Antenna Input 1.0 dB Compression
29
dBm
Leakage Current (RX Mode)
45
µA
Total Supply Current (TX Mode)
300
µA
EVALUATION BOARDS
Evaluation boards are available for RF Monolithic Integrated Circuits by adding a “TF” suffix to the device type. For a
complete list of currently available boards and ones in development for newly introduced product, please contact your
local Motorola Distributor or Sales Office.
APPLICATIONS INFORMATION
The MRFIC1801 is a SPDT switch. A series–shunt pair of FETs are used in each path for improved isolation. The power handling
capability of the MRFIC1801 is determined by the difference between VDD and VSS. Typical operating conditions are VDD = 3.0
V and VSS = –2.5 V, but a negative VSS is not required. VSS can be grounded.
Mode
VC
RX
VSS
TX
VDD
Table 1. Logic Table


Similar Part No. - MRFIC1801

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC1803 MOTOROLA-MRFIC1803 Datasheet
119Kb / 6P
   1.8 GHz UPMIXER, EXCITER AND LO AMP GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1804 MOTOROLA-MRFIC1804 Datasheet
82Kb / 6P
   1.8 GHz LOW NOISE AMPLIFIER AND DOWNMIXER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1805 MOTOROLA-MRFIC1805 Datasheet
220Kb / 10P
   1.9 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1806 MOTOROLA-MRFIC1806 Datasheet
278Kb / 12P
   1.8 GHz DRIVER AMPLIFIER AND RAMP CIRCUIT GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1807 MOTOROLA-MRFIC1807 Datasheet
226Kb / 8P
   1.8 GHz POWER AMPLIFIER AND TRANSMIT/RECEIVE SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
More results

Similar Description - MRFIC1801

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC1807 MOTOROLA-MRFIC1807 Datasheet
226Kb / 8P
   1.8 GHz POWER AMPLIFIER AND TRANSMIT/RECEIVE SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC0903 MOTOROLA-MRFIC0903 Datasheet
193Kb / 8P
   ANTENNA SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
logo
Hittite Microwave Corpo...
HMC226 HITTITE-HMC226_05 Datasheet
196Kb / 6P
   GaAs MMIC 3V SOT26 TRANSMIT / RECEIVE SWITCH, DC - 2 GHz
logo
Motorola, Inc
MRFIC1806 MOTOROLA-MRFIC1806 Datasheet
278Kb / 12P
   1.8 GHz DRIVER AMPLIFIER AND RAMP CIRCUIT GaAs MONOLITHIC INTEGRATED CIRCUIT
logo
Hittite Microwave Corpo...
HMC226 HITTITE-HMC226_06 Datasheet
264Kb / 6P
   GaAs MMIC 3V SOT26 TRANSMIT RECEIVE SWITCH, DC - 2.0 GHz
HMC226 HITTITE-HMC226_10 Datasheet
180Kb / 4P
   GaAs MMIC 3V SOT26 TRANSMIT / RECEIVE SWITCH, DC - 2 GHz
HMC226 HITTITE-HMC226 Datasheet
179Kb / 6P
   GaAs MMIC 3V SOT26 TRANSMIT/RECEIVE SWITCH, DC - 2.0 GHz
logo
RF Micro Devices
RF2436 RFMD-RF2436 Datasheet
42Kb / 6P
   TRANSMIT/RECEIVE SWITCH
RF2436 RFMD-RF2436_06 Datasheet
65Kb / 6P
   TRANSMIT/RECEIVE SWITCH
RF2436 RFMD-RF2436_1 Datasheet
144Kb / 6P
   TRANSMIT/RECEIVE SWITCH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com