Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC856-AU_R0_00001 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # BC856-AU_R0_00001
Description  PNP GENERAL PURPOSE TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC856-AU_R0_00001 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  BC856-AU_R0_00001 Datasheet HTML 1Page - Pan Jit International Inc. BC856-AU_R0_00001 Datasheet HTML 2Page - Pan Jit International Inc. BC856-AU_R0_00001 Datasheet HTML 3Page - Pan Jit International Inc. BC856-AU_R0_00001 Datasheet HTML 4Page - Pan Jit International Inc. BC856-AU_R0_00001 Datasheet HTML 5Page - Pan Jit International Inc. BC856-AU_R0_00001 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PAGE . 3
0.01
0.1
1
10
100
600
500
400
300
200
100
0
Collector Current,I (mA)
C
Collector Current,I (mA)
C
0.01
0.1
1
10
100
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
Collector Current, I (mA)
C
Collector Current, I (mA)
C
0.01
0.1
1
10
100
Collector Current,I (mA)
C
Collector Current,I (mA)
C
0.3
0.25
0.2
0.15
0.1
0.05
0
0.1
1
10
100
14
12
10
8
6
4
2
0
Reverse Voltage,V (V)
R
Reverse Voltage,V (V)
R
T =100 C
J
O
T =25 C
J
O
T =150 C
J
O
T =150 C
J
O
T =100 C
J
O
T =100 C
J
O
T =25 C
J
O
T =25 C
J
O
T =15
C
J
O
VCE = -5V
CIB (EB)
COB (BC)
V =-5V
CE
Fig.1- TYPICAL h
vs. Collector Current
FE
Fig.2- TYPICAL V
vs. Collector Current
BE(ON)
Fig.3- TYPICAL V
vs. Collector Current
CE(SAT)
Fig.4- TYPICAL CAPACITANCES vs. REVERSE VOLTAGE
ELECTRICAL CHARACTERISTICS CURVES
ELECTRICAL CHARACTERISTICS CURVES
April 23,2012-REV.03
BC856
,BC857
,BC858
,BC859
SERIES


Similar Part No. - BC856-AU_R0_00001

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BC856-A-AE3-R UTC-BC856-A-AE3-R Datasheet
176Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
More results

Similar Description - BC856-AU_R0_00001

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SS8550LT1 WEITRON-SS8550LT1 Datasheet
404Kb / 4P
   PNP General Purpose Transistors
S9012 WEITRON-S9012 Datasheet
1Mb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
   PNP general purpose transistors
1999 Apr 20
BC859 PHILIPS-BC859 Datasheet
46Kb / 8P
   PNP general purpose transistors
1999 May 28
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 May 31
logo
Weitron Technology
A1015 WEITRON-A1015 Datasheet
720Kb / 4P
   PNP General Purpose Transistors
2SA1036K WEITRON-2SA1036K Datasheet
209Kb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BC857BW115 NXP-BC857BW115 Datasheet
163Kb / 10P
   PNP general purpose transistors
2002 Feb 04
BCW69 PHILIPS-BCW69_15 Datasheet
119Kb / 6P
   PNP general purpose transistors
2004 Feb 06
logo
First Components Intern...
2N3905 FCI-2N3905_6 Datasheet
77Kb / 2P
   PNP General Purpose Transistors
logo
Weitron Technology
KTA1505 WEITRON-KTA1505 Datasheet
411Kb / 3P
   PNP General Purpose Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com