Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS3-XX15SZ Datasheet(PDF) 2 Page - Recom International Power

Part # RS3-XX15SZ
Description  2.1 and 3.1 Wide Input Voltage Ranges 1kVDC,2kVDC and 3kVDC Isolation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RS3-XX15SZ Datasheet(HTML) 2 Page - Recom International Power

  RS3-XX15SZ Datasheet HTML 1Page - Recom International Power RS3-XX15SZ Datasheet HTML 2Page - Recom International Power RS3-XX15SZ Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
100
60
20
40
50
0
-40
71
150
Operating Temperature °C
0
80
Safe Operating Area
30
85
Derating-Graph
(Ambient Temperature)
Input Voltage Range
2:1 and 3:1
Output Accuracy
Nominal Vin and full load
±2% typ.
Line Voltage Regulation
LL to HL, full load
±0.5% max.
Load Voltage Regulation
20% to 100% full load
±0.5% typ.
Minimum Load
5V input
10%
all others
0%
Output Ripple and Noise
20MHz limited
50mVp-p max.
Switching Frequency
20% to 100% full load
200kHz typ.
Efficiency at Full Load
see Selection Guide
Quiescent Current
RS3-05xxS_D
35mA typ.
Nominal input Voltage
RS3-12xxS_D
25mA typ.
(Standard, /H2 and /H3)
RS3-24xxS_D, SZ_DZ
20mA typ.
RS3-48xxS_D, SZ_DZ
10mA typ.
Isolation Voltage
Standard
(tested for 1 second)
1000VDC
(rated for 1 minute)
500VAC / 60Hz
/H2 Version
(tested for 1 second)
2000VDC
(rated for 1 minute)
1000VAC / 60Hz
/H3 Version
(tested for 1 second)
3000VDC
(rated for 1 minute)
1500VAC / 60Hz
Isolation Capacitance (2:1 and 3:1)
H1
200pF max.
(tested at 100kHz)
H2/H3
30pF max.
Isolation Resistance
1G
Ω min.
Short Circuit Protection (see note)
Continuous
Operating Temperature Range
–40°C to +71°C
Storage Temperature Range
–55°C to +125°C
Relative Humidity
95% RH
Package Weight
4.7g
Packing Quantity
22 pcs per Tube
MTBF (+25°C)
using MIL-HDBK 217F
3303 x10³ hours
(+71°C)
using MIL-HDBK 217F
745 x10³ hours
Note: To protect the converter under all fault conditions, an input fuse is required. Quick-blow fuses
should be rated at 2x-3x the normal input current, time-delay fuses at 1.5x the normal input current.
Electrical Specifications (measured at T
A = 25°C, at nominal input voltage and rated output current unless otherwise specified)
RS3-S_D/(Z)
Series
ECONOLINE
DC/DC-Converter
}DetailedInformationsee
Application Notes chapter "MTBF"
Typical Characteristics
RS3-0505S
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
RS3-4805D
RS3-(Z)S_D
REV:
0/2013
www.recom-electronic.com
E-134
-Vin
-Vout
+Vout
+Vin
Input Fuse
(see note)
RS3
Typical Application


Similar Part No. - RS3-XX15SZ

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RS3-xx15SZ RECOM-RS3-xx15SZ Datasheet
120Kb / 3P
   3 Watt SIP8 Isolated Single & Dual Output
More results

Similar Description - RS3-XX15SZ

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC7.5 RECOM-REC7.5 Datasheet
124Kb / 3P
   1KVDC, 2KVDC and 3kVDC Isolation Options
R0.25E RECOM-R0.25E Datasheet
105Kb / 2P
   1kVDC and 2kVDC Isolation Option
RBL RECOM-RBL Datasheet
92Kb / 2P
   1kVDC and 2kVDC Isolation Option
REC10M RECOM-REC10M Datasheet
105Kb / 2P
   2kVDC and 3kVDC Isolation Options
REC15-SD RECOM-REC15-SD Datasheet
467Kb / 6P
   2kVDC And 3kVDC Isolation Options
logo
List of Unclassifed Man...
R1Z-0505 ETC2-R1Z-0505 Datasheet
88Kb / 2P
   1kVDC 2kVDC Isolation
logo
Wall Industries,Inc.
LANCY WALL-LANCY Datasheet
355Kb / 6P
   Wide Input Voltage Ranges
logo
Recom International Pow...
RS3 RECOM-RS3 Datasheet
123Kb / 3P
   2:1 and 3:1 Wide Input Voltage Ranges
RS3-4805SZ RECOM-RS3-4805SZ Datasheet
122Kb / 3P
   2 1 and 3 1 Wide Input Voltage Ranges
RSO RECOM-RSO Datasheet
103Kb / 3P
   2:1 and 4:1 Wide Input Voltage Ranges
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com