Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS3-XX3.3D Datasheet(PDF) 3 Page - Recom International Power

Part # RS3-XX3.3D
Description  2.1 and 3.1 Wide Input Voltage Ranges 1kVDC,2kVDC and 3kVDC Isolation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RS3-XX3.3D Datasheet(HTML) 3 Page - Recom International Power

  RS3-XX3.3D Datasheet HTML 1Page - Recom International Power RS3-XX3.3D Datasheet HTML 2Page - Recom International Power RS3-XX3.3D Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.recom-international.com
E-135
REV:
0/2013
12
5
36 7 8
3.20
0.32
2.0
9.20
21.80
RECOM
RS3- xxxx
****
12
5
36 7 8
0.50±0.05
4.1 typ.
0.50±0.05
11.10
RECOM
RS3-xxxxS(Z)
****
RECOM
RS3-xxxxD(Z)
****
2.54
2.54
1.0ø+0.15/–0
Top View
Bottom View
Single Output
Dual Output
3rd angle
projection
Recommended Footprint Details
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Package Style and Pinning (mm)
Pin Connections
Pin #
Single
Dual
1
–Vin
–Vin
2
+Vin
+Vin
3
CTRL
CTRL
5NC
NC
6
+Vout
+Vout
7
–Vout
Com
8
NC
–Vout
NC = No Connection
RS3-S_D/(Z)
Series
ECONOLINE
DC/DC-Converter
Application Examples
-Vin
-Vout
+Vout
+Vin
Ctrl
(TTL)
(see text)
10 KW
20 KW
4.7 KW
RS3
Fuse
TTL Remote CTRL Circuit
Voltage to be applied via a limiting resistor with a re-
commended value of 1K for RS3-05xx; 3.3K for RS3-
12xx; 4.7K for RS3-24xx and 10K for RS3-48xx.
Control Pin Input Current:
10mA
Control Pin (CTRL) Input
Current, control voltage
applied via 1K resistor,
output voltage must
typ. 3mA
reduce to 0V:
max. 6mA
-Vin
-Vout
+Vout
+Vin
Remote
(see text)
Optocoupler
RS3
Fuse
Isolated Remote CTRL Circuit
Pin 8 (NC*) This pin is used internally and must have no external connection.
Pin 5 (NC) Not connected internally.
Pin 3 (CTRL)
This pin provides an Off function which puts the converter into a low power mode. When the pin is ‘high’ the converter is OFF and when the pin is high ‘Z’ the converter is ON.
There is no allowed low state for this pin.
Notes
Note 1
Maximum capacitive load is defined as the capacitive load that will allow start up in under 1 second without damage to the converter
Certifications
EN General Safety
Report: SPCLVD1212007
EN60950-1:2006 + A11:2009+A1:2010+A12:2011
EN Medical Safety
Report: MDD1205098-3 + RM1205098-3
IEC/EN 60601-1 3rd Edition
Medical Report + ISO14971 Risk Assessment


Similar Part No. - RS3-XX3.3D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RS3-xx3.3D RECOM-RS3-xx3.3D Datasheet
120Kb / 3P
   3 Watt SIP8 Isolated Single & Dual Output
RS3-xx3.3DZ RECOM-RS3-xx3.3DZ Datasheet
120Kb / 3P
   3 Watt SIP8 Isolated Single & Dual Output
More results

Similar Description - RS3-XX3.3D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC7.5 RECOM-REC7.5 Datasheet
124Kb / 3P
   1KVDC, 2KVDC and 3kVDC Isolation Options
R0.25E RECOM-R0.25E Datasheet
105Kb / 2P
   1kVDC and 2kVDC Isolation Option
RBL RECOM-RBL Datasheet
92Kb / 2P
   1kVDC and 2kVDC Isolation Option
REC10M RECOM-REC10M Datasheet
105Kb / 2P
   2kVDC and 3kVDC Isolation Options
REC15-SD RECOM-REC15-SD Datasheet
467Kb / 6P
   2kVDC And 3kVDC Isolation Options
logo
List of Unclassifed Man...
R1Z-0505 ETC2-R1Z-0505 Datasheet
88Kb / 2P
   1kVDC 2kVDC Isolation
logo
Wall Industries,Inc.
LANCY WALL-LANCY Datasheet
355Kb / 6P
   Wide Input Voltage Ranges
logo
Recom International Pow...
RS3 RECOM-RS3 Datasheet
123Kb / 3P
   2:1 and 3:1 Wide Input Voltage Ranges
RS3-4805SZ RECOM-RS3-4805SZ Datasheet
122Kb / 3P
   2 1 and 3 1 Wide Input Voltage Ranges
RSO RECOM-RSO Datasheet
103Kb / 3P
   2:1 and 4:1 Wide Input Voltage Ranges
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com