Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVS0.3EH-M6 Datasheet(PDF) 1 Page - Power-One

Part # NVS0.3EH-M6
Description  6W SMT Converter Wide Input 3.3V to 24V Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

NVS0.3EH-M6 Datasheet(HTML) 1 Page - Power-One

  NVS0.3EH-M6 Datasheet HTML 1Page - Power-One NVS0.3EH-M6 Datasheet HTML 2Page - Power-One NVS0.3EH-M6 Datasheet HTML 3Page - Power-One NVS0.3EH-M6 Datasheet HTML 4Page - Power-One NVS0.3EH-M6 Datasheet HTML 5Page - Power-One NVS0.3EH-M6 Datasheet HTML 6Page - Power-One NVS0.3EH-M6 Datasheet HTML 7Page - Power-One NVS0.3EH-M6 Datasheet HTML 8Page - Power-One NVS0.3EH-M6 Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
NV DC-DC Series Data Sheet
6W SMT Converter Wide Input 3.3V to +/-24V Outputs
APR 20, 2006 revised to MAR 12, 2007
Page 1 of 11
www.power-one.com
Applications
Distributed power architectures
Telecommunications equipment
LAN/WAN applications
Data processing
Industrial / Instrumentation Applications
Features
• RoHS lead free solder and lead solder
exempted products are available
• Basic Insulation
• Single board design
• Low profile SMT design
• Excellent co-planarity (within 0.1mm)
• Input-to-output isolation: 1500 VDC
• Low conducted and radiated EMI
• Output overcurrent protection
• Extremely-wide input ranges (2:1 & 4:1)
• Wide output range (3.3 V to 48 V)
• Parallel and series connection providing
flexible output voltages and power
• Full rated output power at 85 ºC or 71 ºC with
convection cooling
• 8.5 mm height
• Operating temperature to 110 ºC
UL, CSA, and EN/IEC60950 (3
rd ed.) approved
Description
The NV Series of converters are low profile, single and dual output, DC-DC converters intended for SMT
placement and reflow soldering. The product provides onboard conversion for a wide range of standard telecom
and datacom input voltages to isolated low output voltages. Proprietary patented manufacturing process with full
process automation ensures optimal product quality in an extremely small footprint.
Model Selection – Single output
Model
Input
Voltage,
VDC
Input
Current,
Max ADC
Output
Voltage,
VDC
Output Rated
Current,
ADC (Io.Max)
Output
Ripple/Noise,
mVp-p
Typical
Efficiency,
%
NVS01YG-M6
18-36
0.27
5.0
1.0
50
82
NVS0.5YH-M6
18-36
0.33
12
0.5
95
83
NVS0.4YJ-M6
18-36
0.33
15
0.4
120
84
NVS01ZG-M6
36-75
0.17
5.0
1.0
50
82
NVS0.5ZH-M6
36-75
0.17
12
0.5
95
82
NVS0.4ZJ-M6
36-75
0.17
15
0.4
120
84
NVS0.9CE-M6
9-36
0.45
3.3
0.9
50
79
NVS0.7CG-M6
9-36
0.55
5.0
0.7
50
81
NVS0.3CH-M6
9-36
0.65
12
0.34
95
82
NVS0.3CJ-M6
9-36
0.65
15
0.28
120
82
NVS0.9EE-M6
18-75
0.33
3.3
0.9
50
80
NVS0.7EG-M6
18-75
0.33
5.0
0.7
50
81
NVS0.3EH-M6
18-75
0.33
12
0.34
95
82
NVS0.3EJ-M6
18-75
0.33
15
0.28
120
82
Dual outputs continued on next page


Similar Part No. - NVS0.3EH-M6

ManufacturerPart #DatasheetDescription
logo
Power-One
NVS0.3EH-M6 POWER-ONE-NVS0.3EH-M6 Datasheet
224Kb / 11P
   NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, 짹5.0V, 짹12V, 짹15V & 짹24V Outputs
More results

Similar Description - NVS0.3EH-M6

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SW6R24S03WF SUPERWORLD-SW6R24S03WF Datasheet
197Kb / 2P
   6W Wide Input Single & Dual Output DC-DC Converter
logo
DIWELL Electronics Co.,...
CW DIWELL-CW Datasheet
262Kb / 24P
   3W-6W WIDE INPUT RANGE
2013/9/6
CMW DIWELL-CMW Datasheet
420Kb / 7P
   3W-6W WIDE INPUT RANGE
2020/05/18
logo
Superworld Electronics
SW6R24S03WSMF SUPERWORLD-SW6R24S03WSMF Datasheet
165Kb / 2P
   6W Wide Input Single & Dual SMD DC-DC Converter
SW6R48S03UWF SUPERWORLD-SW6R48S03UWF Datasheet
184Kb / 2P
   6W Ultra-Wide Input Single & Dual Output DC-DC Converter
SW6R48S03UWSMF SUPERWORLD-SW6R48S03UWSMF Datasheet
147Kb / 2P
   6W Ultra-Wide Input Single & Dual SMD DC-DC Converter
logo
Richtek Technology Corp...
RT8258GE RICHTEK-RT8258GE Datasheet
401Kb / 12P
   Wide Operating Input Voltage Range : 4.5V to 24V
logo
Delta Electronics, Inc.
DR06S DELTA-DR06S Datasheet
227Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DG06S0503A DELTA-DG06S0503A Datasheet
221Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DR06S2403A DELTA-DR06S2403A Datasheet
228Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com