Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

051144-20052-8 Datasheet(PDF) 2 Page - 3M Electronics

Part # 051144-20052-8
Description  Engineered Metalworking Solutions
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

051144-20052-8 Datasheet(HTML) 2 Page - 3M Electronics

  051144-20052-8 Datasheet HTML 1Page - 3M Electronics 051144-20052-8 Datasheet HTML 2Page - 3M Electronics 051144-20052-8 Datasheet HTML 3Page - 3M Electronics 051144-20052-8 Datasheet HTML 4Page - 3M Electronics 051144-20052-8 Datasheet HTML 5Page - 3M Electronics 051144-20052-8 Datasheet HTML 6Page - 3M Electronics 051144-20052-8 Datasheet HTML 7Page - 3M Electronics 051144-20052-8 Datasheet HTML 8Page - 3M Electronics 051144-20052-8 Datasheet HTML 9Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 130 page
background image
Size
Micron
UPC
Product ID
Bags
Per Case
Polypropylene felt
#1
1
016145-
18093-4
NB0001PPS1C
50
5
016145-
18099-6
NB0005PPS1C
10
016145-
18105-4
NB0010PPS1C
25
016145-
18111-5
NB0025PPS1C
50
016145-
18117-7
NB0050PPS1C
100
016145-
18123-8
NB0100PPS1C
200
016145-
18129-0
NB0200PPS1C
#2
1
016145-
18094-1
NB0001PPS2C
5
016145-
18100-9
NB0005PPS2C
10
016145-
18106-1
NB0010PPS2C
25
016145-
18112-2
NB0025PPS2C
50
016145-
18118-4
NB0050PPS2C
100
016145-
18124-5
NB0100PPS2C
200
016145-
18130-6
NB0200PPS2C
Polyester felt
#1
1
016145-
18089-7
NB0001EES1C
50
5
016145-
18095-8
NB0005EES1C
10
016145-
18101-6
NB0010EES1C
25
016145-
18107-8
NB0025EES1C
50
016145-
18113-9
NB0050EES1C
100
016145-
18119-1
NB0100EES1C
200
016145-
18125-2
NB0200EES1C
#2
1
016145-
18090-3
NB0001EES2C
5
016145-
18096-5
NB0005EES2C
10
016145-
18102-3
NB0010EES2C
25
016145-
18108-5
NB0025EES2C
50
016145-
18114-6
NB0050EES2C
100
016145-
18120-7
NB0100EES2C
200
016145-
18126-9
NB0200EES2C
Size
Micron
UPC
Product ID
Bags
Per Case
Nylon Monofilament
#1
25
016145-
18195-5
NB0025NYS1R
50
50
016145-
18197-9
NB0050NYS1R
100
016145-
18199-3
NB0100NYS1R
150
016145-
18201-3
NB0150NYS1R
200
016145-
18203-7
NB0200NYS1R
250
016145-
18205-1
NB0250NYS1R
25
400
016145-
18207-5
NB0400NYS1R
600
016145-
18209-9
NB0005PPS2C
800
016145-
18211-2
NB0800NYS1R
1200
016145-
18213-6
NB1200NYS1R
#2
25
016145-
18196-2
NB0025NYS2R
50
50
016145-
18198-6
NB0050NYS2R
100
016145-
18200-6
NB0100NYS2R
150
016145-
18202-0
NB0150NYS2R
200
016145-
18204-4
NB0200NYS2R
250
016145-
18206-8
NB0250NYS2R
400
016145-
18208-2
NB0400NYS2R
25
600
016145-
18210-5
NB0600NYS2R
800
016145-
18212-9
NB0800NYS2R
1200
016145-
18214-3
NB1200NYS2R
3MPurification Series NB Liquid Bag Filters
3MPurification Series NB liquid bag filter products combine filtration experience and manufacturing expertise to provide high quality,
cost effective solutions for those applications where a rated bag filtration is appropriate.
Series NB bag products are available in polypropylene felt and polyester felt in Size #1 and Size #2
configurations in grades ranging from 1–200 microns. the bags feature an all welded construction
with a plastic sealing collar for consistent and reproducible filtration.
Series NB bag products are also available in nylon monofilament materials of construction in Size #1
and Size #2 configurations in grades ranging from 25–1200 microns. the high strength and uniform
porosity of the NMo bags make them an excellent choice for applications looking for removal of
oversized contaminants while allowing for passage of desired fluid particles (metallic paints…).
Size #1
Size #2
Dimensions
7" OD x 16" L
7" OD x 32" L
Max. Operating Temperature
180°F/82°C (polypropylene felt)
300°F/149°C (polyester felt, NMO)
Max. Recommended Flow
90 gpm
180 gpm
Recommended Changeout
Differential Pressure
20 psid
3MPurification Series NB Liquid Bag filter Specifications
and operating Parameters
Filtration Products
125
table of Contents
Coated Abrasives
Fibre Discs . . . . . . . . . . . . 1–4
Flap Discs . . . . . . . . . . . . . 5–8
Stikit™ and PSA Discs . . . 9–13
Roloc™ Discs . . . . . . . . . 14–19
Belts . . . . . . . . . . . . . . . 20–38
Sheets and Rolls . . . . . . 39–41
Flap Wheels . . . . . . . . . . 42–43
Specialty . . . . . . . . . . . . 44–46
Surface Conditioning Abrasives
Scotch-Brite™ Discs . . . . 47–53
Roloc™ . . . . . . . . . . . . 48–50
Hook-and-Loop . . . . . 51–52
TN Quick Change . . . . . . . 53
Spindle Mount . . . . . . . . . 53
Scotch-Brite™ Belts . . . . 54–56
Scotch-Brite™ Wheels . . 57–64
Scotch-Brite™ Specialty
Abrasives . . . . . . . . . . 65–66
Scotch-Brite™
Hand Pads/Rolls . . . . . 67–68
Bonded Abrasives
Bonded Type 27 Wheels . . . . 69
Bonded Type 28 Wheels . . . . 69
Cut-Off Wheels . . . . . . . . . . 70
Superabrasives
Wheels . . . . . . . . . . . . . 78–85
Dressing and Truing
Tools . . . . . . . . . . . . . 85–87
Kits and Packs
Abrasive Kits/Packs . . . . . . . 71
12
P12
P16
16
P20
Abrasive Grade Guides
Abrasive Grade
Comparison Guide . . . . . . 88
Scotch-Brite™
Product Guide . . . . . . . . . . 88
Adhesives and Tapes
Structural and Non-Structural
Adhesives . . . . . . . . . 89–95
Scotch-Weld™
Adhesives . . . . . . . . . .96–97
Tapes/Masking/
Dispensers . . . . . . . . 98–109
Maintenance and Repair
Maintenance Aerosols . . . . 123
Electrical . . . . . . . . . . . . . . 123
Facility Care . . . . . . . . . . . 124
Utility Cloth Rolls . . . . . . . . 124
Filtration
3M™ Purification Series
NB Liquid Bag Filters . . . . 125
Accessories
Abrasive Accessories . . . 72–77
Safety
Respirators . . . . . . . . 110–113
Speedglas™ Helmets . .114–115
Hearing Conservation . .116–117
Protective Eyewear . . . . . . 118
Sorbents . . . . . . . . . . . . . . 119
Fall Protection . . . . . . 120–121
122
! Safety WarningS


Similar Part No. - 051144-20052-8

ManufacturerPart #DatasheetDescription
logo
3M Electronics
051144-05450-3 3M-051144-05450-3 Datasheet
4Mb / 58P
   Accessories for Surface Modification
051144-05452-7 3M-051144-05452-7 Datasheet
4Mb / 58P
   Accessories for Surface Modification
051144-05510-4 3M-051144-05510-4 Datasheet
4Mb / 58P
   Accessories for Surface Modification
051144-05539-5 3M-051144-05539-5 Datasheet
4Mb / 58P
   Accessories for Surface Modification
051144-05540-1 3M-051144-05540-1 Datasheet
4Mb / 58P
   Accessories for Surface Modification
More results

Similar Description - 051144-20052-8

ManufacturerPart #DatasheetDescription
logo
3M Electronics
7200 3M-7200 Datasheet
167Kb / 4P
   3M??Novec??7200 Engineered Fluid
649 3M-649 Datasheet
322Kb / 4P
   3M??Novec??649 Engineered Fluid
72FL 3M-72FL Datasheet
133Kb / 2P
   3M??Novec??72FL Engineered Fluid
72DE 3M-72DE Datasheet
157Kb / 4P
   3M??Novec??72DE Engineered Fluid
73DE 3M-73DE Datasheet
467Kb / 4P
   3M??Novec??73DE Engineered Fluid
72DA 3M-72DA Datasheet
156Kb / 4P
   3M??Novec??72DA Engineered Fluid
71DE 3M-71DE Datasheet
82Kb / 4P
   3M??Novec??71DE Engineered Fluid
8038 3M-8038 Datasheet
19Kb / 2P
   Scotch??8038 Performance-Engineered Polyester Film
logo
Lumileds Lighting Compa...
L2C5-30801203F09P0 LUMILEDS-L2C5-30801203F09P0 Datasheet
2Mb / 15P
   Engineered for vibrant colors
20200415
logo
3M Electronics
7700 3M-7700 Datasheet
177Kb / 8P
   3M??Novec??7700 Engineered Fluid
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com