Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

92318 Datasheet(PDF) 88 Page - 3M Electronics

Part # 92318
Description  Engineered Metalworking Solutions
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

92318 Datasheet(HTML) 88 Page - 3M Electronics

Back Button 92318 Datasheet HTML 84Page - 3M Electronics 92318 Datasheet HTML 85Page - 3M Electronics 92318 Datasheet HTML 86Page - 3M Electronics 92318 Datasheet HTML 87Page - 3M Electronics 92318 Datasheet HTML 88Page - 3M Electronics 92318 Datasheet HTML 89Page - 3M Electronics 92318 Datasheet HTML 90Page - 3M Electronics 92318 Datasheet HTML 91Page - 3M Electronics 92318 Datasheet HTML 92Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 130 page
background image
Superabrasive Wheels
84
The wheels listed in this catalog are in stock and intended as a
general starting point for the application indicated. Many other
wheel configurations and grades are available. Contact your 3M
Customer Service Representative at 1-800-736-2500.
3MWheels for End Work
3MWheel for End Work — Shape 11V2
Dimensions
D × T × AH*
Grade
Bond**
Prod ID
UPC
(051141-)
Min./
Case
Diamond Abrasive — 11V2
4" × 1-1/2" × AH*
X = 1/4
W = 1/4
D220
H
665HL
54862-3
1
P
675PM
54841-8
R
695DM
54873-9
D320
H
665HL
54863-0
P
675PM
54843-2
R
695DM
54876-0
CBN Abrasive — 11V2
4" × 1-1/2" × AH*
X = 1/4
W = 1/4
B220
H
164HK
31248-4
1
P
154PL
31234-7
R
195DM
31255-2
* Arbor hole is made to customer spec. Please specify on order.
** H=Hybrid P=Polyimide R=Resin
3MWheel for End Work — Shape 11A2
Dimensions
D × T × AH*
Grade
Bond**
Prod ID
UPC
(051141-)
Min./
Case
Diamond Abrasive — 11A2
4" × 1-1/4" × AH*
X = 1/4
W = 1/4
D320
H
665HL
54811-1
1
P
675PM
54844-9
R
695DM
54922-4
D220
R
695DM
54874-6
4" × 1-1/4" × AH*
X = 1/4
W = 3/8
D320
H
665HL
54812-8
P
675PM
54845-6
R
695DM
54877-7
5" × 1-1/2" × AH*
X = 1/4
W = 1/4
D220
H
665HL
54824-1
P
675PM
54851-7
R
695DM
54883-8
D320
H
665HL
54829-6
P
675PM
54853-1
R
695DM
54885-2
5" × 1-1/2" × AH*
X = 1/4
W = 3/8
D220
H
665HL
54825-8
P
675PM
54852-4
R
695DM
54884-5
D320
H
665HL
54830-2
P
675PM
54854-8
R
695DM
54886-9
CBN Abrasive — 11A2
4" × 1-1/4" × AH*
X = 1/4
W = 1/4
B220
H
164HK
31249-1
P
154PL
31235-4
R
195DM
31256-9
4" × 1-1/4" × AH*
X = 1/4
W = 3/8
B220
H
164HK
54923-1
P
154PL
54924-8
R
195DM
54925-5
* Arbor hole is made to customer spec. Please specify on order.
** H=Hybrid P=Polyimide R=Resin
AH
D
70°
T
W
X
K
AH
70°
T
D
X
W
2-Day
Shipping
on stockw
heels
within the
U.S.!
End Work
Grinding a small clearance, or relief, angle on the face
(tip) of the tool to reduce the contact area between the
tool and workpiece.


Similar Part No. - 92318

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
92318-04XX MOLEX2-92318-04XX Datasheet
1Mb / 20P
   1.27mm IDT Connector System for Ribbon Cable Applications
92318-06XX MOLEX2-92318-06XX Datasheet
1Mb / 20P
   1.27mm IDT Connector System for Ribbon Cable Applications
92318-0816 MOLEX11-92318-0816 Datasheet
110Kb / 2P
   Picoflex PF-50 IDT-Board In Z-Style, 8 Circuits, 0.16m (6.30") Length
92318-0826 MOLEX11-92318-0826 Datasheet
110Kb / 2P
   Picoflex짰 PF-50 IDT-Board In Z-Style, 8 Circuits
92318-0830 MOLEX11-92318-0830 Datasheet
110Kb / 2P
   Picoflex짰 PF-50 IDT-Board In Z-Style
More results

Similar Description - 92318

ManufacturerPart #DatasheetDescription
logo
3M Electronics
7200 3M-7200 Datasheet
167Kb / 4P
   3M??Novec??7200 Engineered Fluid
649 3M-649 Datasheet
322Kb / 4P
   3M??Novec??649 Engineered Fluid
72FL 3M-72FL Datasheet
133Kb / 2P
   3M??Novec??72FL Engineered Fluid
72DE 3M-72DE Datasheet
157Kb / 4P
   3M??Novec??72DE Engineered Fluid
73DE 3M-73DE Datasheet
467Kb / 4P
   3M??Novec??73DE Engineered Fluid
72DA 3M-72DA Datasheet
156Kb / 4P
   3M??Novec??72DA Engineered Fluid
71DE 3M-71DE Datasheet
82Kb / 4P
   3M??Novec??71DE Engineered Fluid
8038 3M-8038 Datasheet
19Kb / 2P
   Scotch??8038 Performance-Engineered Polyester Film
logo
Lumileds Lighting Compa...
L2C5-30801203F09P0 LUMILEDS-L2C5-30801203F09P0 Datasheet
2Mb / 15P
   Engineered for vibrant colors
20200415
logo
3M Electronics
7700 3M-7700 Datasheet
177Kb / 8P
   3M??Novec??7700 Engineered Fluid
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com