Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

92318 Datasheet(PDF) 77 Page - 3M Electronics

Part # 92318
Description  Engineered Metalworking Solutions
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

92318 Datasheet(HTML) 77 Page - 3M Electronics

Back Button 92318 Datasheet HTML 73Page - 3M Electronics 92318 Datasheet HTML 74Page - 3M Electronics 92318 Datasheet HTML 75Page - 3M Electronics 92318 Datasheet HTML 76Page - 3M Electronics 92318 Datasheet HTML 77Page - 3M Electronics 92318 Datasheet HTML 78Page - 3M Electronics 92318 Datasheet HTML 79Page - 3M Electronics 92318 Datasheet HTML 80Page - 3M Electronics 92318 Datasheet HTML 81Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 130 page
background image
Accessories
73
Product Name
UPC
Qty./Case
For Use With
Size/Description
Max RPM
3MFlap Discs/Bonded Wheels Accessories (cont.)
Flap Disc
Holder
051144-88769-9
1
Backup plate for 7" diameter
flap discs or 8" diameter
type 27 grinding wheels
4" Diameter;
5/8–11 Thread Size
N/A
3MGreen CorpsFlexible
Grinding Disc
051111-51046
5/100
Backup plate for 4-1/2" center
hole flexible grinding wheel
7/8" Center Hole Diameter;
3-3/8" Diameter; Clear
N/A
051111-51045
Backup plate for 7" center
hole flexible grinding wheel
7/8" Center Hole Diameter;
4-5/8" Diameter; Clear
3MRolocDisc Accessories
3MRolocTR Disc Pads
051144-45101-2
5
3MRolocTR Discs
1" Diameter; Medium;
1/4–20 INT
30,000
051144-45099-2
1-1/2" Diameter; Medium;
1/4–20 INT
051144-45100-5
1-1/2" Diameter; Hard;
1/4–20 INT
051144-45095-4
2" Diameter; Medium;
1/4–20 INT
25,000
051144-45096-1
2" Diameter; Hard;
1/4–20 INT
051144-45092-3
3" Diameter; Medium;
1/4–20 INT
18,000
051144-45091-6
3" Diameter; Hard;
1/4–20 INT
20,000
051144-45179-1
4" Diameter; Medium;
1/4–20 INT
12,000
051141-28474-3
4" Diameter; Hard;
3/8–24 INT
051141-28475-0
4" Diameter; Extra Hard;
3/8–24 INT
051144-83242-2
4" Diameter; Medium;
5/8–11 INT
051144-83489-1
4" Diameter; Hard;
5/8–11 INT
051144-83980-3
4" Diameter; Extra Hard;
5/8–11 INT
3MRolocCool
Running Disc
Pads
051111-56479-0
5
3MRolocTR Discs
4"; 3/8–24 INT
051141-28473-6
4"; 5/8–11 INT
3MRolocTS
or TSM Disc Pads
051144-77729-7
5
3MRolocTSM Discs and
“screw on” abrasive discs
1-1/2"; Medium
30,000
051144-77728-0
1-1/2"; Hard
051144-14211-8
2"; Medium
25,000
051144-14212-5
2"; Hard
051144-14215-6
3"; Medium
18,000
051144-14216-3
3"; Hard
20,000
3MRolocTP Disc Pads
051144-14201-9
5
3MRolocTP Discs
3"; Medium; 1/4–20 INT
18,000
051144-14202-6
3"; Hard; 1/4–20 INT
20,000
1/4" Threaded Shaft
051144-45102-9
10/50
Used on 3MRolocDisc
Pads with 1/4–20 INT
1/4" x 1/4–20 Thread
N/A
Accessories
78458
12923
12870
221758
158006
215540
158318
733191


Similar Part No. - 92318

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
92318-04XX MOLEX2-92318-04XX Datasheet
1Mb / 20P
   1.27mm IDT Connector System for Ribbon Cable Applications
92318-06XX MOLEX2-92318-06XX Datasheet
1Mb / 20P
   1.27mm IDT Connector System for Ribbon Cable Applications
92318-0816 MOLEX11-92318-0816 Datasheet
110Kb / 2P
   Picoflex PF-50 IDT-Board In Z-Style, 8 Circuits, 0.16m (6.30") Length
92318-0826 MOLEX11-92318-0826 Datasheet
110Kb / 2P
   Picoflex짰 PF-50 IDT-Board In Z-Style, 8 Circuits
92318-0830 MOLEX11-92318-0830 Datasheet
110Kb / 2P
   Picoflex짰 PF-50 IDT-Board In Z-Style
More results

Similar Description - 92318

ManufacturerPart #DatasheetDescription
logo
3M Electronics
7200 3M-7200 Datasheet
167Kb / 4P
   3M??Novec??7200 Engineered Fluid
649 3M-649 Datasheet
322Kb / 4P
   3M??Novec??649 Engineered Fluid
72FL 3M-72FL Datasheet
133Kb / 2P
   3M??Novec??72FL Engineered Fluid
72DE 3M-72DE Datasheet
157Kb / 4P
   3M??Novec??72DE Engineered Fluid
73DE 3M-73DE Datasheet
467Kb / 4P
   3M??Novec??73DE Engineered Fluid
72DA 3M-72DA Datasheet
156Kb / 4P
   3M??Novec??72DA Engineered Fluid
71DE 3M-71DE Datasheet
82Kb / 4P
   3M??Novec??71DE Engineered Fluid
8038 3M-8038 Datasheet
19Kb / 2P
   Scotch??8038 Performance-Engineered Polyester Film
logo
Lumileds Lighting Compa...
L2C5-30801203F09P0 LUMILEDS-L2C5-30801203F09P0 Datasheet
2Mb / 15P
   Engineered for vibrant colors
20200415
logo
3M Electronics
7700 3M-7700 Datasheet
177Kb / 8P
   3M??Novec??7700 Engineered Fluid
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com