Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

951104-7622-AR Datasheet(PDF) 2 Page - 3M Electronics

Part # 951104-7622-AR
Description  2 mm and 2 mm x 2 mm Straight and Right Angle, Solder Tail
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

951104-7622-AR Datasheet(HTML) 2 Page - 3M Electronics

  951104-7622-AR Datasheet HTML 1Page - 3M Electronics 951104-7622-AR Datasheet HTML 2Page - 3M Electronics 951104-7622-AR Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3MPin Strip Header
2 mm and 2 mm x 2 mm Straight and Right Angle, Solder Tail
951 Series
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of the 3M Company
For technical, sales or ordering information
call your Local 3M Service Center
Ordering Information
TS-2156-D
Sheet 2 of 2
951XXX
XX22
AR
Rows:
1 = 1 Row
2 = 2 Row
Contact Quantity:
02–40 Pins / 1 Row
04–80 Pins / 2 Row
Mounting Style:
8 = Vertical, Solder Tail
7 = Right Angle, Solder Tail
Mating Pin Length
Dimension B:
6 = 4.4 mm
7 = 7.5 mm (for Right Angle only)
Plating:
AR = Selective Au 0.25 µm / Sn
(RIA E1 & C1 apply)
Tolerance Unless Noted [mm]
Nominal Size 0.5–3
3–6
6–30
30–120
Linear Dim
+/-0.1
+/-0.1
+/-0.2
+/-0.3
Radii
+/-0.2
+/-0.5
+/- 1
+/- 1
n = No. of Contacts
PCB-Layout


Similar Part No. - 951104-7622-AR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
951104-2530-AR-PR TI1-951104-2530-AR-PR Datasheet
574Kb / 13P
[Old version datasheet]   DRV411EVM Users Guide
More results

Similar Description - 951104-7622-AR

ManufacturerPart #DatasheetDescription
logo
3M Electronics
151250-7422-RB 3M-151250-7422-RB Datasheet
1Mb / 5P
   2 mm 횞 2 mm Solder Tail Straight & Right Angle, Surface Mount Straight
1552 3M-1552 Datasheet
1Mb / 7P
   Latch/Eject Header - 2 mm x 2 mm Straight & Right Angle, Through-Hole, Straight, Surface Mount
961102-5604-AR 3M-961102-5604-AR Datasheet
852Kb / 3P
   3M Pin Strip Header 2.54 mm and 2.54 mm x 2.54 mm, Right Angle, Solder Tail
logo
ILSI America LLC
ZTTS-MG ILSI-ZTTS-MG Datasheet
56Kb / 2P
   2 Pad and 3 Pad Ceramic Package, 3.4 mm x 7.4 mm and 4.1 mm x 4.7 mm
ZTTS ILSI-ZTTS Datasheet
54Kb / 2P
   2 Pad and 3 Pad Ceramic Package, 3.4 mm x 7.4 mm and 4.1 mm x 4.7 mm
38-BX0F12.5-32.768 ILSI-38-BX0F12.5-32.768 Datasheet
51Kb / 2P
   2 Lead Metal Package Crystal, 3 mm x 8 mm, 2 mm x 6 mm, 1 mm x 5 mm
ZTTCV-MX ILSI-ZTTCV-MX Datasheet
56Kb / 2P
   2 Pad and 3 Pad Ceramic Package, 3.1 mm x 3.7 mm
ZTT ILSI-ZTT Datasheet
46Kb / 2P
   2 Pad and 3 Pad Ceramic Package, 5.5 mm x 10 mm
ZTT-MG ILSI-ZTT-MG Datasheet
57Kb / 2P
   2 Pad and 3 Pad Ceramic Package, 5.5 mm x 10 mm
ZTACV ILSI-ZTACV Datasheet
45Kb / 2P
   2 Pad and 3 Pad Ceramic Package, 3.1 mm x 3.7 mm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com