Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS41 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # PS41
Description  Single Diode Isolated Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS41 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  PS41_24 Datasheet HTML 1Page - Powerex Power Semiconductors PS41_24 Datasheet HTML 2Page - Powerex Power Semiconductors PS41_24 Datasheet HTML 3Page - Powerex Power Semiconductors PS41_24 Datasheet HTML 4Page - Powerex Power Semiconductors PS41_24 Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Powerex, Inc., 173 Pavilion Lane, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
www.pwrx.com
Single Diode Isolated Module
2500 Amperes / Up to 2400 Volts
Revision Date: 05/29/2012
PS41__25
®
Absolute Maximum Ratings
Characteristics
Conditions
Symbol
Units
Repetitive Peak Reverse Blocking Voltage
VRRM
Up to 2400
V
Non-Repetitive Peak Blocking Voltage
(t < 5 msec)
VRSM
VRRM + 100V
V
RMS Current Per Diode
(180
o
Conduction)
180
 Conduction, T
C=90C
180
 Conduction, T
C=93C
180
 Conduction, T
C=99C
180
 Conduction, T
C=105C
IF(RMS)
IF(RMS)
IF(RMS)
IF(RMS)
3925
3768
3454
3140
A
A
A
A
Average Forward Current Per Diode
(180
o
Conduction)
180
 Conduction, T
C=90C
180
 Conduction, T
C=93C
180
 Conduction, T
C=99C
180
 Conduction, T
C=105C
IF(AV)
IF(AV)
IF(AV)
IF(AV)
2500
2400
2200
2000
A
A
A
A
Peak One Cycle Surge Current, Non-Repetitive
Tj = 25C, Vr = 0
60 Hz
50 Hz
IFSM
IFSM
90,000
83,000
A
A
Peak One Cycle Surge Current, Non-Repetitive
Tj = 25C, Vr = Vrrm
60 Hz
50 Hz
IFSM
IFSM
61,000
55,600
A
A
Peak One Cycle Surge Current, Non-Repetitive
Tj = 125C, Vr = 0
60 Hz
50 Hz
IFSM
IFSM
79,600
72,600
A
A
Peak One Cycle Surge Current, Non-Repetitive
Tj = 125C, Vr = Vrrm
60 Hz
50 Hz
IFSM
IFSM
53,000
48,400
A
A
Peak Three Cycle Surge Current, Non-Repetitive
60 Hz, Tj = 125C, Vr = Vrrm
IFSM
42,000
A
Peak Ten Cycle Surge Current, Non-Repetitive
60 Hz, Tj = 125C, Vr = Vrrm
IFSM
33,500
A
I
2t for Fusing for One Cycle
Tj = 125C, Vr = Vrrm
8.3 milliseconds
10 milliseconds
I
2t
I
2t
11.7 x 10
6
11.7 x 10
6
A
2 sec
A
2 sec
Operating Temperature
TJ
-40 to +150
C
Storage Temperature
Tstg
-40 to +150
C
Max. Mounting Torque, M6 Mounting Screw
132
15
in.
– Lb.
Nm
Max. Mounting Torque, M10 Terminal Screw
106
12
in.
– Lb.
Nm
Module Weight, Typical
5.33
kg
11.75
lb
V Isolation @ 25C
Vrms
4000
V
Information presented is based upon manufacturers testing and projected capabilities.
This information is subject to change without notice.
The manufacturer makes no claim as to suitability of use, reliability, capability,
or future availability of this product.


Similar Part No. - PS41_24

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PS410HGUK TRIPPLITE-PS410HGUK Datasheet
163Kb / 3P
   UK BS-1363 Medical-Grade Power Strip with 4 UK Outlets, 3m Cord
logo
Powerex Power Semicondu...
PS412425 POWEREX-PS412425 Datasheet
355Kb / 5P
   POW-R-BLOK Single Diode Isolated Module 2500 Amperes / Up to 2400 Volts
PS4125 POWEREX-PS4125 Datasheet
91Kb / 5P
   POW-R-BLOK Single Diode Isolated Module (2500 Amperes / Up to 2400 Volts)
PS413620 POWEREX-PS413620 Datasheet
349Kb / 5P
   POW-R-BLOKT Single Diode Isolated Module 2000 Amperes / Up to 4000 Volts
PS414020 POWEREX-PS414020 Datasheet
349Kb / 5P
   POW-R-BLOK Single Diode Isolated Module 2000 Amperes / Up to 4000 Volts
More results

Similar Description - PS41_24

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
LD412060 ISC-LD412060_V01 Datasheet
296Kb / 2P
   Dual Diode Isolated Module
CD610816C ISC-CD610816C Datasheet
209Kb / 2P
   Dual Diode Isolated Module
logo
Powerex Power Semicondu...
LS430850 POWEREX-LS430850_10 Datasheet
173Kb / 4P
   Single SCR Isolated Module
LS431843 POWEREX-LS431843_10 Datasheet
137Kb / 4P
   Single SCR Isolated Module
logo
SanRex Corporation
DSR200BA50 SANREX-DSR200BA50 Datasheet
142Kb / 1P
   ISOLATED DIODE MODULE(SOFT RECOVRY DIODE)
DKA200AA50 SANREX-DKA200AA50 Datasheet
110Kb / 1P
   ISOLATED DIODE MODULE(SOFT RECOVERY DIODE)
DSR200BA50 SANREX-DSR200BA50 Datasheet
109Kb / 1P
   ISOLATED DIODE MODULE (SOFT RECOVERY DIODE)
DSR400AA60 SANREX-DSR400AA60 Datasheet
100Kb / 1P
   ISOLATED DIODE MODULE (SOFT RECOVERY DIODE)
DKA300AA50 SANREX-DKA300AA50 Datasheet
109Kb / 1P
   ISOLATED DIODE MODULE (SOFT RECOVERY DIODE)
DSR300BA50 SANREX-DSR300BA50 Datasheet
109Kb / 1P
   ISOLATED DIODE MODULE (SOFT RECOVERY DIODE)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com