Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTBA5N10Q8 Datasheet(PDF) 4 Page - Cystech Electonics Corp.

Part # MTBA5N10Q8
Description  N -Channel Logic Level Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTBA5N10Q8 Datasheet(HTML) 4 Page - Cystech Electonics Corp.

  MTBA5N10Q8 Datasheet HTML 1Page - Cystech Electonics Corp. MTBA5N10Q8 Datasheet HTML 2Page - Cystech Electonics Corp. MTBA5N10Q8 Datasheet HTML 3Page - Cystech Electonics Corp. MTBA5N10Q8 Datasheet HTML 4Page - Cystech Electonics Corp. MTBA5N10Q8 Datasheet HTML 5Page - Cystech Electonics Corp. MTBA5N10Q8 Datasheet HTML 6Page - Cystech Electonics Corp. MTBA5N10Q8 Datasheet HTML 7Page - Cystech Electonics Corp. MTBA5N10Q8 Datasheet HTML 8Page - Cystech Electonics Corp. MTBA5N10Q8 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C731Q8
Issued Date : 2013.07.19
Revised Date :
Page No. : 4/9
MTBA5N10Q8
CYStek Product Specification
Typical Characteristics
Typical Output Characteristics
0
2
4
6
8
10
12
14
02
4
6
8
10
VDS, Drain-Source Voltage(V)
10V, 9V, 8V, 7V, 6V, 5V,
VGS=3V
Brekdown Voltage vs Ambient Temperature
0.4
0.6
0.8
1
1.2
1.4
-75 -50 -25
0
25
50
75 100 125 150 175
Tj, Junction Temperature(°C)
ID=250μA,
VGS=0V
Static Drain-Source On-State resistance vs Drain Current
100
1000
0.01
0.1
1
10
100
ID, Drain Current(A)
VGS=4.5V
VGS=2.5V
VGS=3V
VGS=10V
Reverse Drain Current vs Source-Drain Voltage
0.2
0.4
0.6
0.8
1
1.2
04
8
12
16
2
IDR, Reverse Drain Current(A)
0
Tj=25°C
Tj=150°C
Static Drain-Source On-State Resistance vs Gate-Source
Voltage
100
150
200
250
300
350
400
450
500
02
4
6
8
10
Drain-Source On-State Resistance vs Junction Tempearture
0.4
0.8
1.2
1.6
2
2.4
-60 -40 -20
0
20
40 60
80 100 120 140 160
Tj, Junction Temperature(°C)
VGS=10V, ID=3A
RDS(ON)@Tj=25°C : 123mΩ
VGS, Gate-Source Voltage(V)
ID=3A


Similar Part No. - MTBA5N10Q8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTBA5N10FP CYSTEKEC-MTBA5N10FP Datasheet
356Kb / 10P
   N-Channel Enhancement Mode Power MOSFET
MTBA5N10FP-K CYSTEKEC-MTBA5N10FP-K Datasheet
356Kb / 10P
   N-Channel Enhancement Mode Power MOSFET
MTBA5N10J3 CYSTEKEC-MTBA5N10J3 Datasheet
304Kb / 7P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTBA5N10V8 CYSTEKEC-MTBA5N10V8 Datasheet
334Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
More results

Similar Description - MTBA5N10Q8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB30N06V8 CYSTEKEC-MTB30N06V8 Datasheet
330Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTN4402Q8 CYSTEKEC-MTN4402Q8 Datasheet
315Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTN6515F3 CYSTEKEC-MTN6515F3 Datasheet
318Kb / 8P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTB02N03H8 CYSTEKEC-MTB02N03H8 Datasheet
345Kb / 11P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB02N03Q8 CYSTEKEC-MTB02N03Q8 Datasheet
318Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTD55N10Q8 CYSTEKEC-MTD55N10Q8 Datasheet
379Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTB13N03Q8 CYSTEKEC-MTB13N03Q8 Datasheet
327Kb / 8P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB1D7N03ATH8 CYSTEKEC-MTB1D7N03ATH8 Datasheet
427Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB4D0N03BV8 CYSTEKEC-MTB4D0N03BV8 Datasheet
459Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB11N03BQ8 CYSTEKEC-MTB11N03BQ8 Datasheet
405Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTA3D0N01H8 CYSTEKEC-MTA3D0N01H8 Datasheet
564Kb / 10P
   N-Channel Logic Level Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com