Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC817-16LT1G Datasheet(PDF) 6 Page - ON Semiconductor

Part # BC817-16LT1G
Description  General Purpose Transistors NPN Silicon Collector ??Emitter Voltage VCEO 45
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC817-16LT1G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button BC817-16LT1G Datasheet HTML 2Page - ON Semiconductor BC817-16LT1G Datasheet HTML 3Page - ON Semiconductor BC817-16LT1G Datasheet HTML 4Page - ON Semiconductor BC817-16LT1G Datasheet HTML 5Page - ON Semiconductor BC817-16LT1G Datasheet HTML 6Page - ON Semiconductor BC817-16LT1G Datasheet HTML 7Page - ON Semiconductor BC817-16LT1G Datasheet HTML 8Page - ON Semiconductor BC817-16LT1G Datasheet HTML 9Page - ON Semiconductor BC817-16LT1G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
BC846ALT1G Series, SBC846ALT1G Series
http://onsemi.com
6
BC846B, SBC846B
Figure 13. Collector Saturation Region
IB, BASE CURRENT (mA)
Figure 14. Base−Emitter Temperature Coefficient
IC, COLLECTOR CURRENT (mA)
1.0
1.2
1.6
2.0
0.02
1.0
10
0
20
0.1
0.4
0.8
0.2
2.0
10
200
1.0
TA = 25°C
200 mA
50 mA
IC =
10 mA
0.05
0.2
0.5
2.0
5.0
100 mA
20 mA
1.4
1.8
2.2
2.6
3.0
0.5
5.0
20
50
100
-55
°C to 125°C
qVB for VBE
Figure 15. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
40
Figure 16. Current−Gain − Bandwidth Product
IC, COLLECTOR CURRENT (mA)
0.1
0.2
1.0
50
2.0
2.0
10
100
100
200
500
50
20
20
10
6.0
4.0
1.0
10
50 100
5.0
VCE = 5 V
TA = 25°C
0.5
5.0
20
TA = 25°C
Cob
Cib


Similar Part No. - BC817-16LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC817-16LT1G ONSEMI-BC817-16LT1G Datasheet
58Kb / 4P
   General Purpose Transistors(NPN Silicon)?
June, 2004 ??Rev. 6
BC817-16LT1G ONSEMI-BC817-16LT1G Datasheet
125Kb / 10P
   General Purpose Transistors
October, 2010 ??Rev. 11
BC817-16LT1G ONSEMI-BC817-16LT1G Datasheet
145Kb / 10P
   General Purpose Transistors
October, 2016 ??Rev. 15
More results

Similar Description - BC817-16LT1G

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FMBT3904 FCI-FMBT3904 Datasheet
529Kb / 2P
   NPN General Purpose Transistor Collector - Emitter Voltage VCEO
FMBT3906 FCI-FMBT3906 Datasheet
61Kb / 2P
   PNP General Purpose Transistor Collector - Emitter Voltage VCEO -40
FMBT1815 FCI-FMBT1815 Datasheet
69Kb / 2P
   NPN Epitaxial Planar Transistor Collector - Emitter Voltage VCEO
FMBT4401 FCI-FMBT4401 Datasheet
71Kb / 2P
   NPN Switching Transistor Collector - Emitter Voltage VCEO 40
logo
Inchange Semiconductor ...
BU508A-2 ISC-BU508A-2 Datasheet
534Kb / 3P
   Collector-Emitter Sustaining Voltage-: VCEO(SUS)= 900V (Min)
2SA1441 ISC-2SA1441 Datasheet
121Kb / 2P
   Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -60V(Min)
BU120 ISC-BU120 Datasheet
190Kb / 2P
   Collector-Emitter Sustaining Voltage-:VCEO(SUS) = 200V(Min)
2SB1284 ISC-2SB1284 Datasheet
188Kb / 2P
   Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -100V(Min.)
2SA1444 ISC-2SA1444 Datasheet
121Kb / 2P
   Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -60V(Min)
BUY70A ISC-BUY70A Datasheet
195Kb / 2P
   Collector-Emitter Sustaining Voltage-: VCEO(SUS) = 400V(Min)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com