Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC817-25L Datasheet(PDF) 10 Page - ON Semiconductor

Part # BC817-25L
Description  General Purpose Transistors NPN Silicon Collector ??Emitter Voltage VCEO 45
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC817-25L Datasheet(HTML) 10 Page - ON Semiconductor

Back Button BC817-25L Datasheet HTML 2Page - ON Semiconductor BC817-25L Datasheet HTML 3Page - ON Semiconductor BC817-25L Datasheet HTML 4Page - ON Semiconductor BC817-25L Datasheet HTML 5Page - ON Semiconductor BC817-25L Datasheet HTML 6Page - ON Semiconductor BC817-25L Datasheet HTML 7Page - ON Semiconductor BC817-25L Datasheet HTML 8Page - ON Semiconductor BC817-25L Datasheet HTML 9Page - ON Semiconductor BC817-25L Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
BC846ALT1G Series, SBC846ALT1G Series
http://onsemi.com
10
BC847C, BC848C, BC849C, BC850C, SBC847C
Figure 29. Collector Saturation Region
IB, BASE CURRENT (mA)
Figure 30. Base−Emitter Temperature
Coefficient
IC, COLLECTOR CURRENT (mA)
1.6
1.2
2.0
2.8
2.4
1.2
1.6
2.0
0.02
1.0
10
0
20
0.1
0.4
0.8
0.2
1.0
10
100
-55
°C to +125°C
TA = 25°C
IC = 50 mA
IC = 100 mA
IC = 200 mA
IC =
20 mA
IC =
10 mA
1.0
Figure 31. Capacitances
VR, REVERSE VOLTAGE (VOLTS)
10
Figure 32. Current−Gain − Bandwidth Product
IC, COLLECTOR CURRENT (mAdc)
0.4
0.6
1.0
10
20
1.0
2.0
6.0
40
80
100
200
300
400
60
20
40
30
7.0
5.0
3.0
2.0
0.7
1.0
10
20
2.0
50
30
7.0
5.0
3.0
0.5
VCE = 10 V
TA = 25°C
0.8
4.0
8.0
TA = 25°C
Cob
Cib


Similar Part No. - BC817-25L

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC817-25LT1 MOTOROLA-BC817-25LT1 Datasheet
90Kb / 4P
   CASE 318-08, STYLE 6 SOT-23 (TO-236AB)
logo
ON Semiconductor
BC817-25LT1 ONSEMI-BC817-25LT1 Datasheet
58Kb / 4P
   General Purpose Transistors(NPN Silicon)?
June, 2004 ??Rev. 6
logo
Leshan Radio Company
BC817-25LT1 LRC-BC817-25LT1 Datasheet
51Kb / 2P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
BC817-25LT1G ONSEMI-BC817-25LT1G Datasheet
58Kb / 4P
   General Purpose Transistors(NPN Silicon)?
June, 2004 ??Rev. 6
BC817-25LT1G ONSEMI-BC817-25LT1G Datasheet
125Kb / 10P
   General Purpose Transistors
October, 2010 ??Rev. 11
More results

Similar Description - BC817-25L

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FMBT3904 FCI-FMBT3904 Datasheet
529Kb / 2P
   NPN General Purpose Transistor Collector - Emitter Voltage VCEO
FMBT3906 FCI-FMBT3906 Datasheet
61Kb / 2P
   PNP General Purpose Transistor Collector - Emitter Voltage VCEO -40
FMBT1815 FCI-FMBT1815 Datasheet
69Kb / 2P
   NPN Epitaxial Planar Transistor Collector - Emitter Voltage VCEO
FMBT4401 FCI-FMBT4401 Datasheet
71Kb / 2P
   NPN Switching Transistor Collector - Emitter Voltage VCEO 40
logo
Inchange Semiconductor ...
BU508A-2 ISC-BU508A-2 Datasheet
534Kb / 3P
   Collector-Emitter Sustaining Voltage-: VCEO(SUS)= 900V (Min)
2SA1441 ISC-2SA1441 Datasheet
121Kb / 2P
   Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -60V(Min)
BU120 ISC-BU120 Datasheet
190Kb / 2P
   Collector-Emitter Sustaining Voltage-:VCEO(SUS) = 200V(Min)
2SB1284 ISC-2SB1284 Datasheet
188Kb / 2P
   Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -100V(Min.)
2SA1444 ISC-2SA1444 Datasheet
121Kb / 2P
   Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -60V(Min)
BUY70A ISC-BUY70A Datasheet
195Kb / 2P
   Collector-Emitter Sustaining Voltage-: VCEO(SUS) = 400V(Min)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com