Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALD212900APAL Datasheet(PDF) 6 Page - Advanced Linear Devices

Part # ALD212900APAL
Description  DUAL HIGH DRIVE ZERO THRESHOLD MATCHED PAIR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD212900APAL Datasheet(HTML) 6 Page - Advanced Linear Devices

Back Button ALD212900APAL Datasheet HTML 2Page - Advanced Linear Devices ALD212900APAL Datasheet HTML 3Page - Advanced Linear Devices ALD212900APAL Datasheet HTML 4Page - Advanced Linear Devices ALD212900APAL Datasheet HTML 5Page - Advanced Linear Devices ALD212900APAL Datasheet HTML 6Page - Advanced Linear Devices ALD212900APAL Datasheet HTML 7Page - Advanced Linear Devices ALD212900APAL Datasheet HTML 8Page - Advanced Linear Devices ALD212900APAL Datasheet HTML 9Page - Advanced Linear Devices ALD212900APAL Datasheet HTML 10Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ALD212900/ALD212900A
Advanced Linear Devices
6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS (cont.)
LOW LEVEL OUTPUT CONDUCTANCE
vs. AMBIENT TEMPERATURE
1000
800
600
400
200
0
AMBIENT TEMPERATURE - TA (°C)
-50
-25
0
+25
+50
+125
+100
+75
VGS = VGS(th) + 0.5V
VDS = + 3.0V
HIGH LEVEL OUTPUT CONDUCTANCE
vs. GATE THRESHOLD VOLTAGE
GATE THRESHOLD VOLTAGE - VGS(th) (V)
-4.0
-3.0
-2.0
-1.0
0.0
+2.0
+3.0
+1.0
2.75
2.50
2.00
2.25
1.75
1.50
VGS = VGS(th) + 3.0V
VDS = + 3.0V
TA = + 25°C
LOW LEVEL OUTPUT CONDUCTANCE
vs. GATE THRESHOLD VOLTAGE
1000
0
-3.0
-2.0
-1.0
0
+2.0
+3.0
+1.0
-4.0
200
400
600
800
GATE THRESHOLD VOLTAGE - VGS(th) (V)
TA = + 25°C
VGS = VGS(th) + 0.5V
VDS = + 3.0V
HIGH LEVEL OUTPUT CONDUCTANCE
vs. AMBIENT TEMPERATURE
3.50
3.00
2.75
-50
-25
0
+25
+50
+125
+100
+75
3.25
2.50
2.00
2.25
AMBIENT TEMPERATURE - TA (°C)
VGS = VGS(th)+ 3.0V
VDS = + 3.0V
TRANSCONDUCTANCE vs.
AMBIENT TEMPERATURE
100
80
60
40
0
20
AMBIENT TEMPERATURE - TA (°C)
-50
-25
0
+25
+50
+125
+100
+75
VGS = VGS(th) + 3.0V
VDS = + 3.0V
TRANSCONDUCTANCE vs.
GATE THRESHOLD VOLTAGE
GATE THRESHOLD VOLTAGE - VGS(th) (V)
-4.0
-3.0
-2.0
-1.0
0.0
+2.0
+3.0
+1.0
80
60
40
20
0
TA = +25°C
VGS = VGS(th) + 3.0V
VDS = 3.0V


Similar Part No. - ALD212900APAL

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD212900APAL ALD-ALD212900APAL Datasheet
520Kb / 12P
   PRECISION N-CHANNEL EPAD
ALD212900APAL ALD-ALD212900APAL Datasheet
517Kb / 12P
   PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY DUAL HIGH DRIVE ZERO THRESHOLD??MATCHED PAIR
2019
More results

Similar Description - ALD212900APAL

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD212900A ALD-ALD212900A Datasheet
517Kb / 12P
   PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY DUAL HIGH DRIVE ZERO THRESHOLD??MATCHED PAIR
2019
ALD210800 ALD-ALD210800 Datasheet
112Kb / 12P
   PRECISION N-CHANNEL EPAD MOSFET ARRAY QUAD HIGH DRIVE ZERO THRESHOLD MATCHED PAIR
ALD210800 ALD-ALD210800_V01 Datasheet
519Kb / 12P
   PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY QUAD HIGH DRIVE ZERO THRESHOLD??MATCHED PAIR
2019
ALD110800 ALD-ALD110800 Datasheet
38Kb / 2P
   QUAD/DUAL N-CHANNEL ZERO THRESHOLD EPAD MATCHED PAIR MOSET ARRAY
ALD110800A ALD-ALD110800A_V01 Datasheet
127Kb / 12P
   QUAD/DUAL N-CHANNEL ZERO THRESHOLD??EPAD짰 PRECISION MATCHED PAIR MOSFET ARRAY
2019
ALD110800 ALD-ALD110800_12 Datasheet
109Kb / 11P
   QUAD/DUAL N-CHANNEL ZERO THRESHOLD??EPAD짰 PRECISION MATCHED PAIR MOSFET ARRAY
ALD310700 ALD-ALD310700_V01 Datasheet
512Kb / 9P
   PRECISION P-CHANNEL EPAD짰 MOSFET ARRAY QUAD ZERO THRESHOLD??MATCHED PAIR
2021
ALD310700 ALD-ALD310700 Datasheet
512Kb / 9P
   PRECISION P-CHANNEL EPAD MOSFET ARRAY QUAD ZERO THRESHOLD MATCHED PAIR
ALD310700A ALD-ALD310700A Datasheet
512Kb / 9P
   PRECISION P-CHANNEL EPAD짰 MOSFET ARRAY QUAD ZERO THRESHOLD??MATCHED PAIR
2021
ALD110800 ALD-ALD110800_17 Datasheet
104Kb / 12P
   QUAD/DUAL N-CHANNEL ZERO THRESHOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com