Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L717SDAH15POL2RM8 Datasheet(PDF) 8 Page - Amphenol Corporation

Part # L717SDAH15POL2RM8
Description  Amphenol Preferred Parts Catalogue
Download  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

L717SDAH15POL2RM8 Datasheet(HTML) 8 Page - Amphenol Corporation

Back Button L717SDAH15POL2RM8 Datasheet HTML 4Page - Amphenol Corporation L717SDAH15POL2RM8 Datasheet HTML 5Page - Amphenol Corporation L717SDAH15POL2RM8 Datasheet HTML 6Page - Amphenol Corporation L717SDAH15POL2RM8 Datasheet HTML 7Page - Amphenol Corporation L717SDAH15POL2RM8 Datasheet HTML 8Page - Amphenol Corporation L717SDAH15POL2RM8 Datasheet HTML 9Page - Amphenol Corporation L717SDAH15POL2RM8 Datasheet HTML 10Page - Amphenol Corporation L717SDAH15POL2RM8 Datasheet HTML 11Page - Amphenol Corporation L717SDAH15POL2RM8 Datasheet HTML 12Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 151 page
background image
8
Amphenol InfoCom Europe | www.amphenolinfocom.eu | info@amphenol-nl.com | Specifications subject to change
Amphenol InfoCom Europe | www.amphenolinfocom.eu | info@amphenol-nl.com | Specifications subject to change
reCePTaCle sOlDer CuP
Specifications:
Contact Resistance: 20 mΩ Max
Insulator Resistance: 1000 MΩ Min at 500V DC
Current Rating: 5A
Dielectric Withstanding Voltage: 1000V AC for 1 minute
Operating Temperature: -55°c to +105°c
Materials:
Contact: Bronze
Housing: Glass-filled thermoplastic, UL94V-0
Shell: Steel, Tin plated
Dimensions:
Nb of Contacts
a
B
C
9
30,89
24,99
16,33
15
39,10
33,32
24,66
25
53,09
47,04
38,38
37
69,40
63,50
54,84
Part Numbers:
Nb of
Contacts
Performance level 3
( flash Gold )
Performance level 2
( 0,38 µm Gold )
Performance level 1
( 0,76 µm Gold )
9
L77SDE09S
L177SDE09S
L77SDE09SC309
15
L77SDA15S
L177SDA15S
L77SDA15SC309
25
L77SDB25S
L177SDB25S
L77SDB25SC309
37
L77SDC37S
L177SDC37S
L77SDC37SC309
Performance levels as per DIN 41 652/IEC 807-3


Similar Part No. - L717SDAH15POL2RM8

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L7174 HAMAMATSU-L7174 Datasheet
1Mb / 7P
   The best light source is supported by the best electrode technology
logo
Amphenol Corporation
L717TW-A3W3P AMPHENOL-L717TW-A3W3P Datasheet
45Kb / 1P
   other climatic specifications in accordance
L717TWA7W2P AMPHENOL-L717TWA7W2P Datasheet
109Kb / 1P
   d-sub technical data
L717TWC8W8P AMPHENOL-L717TWC8W8P Datasheet
189Kb / 1P
   d-subminiature connectors
L717TWC8W8PP2Y AMPHENOL-L717TWC8W8PP2Y Datasheet
204Kb / 1P
   d-sub technical data
More results

Similar Description - L717SDAH15POL2RM8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IPL10020 ETC1-IPL10020 Datasheet
211Kb / 4P
   Shortform Catalogue
EL1602B_1602K ETC-EL1602B_1602K Datasheet
745Kb / 1P
   Preferred type
logo
Kemet Corporation
LDEID3100KA0N00 KEMET-LDEID3100KA0N00 Datasheet
1Mb / 16P
   SMD Film Capacitors Catalogue
logo
List of Unclassifed Man...
V4NST7YRUL ETC2-V4NST7YRUL Datasheet
371Kb / 4P
   Preferred Range
logo
Amphenol Corporation
G17S0910110EU AMPHENOL-G17S0910110EU Datasheet
359Kb / 1P
   Amphenol Corporation Amphenol Taiwan Corporation
logo
Japan Aviation Electron...
SRCN6A25-24P JAE-SRCN6A25-24P Datasheet
290Kb / 8P
   Preferred Connector
logo
List of Unclassifed Man...
FI-S20P-HFE ETC2-FI-S20P-HFE Datasheet
383Kb / 9P
   Preferred connector products
logo
Kemet Corporation
LDECD3470JA5N00 KEMET-LDECD3470JA5N00 Datasheet
1Mb / 16P
   SMD Film Capacitors Catalogue
LDEPD2100KA5N00 KEMET-LDEPD2100KA5N00 Datasheet
1Mb / 16P
   SMD Film Capacitors Catalogue
logo
Pulse A Technitrol Comp...
BAHEXNUT PULSE-BAHEXNUT Datasheet
3Mb / 4P
   PARTS/ACCESSORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com