Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADM1032 Datasheet(PDF) 8 Page - ON Semiconductor

Part No. ADM1032
Description  1C Remote and Local System Temperature Monitor Supports SMBus Alert
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1032 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button ADM1032 Datasheet HTML 4Page - ON Semiconductor ADM1032 Datasheet HTML 5Page - ON Semiconductor ADM1032 Datasheet HTML 6Page - ON Semiconductor ADM1032 Datasheet HTML 7Page - ON Semiconductor ADM1032 Datasheet HTML 8Page - ON Semiconductor ADM1032 Datasheet HTML 9Page - ON Semiconductor ADM1032 Datasheet HTML 10Page - ON Semiconductor ADM1032 Datasheet HTML 11Page - ON Semiconductor ADM1032 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
ADM1032
http://onsemi.com
8
Temperature Data Format
One LSB of the ADC corresponds to 0.125C, so the ADC
can measure from 0C to 127.875C. The temperature data
format is shown in Table 5 and Table 6.
The results of the local and remote temperature
measurements are stored in the local and remote temperature
value registers and are compared with limits programmed
into the local and remote high and low limit registers.
Table 5. TEMPERATURE DATA FORMAT
(LOCAL TEMPERATURE AND REMOTE
TEMPERATURE HIGH BYTE)
Temperature
Digital Output
0C
0 000 0000
1C
0 000 0001
10C
0 000 1010
25C
0 001 1001
50C
0 011 0010
75C
0 100 1011
100C
0 110 0100
125C
0 111 1101
127C
0 111 1111
Table 6. EXTENDED TEMPERATURE RESOLUTION
(REMOTE TEMPERATURE LOW BYTE)
Extended Resolution
Remote Temperature
Low Byte
0.000C
0 000 0000
0.125C
0 010 0000
0.250C
0 100 0000
0.375C
0 110 0000
0.500C
1 000 0000
0.625C
1 010 0000
0.750C
1 100 0000
0.875C
1 110 0000
ADM1032 Registers
The ADM1032 contains registers that are used to store the
results of remote and local temperature measurements and
high and low temperature limits and to configure and control
the device. A description of these registers follows, and
further details are given in Table 7 to Table 11.
Address Pointer Register
The address pointer register itself does not have, or
require, an address because it is the register the first data byte
of every write operation is written to automatically. This
data byte is an address pointer that sets up one of the other
registers for the second byte of the write operation or for a
subsequent read operation.
The power-on default value of the address pointer register
is 00h. Therefore, if a read operation is performed
immediately after power-on without first writing to the
address pointer, the value of the local temperature is returned
because its register address is 00h.
Value Registers
The ADM1032 has three registers to store the results of
local and remote temperature measurements. These
registers are written to by the ADC only and can be read over
the SMBus.
Offset Register
Series resistance on the D+ and D− lines in processor
packages and clock noise can introduce offset errors into the
remote temperature measurement. To achieve the specified
accuracy on this channel, these offsets must be removed.
The offset value is stored as an 11-bit, twos complement
value in Register 11h (high byte) and Register 12h (low
byte, left justified). The value of the offset is negative if the
MSB of Register 11h is 1 and positive if the MSB of
Register 12h is 0. The value is added to the measured value
of the remote temperature.
The offset register powers up with a default value of 0C
and has no effect if nothing is written to them.
Table 7. SAMPLE OFFSET REGISTER CODES
Offset Value
11h
12h
−4C
1 111 1100
0 000 0000
−1C
1 111 1111
0 000 0000
−0.125C
1 111 1111
1 110 0000
0C
0 000 0000
0 000 0000
+0.125C
0 000 0000
0 010 0000
+1C
0 000 0001
0 000 0000
+4C
0 000 0100
0 000 0000
Status Register
Bit 7 of the status register indicates that the ADC is busy
converting when it is high. Bit 6 to Bit 3, Bit 1, and Bit 0 are
flags that indicate the results of the limit comparisons. Bit 2
is set when the remote sensor is open circuit.
If the local and/or remote temperature measurement is
above the corresponding high temperature limit, or below or
equal to the corresponding low temperature limit, one or
more of these flags is set. These five flags (Bit 6 to Bit 2) are
NOR’ed together, so that if any of them are high, the ALERT
interrupt latch is set and the ALERT output goes low.
Reading the status register clears the five flag bits, provided
that the error conditions that caused the flags to be set have
gone away. While a limit comparator is tripped due to a value
register containing an out-of-limit measurement, or the
sensor is open circuit, the corresponding flag bit cannot be
reset. A flag bit can only be reset if the corresponding value
register contains an in-limit measurement or the sensor is
good.
The ALERT interrupt latch is not reset by reading the
status register but is reset when the ALERT output is
serviced by the master reading the device address, provided
the error condition has gone away and the status register flag
bits are reset.
When Flag 1 and Flag 0 are set, the THERM output goes
low to indicate that the temperature measurements are


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn