Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L77SDB25S Datasheet(PDF) 90 Page - Amphenol Corporation

Part # L77SDB25S
Description  Amphenol Preferred Parts Catalogue
Download  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

L77SDB25S Datasheet(HTML) 90 Page - Amphenol Corporation

Back Button L77SDB25S Datasheet HTML 86Page - Amphenol Corporation L77SDB25S Datasheet HTML 87Page - Amphenol Corporation L77SDB25S Datasheet HTML 88Page - Amphenol Corporation L77SDB25S Datasheet HTML 89Page - Amphenol Corporation L77SDB25S Datasheet HTML 90Page - Amphenol Corporation L77SDB25S Datasheet HTML 91Page - Amphenol Corporation L77SDB25S Datasheet HTML 92Page - Amphenol Corporation L77SDB25S Datasheet HTML 93Page - Amphenol Corporation L77SDB25S Datasheet HTML 94Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 151 page
background image
Amphenol InfoCom Europe | www.amphenolinfocom.eu | info@amphenol-nl.com | Specifications subject to change
Amphenol InfoCom Europe | www.amphenolinfocom.eu | info@amphenol-nl.com | Specifications subject to change
90
Specifications:
Contact Resistance: 20 mohm Max
Insulation Resistance: 1000 Mohms Min
Current Rating: 3AMP
Withstand Voltage: 1000V AC/minute
Operation Temperature: -40 degree up+105 degree
Materials:
Insulator: High Temperature Thermoplastic, UL94V-0 rated
Contact: Brass
Plating: Au or Sn Over 50µ” Ni
Box Header
Part Numbers:
P/n
number of positions
T821110A1S100CEU
10
T821114A1S100CEU
14
T821116A1S100CEU
16
T821120A1S100CEU
20
T821126A1S100CEU
26
T821134A1S100CEU
34


Similar Part No. - L77SDB25S

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
L7700 INTEL-L7700 Datasheet
1Mb / 87P
   Core2 Duo Processors and Core2 Extreme Processors for Platforms Based on Mobile 965 Express Chipset Family
logo
Hamamatsu Corporation
L7726 HAMAMATSU-L7726 Datasheet
153Kb / 2P
   Emitter/receiver for 156 Mbps POF communications
L7726 HAMAMATSU-L7726 Datasheet
61Kb / 2P
   Red LED for optical link Emitter for 156 Mbps POF communications
L7726 HAMAMATSU-L7726_06 Datasheet
61Kb / 2P
   Red LED for optical link Emitter for 156 Mbps POF communications
L7727 HAMAMATSU-L7727 Datasheet
153Kb / 2P
   Emitter/receiver for 156 Mbps POF communications
More results

Similar Description - L77SDB25S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IPL10020 ETC1-IPL10020 Datasheet
211Kb / 4P
   Shortform Catalogue
EL1602B_1602K ETC-EL1602B_1602K Datasheet
745Kb / 1P
   Preferred type
logo
Kemet Corporation
LDEID3100KA0N00 KEMET-LDEID3100KA0N00 Datasheet
1Mb / 16P
   SMD Film Capacitors Catalogue
logo
List of Unclassifed Man...
V4NST7YRUL ETC2-V4NST7YRUL Datasheet
371Kb / 4P
   Preferred Range
logo
Amphenol Corporation
G17S0910110EU AMPHENOL-G17S0910110EU Datasheet
359Kb / 1P
   Amphenol Corporation Amphenol Taiwan Corporation
logo
Japan Aviation Electron...
SRCN6A25-24P JAE-SRCN6A25-24P Datasheet
290Kb / 8P
   Preferred Connector
logo
List of Unclassifed Man...
FI-S20P-HFE ETC2-FI-S20P-HFE Datasheet
383Kb / 9P
   Preferred connector products
logo
Kemet Corporation
LDECD3470JA5N00 KEMET-LDECD3470JA5N00 Datasheet
1Mb / 16P
   SMD Film Capacitors Catalogue
LDEPD2100KA5N00 KEMET-LDEPD2100KA5N00 Datasheet
1Mb / 16P
   SMD Film Capacitors Catalogue
logo
Pulse A Technitrol Comp...
BAHEXNUT PULSE-BAHEXNUT Datasheet
3Mb / 4P
   PARTS/ACCESSORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com