Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T3274005 Datasheet(PDF) 47 Page - Amphenol Corporation

Part # T3274005
Description  Amphenol-Tuchel Electronics GmbH
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

T3274005 Datasheet(HTML) 47 Page - Amphenol Corporation

Back Button T3274005 Datasheet HTML 43Page - Amphenol Corporation T3274005 Datasheet HTML 44Page - Amphenol Corporation T3274005 Datasheet HTML 45Page - Amphenol Corporation T3274005 Datasheet HTML 46Page - Amphenol Corporation T3274005 Datasheet HTML 47Page - Amphenol Corporation T3274005 Datasheet HTML 48Page - Amphenol Corporation T3274005 Datasheet HTML 49Page - Amphenol Corporation T3274005 Datasheet HTML 50Page - Amphenol Corporation T3274005 Datasheet HTML 51Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
Amphenol
47
C 091
IP Codes
(Ingress Protection)
Degree of protection
Electrical devices to which connectors belong have to be protected for safety reasons from outside influences like dust, foreign objects, direct contact, moisture
and water. This protection is provided on industrial connectors by their housings with their latching devices and sealed cable entries.
The degree of protection can be selected depending on the type of intended use. The standard IEC 60529 and/or DIN EN 60529 has specified the degree of
protection and divided into several classes.
The degree of protection is indicated in the following way:
IP 65
Code letters
(Ingress Protection)
1st charact. numeral (degree of protection against access
to hazardous parts and against solid foreign objects)
2nd charact. numeral (degree of protection against ingress of water)
The following charts give an overview about all protection degrees.
1st charact. Brief description
Definition
numeral
0
1
2
3
4
5
6
Non-protected
Protected against access to
hazardous parts with the
back of a hand. Protected
against solid foreign objects
of
≥50mm Ø.
Protected against access to
hazardous parts with a
finger.
Protected against solid
foreign objects of
≥12.5mm Ø.
Protected against access
to hazardous parts with a
tool. Protected against solid
foreign objects of
≥2.5mm
Ø.
Protected against access to
hazardous parts with a
wire.Protected against solid
foreign objects of
≥1mm Ø.
Protected against access to
hazardous parts with a wire.
Dust-protected.
Protected against access to
hazardous parts with a wire.
Dust-tight.
The probe, sphere of 50mm
Ø, shall not fully penetrate
and shall have adequate
clearance from hazardous
parts.
The jointed test finger of
12mm Ø, 80mm length,
shall have adequate clearance
from hazardous parts. The
probe, sphere of 12.5mm Ø,
shall not fully penetrate.
The probe of 2.5mm Ø shall
not penetrate at all.
The probe of 1mm Ø shall
not penetrate at all.
The probe of 1mm Ø shall
not penetrate.
Intrusion of dust is not
totally prevented, but dust
shall not penetrate in a
quantity to interfere with
satisfactory operation of
the device or to impair
safety.
The probe of 1mm Ø shall
not penetrate.
No intrussion of dust.
1) Remark: Numeral acc. to DIN 40050 part 9, vehicles IP code
2nd charact. Brief description
Definition
numeral
0
1
2
3
4
5
6
7
8
9 K 1)
Non-protected
Protected against vertically
falling water drops
Protected against vertically
falling water drops when
enclosure tilted up to 15°
Protected against spraying
water
Protected against splashing
water
Protected against water jets
Protected against powerful
water jets
Protected against the effects
of temporary immersion in
water
Protected against the effects
of continous immersion in
water
Protected against water
during high pressure/steam
jet cleaning
Vertically falling drops shall
have no harmful effects.
Vertically falling drops shall
have no harmful effects when
the enclosure is tilted at any
angle up to 15° on either side
of the vertical.
Water sprayed at an angle up
to 60° on either side of the
vertical shall have no harmful
effects.
Water splashed against the
enclosure from any direction
shall have no harmful effects.
Water projected in jets against
the enclosure from any
direction shall have no harmful
effects.
Water projected in powerful
jets against the enclosure
from any direction shall have
no harmful effects.
Intrusion of water in quantities
causing harmful effects shall
not be possible when the
enclosure is temporally
immersed in water for 30 min.
in 1m depth.
Intrusion of water in quantities
causing harmful effects shall
not be possible when the
enclosure is continuously
immersed in water under
conditions which shall be
agreed between manufacturer
and user but which are more
severe than for numeral 7.
Water projected in powerful
jets with high pressure against
the enclosure from any
direction shall have no harmful
effects.


Similar Part No. - T3274005

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
T327N SCHNEIDER-T327N Datasheet
112Kb / 2P
   Safety switch, general duty, fusible, 800A, 3 poles, 100 hp, NEMA 1, neutral factory installed
T327NR SCHNEIDER-T327NR Datasheet
87Kb / 2P
   Safety switch, general duty, fusible, 800A, 3 poles, 100 hp, NEMA 3R, neutral factory installed
More results

Similar Description - T3274005

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
T3638-004 AMPHENOL-T3638-004 Datasheet
3Mb / 52P
   Amphenol-Tuchel Electronics GmbH
C01620C00310012 AMPHENOL-C01620C00310012 Datasheet
1Mb / 20P
   Amphenol-Tuchel Electronics gmbh
VN01-016-0004-1 AMPHENOL-VN01-016-0004-1 Datasheet
1Mb / 20P
   amphenol-tuchel electronics gmbh
VN16-210-0014-X AMPHENOL-VN16-210-0014-X Datasheet
666Kb / 7P
   amphenol-tuchel electronics gmbh
C11213D00400007 AMPHENOL-C11213D00400007 Datasheet
1Mb / 36P
   amphemol-tuchel electronics gmbh
logo
eupec GmbH
FS300R12KF4 EUPEC-FS300R12KF4 Datasheet
127Kb / 3P
   European Power- Semiconductor and Electronics Company GmbH Co. KG
logo
List of Unclassifed Man...
DD171N ETC-DD171N Datasheet
175Kb / 4P
   European Power- Semiconductor and Electronics Company GmbH Co. KG
logo
Amphenol Corporation
G17S0910110EU AMPHENOL-G17S0910110EU Datasheet
359Kb / 1P
   Amphenol Corporation Amphenol Taiwan Corporation
logo
ALPS ELECTRIC CO.,LTD.
SKHHLRA010 ALPS-SKHHLRA010 Datasheet
711Kb / 8P
   ALPS ELECTRIC EUROPA GMBH
logo
List of Unclassifed Man...
RS199 ETC2-RS199 Datasheet
187Kb / 1P
   EDSYN GMBH EUROPA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com