Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MRFIC0931 Datasheet(PDF) 3 Page - Motorola, Inc

Part No. MRFIC0931
Description  BALANCED TRANSMIT MIXER SILICON MONOLITHIC INTEGRATED CIRCUIT
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRFIC0931 Datasheet(HTML) 3 Page - Motorola, Inc

  MRFIC0931 Datasheet HTML 1Page - Motorola, Inc MRFIC0931 Datasheet HTML 2Page - Motorola, Inc MRFIC0931 Datasheet HTML 3Page - Motorola, Inc MRFIC0931 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
MRFIC0931
MOTOROLA RF DEVICE DATA
IF IN
T1
C7
1
2
3
45
6
7
8
L1
T2
LO IN
L2
C2
C1
C5
VCC
RF
OUTPUT
L3
C10
C8
C3
C4
C9
C6
C11
C1, C6, C10
1000 pF
C2
10 pF
C3, C4, C5, C8
100 pF
C7
1.2 pF
C9
2.7 pF
C11
1 pF
L1,
180 nH
L2
3.3 nH
L3
2.7 nH
T1, T2
1/8
λ 50 Ω Microstrip
Board Material
Epoxy/Glass
εr = 4.45
Figure 2. 1800 MHz Applications Circuit


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn