Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN-171-PICTAIL Datasheet(PDF) 10 Page - Microchip Technology

Part # RN-171-PICTAIL
Description  16-bit Embedded Control Solutions
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN-171-PICTAIL Datasheet(HTML) 10 Page - Microchip Technology

Back Button RN-171-PICTAIL Datasheet HTML 6Page - Microchip Technology RN-171-PICTAIL Datasheet HTML 7Page - Microchip Technology RN-171-PICTAIL Datasheet HTML 8Page - Microchip Technology RN-171-PICTAIL Datasheet HTML 9Page - Microchip Technology RN-171-PICTAIL Datasheet HTML 10Page - Microchip Technology RN-171-PICTAIL Datasheet HTML 11Page - Microchip Technology RN-171-PICTAIL Datasheet HTML 12Page - Microchip Technology RN-171-PICTAIL Datasheet HTML 13Page - Microchip Technology RN-171-PICTAIL Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10 16-bit Embedded Control Solutions
Digital Power and Lighting
16-bit Digital Power and Lighting Products
Streamlined interoperation between PWM, ADC and CPU
High performance core with DSP instructions
•    High speed control loop execution for demanding
power conversion applications
•    Fast and predictable interrupts
•    Zero wait-state execution from flash memory
High resolution PWMs for digital power
•    Very precise resolution of 1ns for duty cycle, phase
shift, period and dead time
•    Flexibility to control numerous power topologies
Optimized digital power conversion ADC
•    Hardware triggered for precision sampling and low
CPU overhead
Complete reference designs & algorithms
•    AC/DC converter meeting platinum specification
•    LLC resonant DC/DC converter
•    Quarter brick DC/DC converter
•    Solar micro inverter
•    Interleaved power factor correction
•    Offline UPS
Webinar Topics (www.microchip.com/power)
Building a dsPIC DSC SMPS System
SMPS Components and Their Effects on System Design
Control System Design for Power Converters
SMPS Topologies: The Buck Converter
Switch Mode Power Supply Topologies:
The Forward Converter
Interleaved Power Factor Correction
Offline UPS using the dsPIC DSC
Software and App Notes
Application Solution
AN #
Description
Power Factor Correction in Power
Conversion Applications Using
the dsPIC®DSC
AN1106
This application note focuses primarily on the study, design and implementation of Power Factor Correction (PFC)
using a Digital Signal Controller (DSC).
Switch Mode Power Supply
(SMPS) Topologies (Part I)
AN1114
This application note explains the basics of different types of SMPS topologies and their applications. The pros
and cons of different SMPS topologies are also explained to guide the user to select an appropriate topology for a
given application, while providing useful information regarding selection of components for a given SMPS design.
Switch Mode Power Supply
(SMPS) Topologies (Part II)
AN1207
This application note is the second of a two-part series on Switch Mode Power Supply (SMPS) topologies. This series
expands on the previous material in Part I, and presents the basic tools needed to design a power converter.
Offline UPS Reference Design
AN1279
The application note describes the design of an Offline Uninterruptible Power Supply (UPS) using a Switch Mode
Power Supply (SMPS) dsPIC Digital Signal Controller (DSC).
Digital Power Interleaved PFC
Reference Design
AN1278
The application note describes the design of an Digital Power Interleaved PFC (IPFC) using a Switch Mode Power
Supply (SMPS) dsPIC Digital Signal Controller (DSC).
Quarter Brick DC-DC Reference
Design
AN1335
This application note describes the design of Quarter Brick DC-DC Reference Design using Switch Mode Power
Supply (SMPS) dsPIC Digital Signal Controller(DSC)
DC-DC LLC Resonant Converter
Reference Design
AN1336
This application note describes the design of DC-DC LLC Resonant Converter Reference Design using Switch
Mode Power Supply (SMPS) dsPIC Digital Signal Controller(DSC)
Grid Connected Solar
Microinverter
AN1338
This application note describes the design of Grid Connected Solar Microinverter Reference Design using Switch
Mode Power Supply (SMPS) dsPIC Digital Signal Controller(DSC)
Platinum-rated AC/DC Reference
Design Using the dsPIC DSC
AN1421
This application note presents a fully digital-controlled 720W AC-to-DC (AC/DC) power supply, which meets all CSCI
Platinum Specifications, as well as providing a variety of additional, application-specific features and functions.
Featured Digital Power Products
Product
Pins
Flash
(KB)
RAM
(Bytes)
IC/OC
PS
PWM
ADC
Analog
Compare
UART/I2C™/
SPI
CAN
dsPIC33FJ06GS001
18/20
6
256
0/0
4
6 Ch, 2 S&H
2
0/1/0
0
dsPIC33FJ09GS302
28/36
9
1K
1/1
6
8 Ch, 3 S&H
2
1/1/1
0
dsPIC33FJ16GS504
44
16
2K
2/2
8
12 Ch, 6 S&H
4
1/1/1
0
dsPIC33FJ32GS406
64
32
4K
4/4
12
16 Ch, 5 S&H
0
2/2/2
0
dsPIC33FJ64GS606
64
64
9K
4/4
12
16 Ch, 5 S&H
4
2/2/2
1
dsPIC33FJ64GS610
100
64
9K
4/4
18
24 Ch, 6 S&H
4
2/2/2
1
www.microchip.com/power


Similar Part No. - RN-171-PICTAIL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RN-171-DS MICROCHIP-RN-171-DS Datasheet
2Mb / 16P
   RN-171 802.11 b/g Wireless LAN Module
Version 3.21 10/2/2012
More results

Similar Description - RN-171-PICTAIL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC33FJ128MC202-E MICROCHIP-DSPIC33FJ128MC202-E Datasheet
8Mb / 20P
   16-bit Embedded Control Solutions
2013
PIC24 MICROCHIP-PIC24 Datasheet
8Mb / 20P
   16-bit Embedded Control Solutions PIC24 Microcontrollers dsPIC Digital Signal Controllers
11/27/12
PIC24FJ256DA206-IPT MICROCHIP-PIC24FJ256DA206-IPT Datasheet
8Mb / 20P
   16-bit Embedded Control Solutions PIC24 Microcontrollers ??dsPIC짰 Digital Signal Controllers
11/27/12
PIC24F08KA101T-IMQ MICROCHIP-PIC24F08KA101T-IMQ Datasheet
8Mb / 20P
   16-bit Embedded Control Solutions PIC24 Microcontrollers ??dsPIC짰 Digital Signal Controllers
10/28/13
logo
Silicon Laboratories
AMS001-E03 SILABS-AMS001-E03 Datasheet
1Mb / 29P
   Embedded Bluetooth Low Energy Solutions
AMW006-EW2 SILABS-AMW006-EW2 Datasheet
1Mb / 32P
   Embedded Wi-Fi Networking Solutions
logo
Western Digital Corpora...
SDIN7DP2-4G WESTERN-SDIN7DP2-4G Datasheet
351Kb / 2P
   SanDisk Commercial Embedded Storage Solutions
logo
Silicon Laboratories
AMS002-E03 SILABS-AMS002-E03 Datasheet
1Mb / 29P
   Embedded Bluetooth Low Energy Solutions
AMW106-E03 SILABS-AMW106-E03 Datasheet
1Mb / 32P
   Embedded Wi-Fi Networking Solutions
logo
List of Unclassifed Man...
AMS001 ETC2-AMS001 Datasheet
1Mb / 29P
   Embedded Bluetooth Low Energy Solutions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com