Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC2015-2.8VCTTR Datasheet(PDF) 4 Page - Microchip Technology

Part # TC2015-2.8VCTTR
Description  50 mA, 100 mA, 150 mA CMOS LDOs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC2015-2.8VCTTR Datasheet(HTML) 4 Page - Microchip Technology

  TC2015-2.8VCTTR Datasheet HTML 1Page - Microchip Technology TC2015-2.8VCTTR Datasheet HTML 2Page - Microchip Technology TC2015-2.8VCTTR Datasheet HTML 3Page - Microchip Technology TC2015-2.8VCTTR Datasheet HTML 4Page - Microchip Technology TC2015-2.8VCTTR Datasheet HTML 5Page - Microchip Technology TC2015-2.8VCTTR Datasheet HTML 6Page - Microchip Technology TC2015-2.8VCTTR Datasheet HTML 7Page - Microchip Technology TC2015-2.8VCTTR Datasheet HTML 8Page - Microchip Technology TC2015-2.8VCTTR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TC2014/2015/2185
DS21662F-page 4
 2001-2012 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VIN = VR + 1V, IL = 100 µA, COUT = 3.3 µF, SHDN > VIH, TA = +25°C.
FIGURE 2-1:
Supply Current vs. Junction
Temperature.
FIGURE 2-2:
Load Regulation vs. Supply
Voltage.
FIGURE 2-3:
Output Voltage vs. Junction
Temperature.
FIGURE 2-4:
Output Voltage vs. Junction
Temperature.
FIGURE 2-5:
Output Voltage vs. Supply
Voltage.
FIGURE 2-6:
Dropout Voltage vs.
Junction Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
45.0
48.0
51.0
54.0
57.0
60.0
63.0
Junction Temperature (°C)
VR = 1.8V
COUT = 3.3 µF
VIN = 2.8V
VIN = 6.0V
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
2.8
3.2
3.6
4
4.4
4.8
5.2
5.6
6
Supply Voltage (V)
VR = 1.8V
COUT = 3.3 µF
IL = 150 mA
TA = +25°C
TA = +125°C
TA = -45°C
1.790
1.795
1.800
1.805
1.810
Junction Temperature (°C)
VIN = 6.0V
VIN = 2.8V
VR = 1.8V
COUT = 3.3 µF
IL = 0.1 mA
1.785
1.790
1.795
1.800
1.805
1.810
1.815
1.820
Junction Temperature (°C)
VR = 1.8V
COUT = 3.3 µF
IL = 150 mA
VIN = 2.8V
VIN = 6.0V
1.785
1.79
1.795
1.8
1.805
1.81
1.815
1.82
2.8
3.2
3.6
4
4.4
4.8
5.2
5.6
6
Supply Voltage (V)
VR = 1.8V
COUT = 3.3 µF
IL = 150 mA
TA = +25°C
TA = +125°C
TA = -45°C
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
Junction Temperature (°C)
VR = 1.8V
COUT = 3.3 μF
IL = 20 mA
IL = 50 mA
IL = 100 mA
IL = 150 mA
Note: Dropout Voltage is not
a tested parameter for 1.8V.
VIN(min)
! 2.7V


Similar Part No. - TC2015-2.8VCTTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC2015-2.85VCTTR MICROCHIP-TC2015-2.85VCTTR Datasheet
371Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2001-2012 11/29/12
TC2015-2.85VCTTR MICROCHIP-TC2015-2.85VCTTR Datasheet
827Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with
02/16/06
TC2015-2.85VCTTR MICROCHIP-TC2015-2.85VCTTR Datasheet
827Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with
02/16/06
More results

Similar Description - TC2015-2.8VCTTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC2185-50VCTTR MICROCHIP-TC2185-50VCTTR Datasheet
827Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with
02/16/06
TC2015-50VCTTR MICROCHIP-TC2015-50VCTTR Datasheet
827Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with
02/16/06
TC2185-3.3VCTTR MICROCHIP-TC2185-3.3VCTTR Datasheet
897Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
02/16/06
TC2014 MICROCHIP-TC2014_06 Datasheet
894Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2006
TC2014 MICROCHIP-TC2014_13 Datasheet
371Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2001-2012 11/29/12
TC2014 MICROCHIP-TC2014 Datasheet
362Kb / 18P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2003
TC1014 MICROCHIP-TC1014_07 Datasheet
705Kb / 22P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and Reference Bypass
2007
TC1054 MICROCHIP-TC1054_12 Datasheet
456Kb / 20P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
11/29/12
TC2054 MICROCHIP-TC2054_06 Datasheet
943Kb / 18P
   50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
2006
TC1054 MICROCHIP-TC1054_07 Datasheet
389Kb / 18P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com