Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MRFIC0917 Datasheet(PDF) 6 Page - Motorola, Inc

Part No. MRFIC0917
Description  900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MRFIC0917 Datasheet(HTML) 6 Page - Motorola, Inc

 
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MRFIC0917
6
MOTOROLA RF DEVICE DATA
Table 2. Scattering Parameters
(VDD = 3 V, VSS, VG1, VG2 Set for IDQ1= 150 mA and IDQ2 = 750 mA, 50 Ω System)
f
S11
S21
S12
S22
f
MHz
|S11|
∠ φ
|S21|
∠ φ
|S12|
∠ φ
|S22|
∠ φ
500
0.738
–86
12.71
–82
0.002
147
0.891
173
600
0.786
–83
5.05
–102
0.003
132
0.874
170
700
0.799
–113
11.56
–79
0.004
153
0.858
173
800
0.681
–115
8.44
–113
0.005
138
0.885
171
820
0.671
–116
7.93
–115
0.005
138
0.887
170
840
0.669
–117
7.54
–117
0.005
133
0.885
170
860
0.668
–118
7.30
–119
0.005
130
0.888
170
880
0.673
–119
7.18
–121
0.006
129
0.885
169
900
0.672
–120
7.07
–123
0.006
131
0.883
169
920
0.672
–122
6.90
–127
0.006
130
0.883
168
940
0.672
–123
6.65
–130
0.006
130
0.882
168
960
0.673
–124
6.37
–133
0.007
127
0.881
168
980
0.682
–126
6.10
–136
0.007
130
0.88
168
1000
0.679
–127
5.83
–138
0.006
123
0.881
167
1100
0.685
–134
4.81
–145
0.007
120
0.874
166
1200
0.705
–143
4.67
–152
0.008
121
0.868
165
1300
0.703
–152
4.06
–165
0.010
113
0.855
164
1400
0.704
–161
3.69
–175
0.011
106
0.838
163
1500
0.646
–174
3.19
160
0.011
86
0.826
166


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn