Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MRFIC0917 Datasheet(PDF) 5 Page - Motorola, Inc

Part No. MRFIC0917
Description  900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MRFIC0917 Datasheet(HTML) 5 Page - Motorola, Inc

 
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
MRFIC0917
MOTOROLA RF DEVICE DATA
TYPICAL CHARACTERISTICS
Figure 9. Power Added Efficiency
versus Drain Voltage
45
VD1, VD2, DRAIN VOLTAGE (V)
10
2
15
25
20
Figure 10. Output Power versus Input Power
Pin, INPUT POWER (dBm)
36
20
13
28
0
35
Figure 11. Power Added Efficiency
versus Input Power
60
Pin, INPUT POWER (dBm)
55
0
10
20
30
22
26
24
3.5
32
5
4
50
40
4.5
34
30
25
°C
TA = –40°C
85
°C
VD1 = VD2 = 3.6 V
VSS = –4.0 V
f = 900 MHz
85
°C
40
30
50
2.5
1.5
0.5
Pin = 12 dBm
VSS = –4.0 V
f = 900 MHz
85
°C
TA = 25°C
–40
°C
1
–3
5
–7
7
13
911
3
–1
–5
VD1 = VD2 = 3.6 V
VSS = –4.0 V
f = 900 MHz
TA = 25°C
–40
°C
0
–4
4
–8
6
14
10
12
2
–2
–6
8
f
Zin (Ω)
ZOL* (Ω)
MHz
R
jX
R
jX
880
20.2
8.63
2.49
7.04
885
20.5
8.57
2.48
6.98
890
20.8
8.5
2.45
6.91
895
21.2
8.42
2.43
6.81
900
21.5
8.36
2.42
6.74
905
21.9
8.3
2.4
6.64
910
22.3
8.23
2.37
6.58
915
22.6
8.17
2.36
6.51
Table 1. Device Impedances Derived from Circuit Characterization


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn