Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC124EKAT146 Datasheet(PDF) 6 Page - Rohm

Part # DTC124EKAT146
Description  NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC124EKAT146 Datasheet(HTML) 6 Page - Rohm

Back Button DTC124EKAT146 Datasheet HTML 2Page - Rohm DTC124EKAT146 Datasheet HTML 3Page - Rohm DTC124EKAT146 Datasheet HTML 4Page - Rohm DTC124EKAT146 Datasheet HTML 5Page - Rohm DTC124EKAT146 Datasheet HTML 6Page - Rohm DTC124EKAT146 Datasheet HTML 7Page - Rohm DTC124EKAT146 Datasheet HTML 8Page - Rohm DTC124EKAT146 Datasheet HTML 9Page - Rohm DTC124EKAT146 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
DTC124E series
lDimensions
(Unit : mm)
Dimension in mm/inches
EMT3F
Patterm of terminal position areas
D
e
A
b
x
S A
c
S
e
b2
MIN
MAX
MIN
MAX
A
0.65
0.85
A1
0.00
0.10
0
0.004
A2
0.60
0.80
0.024
0.031
b
0.21
0.36
0.008
0.014
c
0.08
0.18
0.003
0.007
D
1.50
1.70
0.059
0.067
E
0.76
0.96
0.03
0.038
e
HE
1.50
1.70
0.059
0.067
L
Lp
0.35
0.55
0.014
0.022
x
-
0.10
-
0.004
MIN
MAX
MIN
MAX
e1
-
1.05
-
0.041
b2
-
0.46
-
0.018
l1
-
0.65
-
0.026
DIM
0.50
0.02
0.37
0.015
MILIMETERS
INCHES
DIM
MILIMETERS
INCHES
6/10
2012.04 - Rev.A


Similar Part No. - DTC124EKAT146

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC124EKA ROHM-DTC124EKA Datasheet
70Kb / 3P
   Digital transistors (built-in resistors)
DTC124EKA ROHM-DTC124EKA Datasheet
78Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
logo
Leshan Radio Company
DTC124EKA LRC-DTC124EKA Datasheet
76Kb / 2P
   Digital transistors(built-in resistors)
logo
Rohm
DTC124EKA ROHM-DTC124EKA Datasheet
1Mb / 13P
   NPN 100mA 50V Digital Transistor
DTC124EKA ROHM-DTC124EKA Datasheet
89Kb / 4P
   Digital transistors (built-in resistors)
More results

Similar Description - DTC124EKAT146

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC123EKAT146 ROHM-DTC123EKAT146 Datasheet
1Mb / 4P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC143ZEBTL ROHM-DTC143ZEBTL Datasheet
566Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC123J ROHM-DTC123J Datasheet
558Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC143E ROHM-DTC143E Datasheet
566Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC143E ROHM-DTC143E Datasheet
567Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC144E ROHM-DTC144E_12 Datasheet
567Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC143XUAT106 ROHM-DTC143XUAT106 Datasheet
1Mb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC113ZUAT106 ROHM-DTC113ZUAT106 Datasheet
928Kb / 7P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC115GU3HZG ROHM-DTC115GU3HZG Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC123JCAHZG ROHM-DTC123JCAHZG Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com