Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE8115 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE8115
Description  Thermal Cutoff
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE8115 Datasheet(HTML) 1 Page - NTE Electronics

  NTE8115 Datasheet HTML 1Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NTE8065 thru NTE8242
Thermal Cutoff
(Thermal Fuse)
Description:
Twenty One Thermal Cut−offs (also known as Thermal Fuses) are now included in the NTE product line. They are minia-
ture, NON−RESETTABLE temperature sensitive devices designed to prevent appliances and electronic equipment from
overheating. NTE thermal cutoffs are UL and CSA listed.
Literally thousands of different applications have been devised for thermal−cutoffs, thus providing a large replacement
market. Such applications include:
• Hair Dryers
• Refrigerators
• Battery Chargers
• Irons
• Hot Plates
• Glue Guns
• Electric Motors
• Window Fans
• Coffee Makers
• Microwave Ovens
• Popcorn Poppers
• Dishwashers
• Toasters
• UPS
• And hundreds of others
The TCO (Thermal Cut−Off) responds to temperature by interrupting an electrical circuit when the operating and/or envi-
ronmental temperature exceeds the thermal rating of the device. This is accomplished when the internal organic pellet
experiences a phase change, allowing the spring activated contacts to permanently open the circuit.
NTE
Type No.
Diag.
No.
Functioning
Temperature
Holding
Temperature
Maximum
Temperature
°C
°F
°C
°F
°C
°F
8065
193
66
151
42
108
130
266
8070
193
72
162
50
122
115
239
8076
193
77
171
8081
193
84
184
60
140
125
257
8085
193
87
189
8090
193
93
200
8096
193
98
209
76
169
140
284
8098
193
100
212
8103
193
104
220
80
176
150
302
8108
193
109
228
88
190
140
284
8115
193
117
243
NTE
Type No.
Diag.
No.
Functioning
Temperature
Holding
Temperature
Maximum
Temperature
°C
°F
°C
°F
°C
°F
8118
193
121
250
94
201
170
338
8125
193
128
263
106
223
155
311
8139
193
141
286
117
243
171
340
8149
193
152
306
128
262
176
349
8167
193
170
338
146
295
300
572
8181
193
184
364
160
320
300
572
8182
193
192
378
162
324
290
554
8213
193
216
421
191
376
241
466
8226
193
228
443
8242
193
240
464
200
392
290
554
Electrical Rating
Volts
Interrupting
Continuous
120/250 VAC
15A
10A
240 VAC
25A RES
16.7 RES
277 VAC
20A RES
15A RES
Electrical Rating
Volts
Interrupting
Continuous
120−277 VAC
125VA Pilot Duty
180 VAC
3A Motor Rating
FEATURES:
• Maximum Current Rating: 15 Amps
• Typical Opening Temperature Tolerance: +0°C, −5°C
• 18 Gauge Solid Copper Wire
• Full 1 1/3 ” leads to fit all replacement configurations
• All types meet the requirements of Underwriters
Laboratories Specifications, CSA, and VDE.
• Each device comes packaged with 2 crimp splices for
solderless connection.
S UL File No. E49429
S UL File No. E117626 (Guide # XCMQ2)
S C−UL File No. E117626 (Guide # XCMQ8)
S CSA File No. LR43279
S VDE File No. 115369
Note 1: Temperature sensitive devices. Do not store above +48°C (+120°F).
Note 2: Color Band does not denote temperature group.
Note 3: The electrical resistance of the NTE series thermal cut−off is comparable to that found in an equal length of 18 gauge solid copper wire. With
proper air flow, heat generation below 15 Amps is minimal, above 15Amps the upper limit on the currentcapacity will depend on the environment
for each specific application.
Note 4: A general rule of thumb for continuous operating temperature for thermal cut−offs is 30°C less than the Maximum Opening Temperature.
1.380 (35.0)
Case End
.457 (11.6) Max
.160 (4.1) Dia Max
1.383 (35.1) **
Epoxy End
NOTE: Tin plated lead
NOTE: Silver plated lead
Diagram 193
3.220 (81.78) Max
** Some devices may have a lead length of .980 (25.0)
Rev. 5−11


Similar Part No. - NTE8115

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE81 NTE-NTE81 Datasheet
24Kb / 3P
   Silicon NPN Transistor Dual Differential Amp, General Purpose Switch
NTE812 NTE-NTE812 Datasheet
21Kb / 2P
   Integrated Circuit Audio Power Amplifier, 1W
NTE815 NTE-NTE815 Datasheet
18Kb / 2P
   Integrated Circuit TV Horizontal Processor
NTE818 NTE-NTE818 Datasheet
22Kb / 2P
   Integrated Circuit TV Luminance Processor
More results

Similar Description - NTE8115

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE8065 NTE-NTE8065_16 Datasheet
61Kb / 1P
   Thermal Cutoff
NTE8070 NTE-NTE8070 Datasheet
20Kb / 1P
   Thermal Cutoff (Thermal Fuse)
logo
Bourns Electronic Solut...
NR77AB0 BOURNS-NR77AB0 Datasheet
540Kb / 5P
   Breaker (Thermal Cutoff Device)
P-TCO-U BOURNS-P-TCO-U Datasheet
634Kb / 5P
   Polymeric Thermal Cutoff Device
logo
NTE Electronics
NTE8000 NTE-NTE8000 Datasheet
58Kb / 1P
   Radial Lead Thermal Cutoff
NTE8000 NTE-NTE8000_18 Datasheet
57Kb / 1P
   Radial Lead Thermal Cutoff
logo
Bourns Electronic Solut...
HC72AY-1 BOURNS-HC72AY-1 Datasheet
601Kb / 5P
   Breaker (Thermal Cutoff Device)
P-TCO-N BOURNS-P-TCO-N Datasheet
658Kb / 5P
   Polymeric Thermal Cutoff Device
SC72AAA BOURNS-SC72AAA Datasheet
635Kb / 8P
   Breaker (Surface Mount Thermal Cutoff Device)
SA72CB0 BOURNS-SA72CB0 Datasheet
963Kb / 9P
   Breaker (Surface Mount Thermal Cutoff Device)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com