Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE1V010 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE1V010
Description  Metal Oxide Varistors (MOV)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1V010 Datasheet(HTML) 1 Page - NTE Electronics

  NTE1V010_13 Datasheet HTML 1Page - NTE Electronics NTE1V010_13 Datasheet HTML 2Page - NTE Electronics NTE1V010_13 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTE1V010 thru NTE1V300
NTE2V010 thru NTEV480
NTE524V13 thru NTE524V48
Metal Oxide Varistors (MOV)
Description:
The NTE Metal Oxide Varistors feature a barrier layer that gives the user fast response time. These devices have a high
transient current handling capability when high voltage is applied. Static resistance is, however, very high under low volt-
age conditions, permitting low standby drain currents.
The NTE 1V Series Varistors have a non−linear voltage/current characteristic as expressed by the relationship:
I= KVn
Where I = The current in amperes
V = The voltage
K = A constant
n = A constant which shows the dependence of
the voltage V upon the current I. It is called
the voltage−dependant index
Features:
D High Transient Current Capability − up to 6500A
D Fast Response Time − less than 35ns
D Excellent Voltage Clamping Characteristics
D Very Low Temperature Coefficient
D Low Standby Current
D High Energy Capability
D The Value for “n” is Greater
D Very Low Leakage Current
D Low Capacitance
D Low Overshoot Characteristics
Electrical Ratings:
Varistor Voltage
The voltage across the varistor at a DC current of 1.0mA.
Energy
The maximum electrical energy which can be dissipated within the varistor by a single impulse of 10 x 1000s current
waveform with continuous voltage applied. Energy ratings are based on a shift of varistor voltage of less than 10% of the
initial value. The unit is expressed in joules.
Peak Current
The maximum current allowable for a single pulse of 8 x 20s exponential waveform.
Operating Ambient Temperature
−40 to +85C
...............................................................
Storage Temperature
−40 to +125C
......................................................................
Response Time
less than 35ns
............................................................................
Voltage Temperature Coefficient
less than 0.05%/C
..........................................................
Non−Linear Exponent
NTE1V010 to NTE1V075, NTE2V010 to NTE2V075
15 to 50
...........................................
NTE1V095 to NTE1V300, NTE2V095 to NTE2V480, NTE524V13 to NTE542V48
greater than 40
..........
Maximum Leakage Current
10A
..........................................................................
Rev. 4−13


Similar Part No. - NTE1V010_13

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1V010 NTE-NTE1V010_14 Datasheet
67Kb / 3P
   High Transient Current Capability
More results

Similar Description - NTE1V010_13

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
VDR34S130 HUAXINAN-VDR34S130 Datasheet
280Kb / 5P
   Metal Oxide Varistors (MOV)
34S471K HUAXINAN-34S471K Datasheet
280Kb / 5P
   Metal Oxide Varistors (MOV)
20D HUAXINAN-20D Datasheet
456Kb / 6P
   Metal Oxide Varistors (MOV)
32D HUAXINAN-32D Datasheet
191Kb / 4P
   Metal Oxide Varistors (MOV)
VDR10D180L HUAXINAN-VDR10D180L Datasheet
453Kb / 6P
   Metal Oxide Varistors (MOV)
VDR25D820K HUAXINAN-VDR25D820K Datasheet
295Kb / 6P
   Metal Oxide Varistors (MOV)
34S HUAXINAN-34S Datasheet
280Kb / 5P
   Metal Oxide Varistors (MOV)
10D HUAXINAN-10D Datasheet
453Kb / 6P
   Metal Oxide Varistors (MOV)
07D HUAXINAN-07D Datasheet
470Kb / 6P
   Metal Oxide Varistors (MOV)
VDR20D180L HUAXINAN-VDR20D180L Datasheet
456Kb / 6P
   Metal Oxide Varistors (MOV)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com