Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PYB30 Datasheet(PDF) 1 Page - CUI INC

Part # PYB30
Description  DC-DC CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PYB30 Datasheet(HTML) 1 Page - CUI INC

  PYB30 Datasheet HTML 1Page - CUI INC PYB30 Datasheet HTML 2Page - CUI INC PYB30 Datasheet HTML 3Page - CUI INC PYB30 Datasheet HTML 4Page - CUI INC PYB30 Datasheet HTML 5Page - CUI INC PYB30 Datasheet HTML 6Page - CUI INC PYB30 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
cui.com
date
08/15/2013
page
1 of 7
SERIES:
PYB30 │ DESCRIPTION: DC-DC CONVERTER
date
page
1 of 7
FEATURES
• up to 30 W isolated output
• industry standard pinout
• 4:1 input range (9~36 V, 18~75 V)
• smaller package
• single/dual/triple regulated outputs
• 1,500 Vdc isolation
• continuous short circuit, over current protection, over voltage protection
• temperature range (-40~85°C)
• six-sided metal shielding
• efficiency up to 90%
MODEL
input
voltage
output
voltage
output
current
output
power
ripple
and noise1
efficiency
typ
(Vdc)
range
(Vdc)
(Vdc)
min
(mA)
max
(mA)
max
(W)
max
(mVp-p)
typ
(%)
PYB30-Q24-S5
24
9~36
5
300
6000
30
100
88
PYB30-Q24-S12
24
9~36
12
125
2500
30
100
88
PYB30-Q24-S15
24
9~36
15
100
2000
30
100
90
PYB30-Q24-D5
24
9~36
±5
±150
±3000
30
100
86
PYB30-Q24-D12
24
9~36
±12
±63
±1250
30
100
89
PYB30-Q24-D15
24
9~36
±15
±50
±1000
30
100
90
PYB30-Q24-T312
24
9~36
3.3
±12
175
±31
3500
±625
26.5
100
85
PYB30-Q24-T315
24
9~36
3.3
±15
175
±25
3500
±500
26.5
100
86
PYB30-Q24-T512
24
9~36
5
±12
150
±31
3000
±625
30
100
88
PYB30-Q24-T515
24
9~36
5
±15
150
±25
3000
±500
30
100
88
PYB30-Q48-S5
48
18~75
5
300
6000
30
100
88
PYB30-Q48-S12
48
18~75
12
125
2500
30
100
88
PYB30-Q48-S15
48
18~75
15
100
2000
30
100
89
PYB30-Q48-D5
48
18~75
±5
±150
±3000
30
100
86
PYB30-Q48-D12
48
18~75
±12
±63
±1250
30
100
87
PYB30-Q48-D15
48
18~75
±15
±50
±1000
30
100
87
PYB30-Q48-T312
48
18~75
3.3
±12
175
±31
3500
±625
26.5
100
85
PYB30-Q48-T315
48
18~75
3.3
±15
175
±25
3500
±500
26.5
100
85
PYB30-Q48-T512
48
18~75
5
±12
150
±31
3000
±625
30
100
88
PYB30-Q48-T515
48
18~75
5
±15
150
±25
3000
±500
30
100
87
Notes:
1. Ripple and noise are measured at 20 MHz BW by “parallel cable” method


Similar Part No. - PYB30

ManufacturerPart #DatasheetDescription
logo
CUI INC
PYB30-Q24-D12 CUI-PYB30-Q24-D12 Datasheet
674Kb / 7P
   DC-DC CONVERTER
03/15/2021
PYB30-Q24-D12-U CUI-PYB30-Q24-D12-U Datasheet
658Kb / 7P
   DC-DC CONVERTER
PYB30-Q24-D12-U CUI-PYB30-Q24-D12-U Datasheet
588Kb / 7P
   DC-DC CONVERTER
06/21/2019
PYB30-Q24-D15 CUI-PYB30-Q24-D15 Datasheet
674Kb / 7P
   DC-DC CONVERTER
03/15/2021
PYB30-Q24-D15-U CUI-PYB30-Q24-D15-U Datasheet
658Kb / 7P
   DC-DC CONVERTER
More results

Similar Description - PYB30

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com