Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC847BPN-AU_S1_1001 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # BC847BPN-AU_S1_1001
Description  DUAL SURFACE MOUNT NPN/PNP TRANSISTORS (COMPLIMENTARY)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC847BPN-AU_S1_1001 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  BC847BPN-AU_S1_1001 Datasheet HTML 1Page - Pan Jit International Inc. BC847BPN-AU_S1_1001 Datasheet HTML 2Page - Pan Jit International Inc. BC847BPN-AU_S1_1001 Datasheet HTML 3Page - Pan Jit International Inc. BC847BPN-AU_S1_1001 Datasheet HTML 4Page - Pan Jit International Inc. BC847BPN-AU_S1_1001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.panjit.com
3/5/2009
Page 3
BC847BPN-AU
ORDERING INFORMATION
BC847BPN T/R7 - 3,000 units per 7 inch reel
BC847BPN T/R13 -10,000 units per 13 inch reel
PACKAGE LAYOUT AND SUGGESTED PAD DIMENSIONS
Unit inch(mm)
SOT-363
0.010(0.25)
0.054(1.35)
0.045(1.15)
0.087(2.20)
0.074(1.90)
0.030(0.75)
0.021(0.55)
0.056(1.40)
0.047(1.20)
0.012(0.30)
0.005(0.15)
0.010(0.25)
0.003(0.08)
0.004(0.10)
0.000(0.00)
SOT-363
0.018
(0.45)
0.026
(0.65)
0.026
(0.65)
Unit
inch(mm)


Similar Part No. - BC847BPN-AU_S1_1001

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BC847BPN-Q NEXPERIA-BC847BPN-Q Datasheet
267Kb / 13P
   45 V, 100 mA NPN/PNP general-purpose transistor
17 June 2021
More results

Similar Description - BC847BPN-AU_S1_1001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BC847BPN PANJIT-BC847BPN Datasheet
145Kb / 3P
   DUAL SURFACE MOUNT NPN/PNP TRANSISTORS (COMPLIMENTARY)
BC846APN PANJIT-BC846APN Datasheet
138Kb / 5P
   DUAL SURFACE MOUNT NPN/PNP TRANSISTORS (COMPLIMENTARY)
logo
Leshan Radio Company
LBC846BPDW1T1 LRC-LBC846BPDW1T1 Datasheet
253Kb / 9P
   Dual General Purpose Transistors NPN/PNP Duals (Complimentary)
LBC846BPDW1T1G LRC-LBC846BPDW1T1G_11 Datasheet
169Kb / 9P
   Dual General Purpose Transistors NPN/PNP Duals (Complimentary)
logo
ON Semiconductor
EMF18XV6T5 ONSEMI-EMF18XV6T5 Datasheet
62Kb / 5P
   Dual Transistor ??Power Management NPN/PNP Dual (Complimentary)
October, 2005 ??Rev. 1
logo
AiT Semiconductor Inc.
BC846BPDW AITSEMI-BC846BPDW Datasheet
987Kb / 11P
   GENERAL PURPOSE TRANSISTOR NPN/PNP DUAL (COMPLIMENTARY)
REV1.1
logo
Solid States Devices, I...
TR0032F SSDI-TR0032F Datasheet
139Kb / 2P
   Complimentary NPN & PNP Transistor
logo
Pan Jit International I...
MMDT3906 PANJIT-MMDT3906 Datasheet
179Kb / 4P
   DUAL SURFACE MOUNT PNP TRANSISTORS
MMDT3904 PANJIT-MMDT3904 Datasheet
207Kb / 4P
   DUAL SURFACE MOUNT NPN TRANSISTORS
MMDT2222A PANJIT-MMDT2222A_09 Datasheet
167Kb / 4P
   DUAL SURFACE MOUNT NPN TRANSISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com